Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71-002-1P-4C3.123-P1 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 71-002-1P-4C3.123-P1
Description  Single Row Strips with Solid Wire
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

71-002-1P-4C3.123-P1 Datasheet(HTML) 2 Page - Glenair, Inc.

  71-002-1P-4C3.123-P1 Datasheet HTML 1Page - Glenair, Inc. 71-002-1P-4C3.123-P1 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
U.S. CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2011 Glenair, Inc.
Printed in U.S.A.
Q
Q-8
Dimensions
# of
Cavities
(A)
B Max.
C
# of
Cavities
(A)
B Max.
C
In.
mm.
In.
mm.
In.
mm.
In.
mm.
In.
mm.
In.
mm.
1
-
-
.085
2.16
N/A
N/A
16
.750
19.05
.835
21.21
.650
16.51
2
.050
1.27
.135
3.43
N/A
N/A
17
.800
20.32
.885
22.48
.700
17.78
3
.100
2.54
.185
4.70
N/A
N/A
18
.850
21.59
.935
23.75
.750
19.05
4
.150
3.81
.235
5.97
N/A
N/A
19
.900
22.86
.985
25.02
.800
20.32
5
.200
5.08
.285
7.24
N/A
N/A
20
.950
24.13
1.035
26.29
.850
21.59
6
.250
6.35
.335
8.51
N/A
N/A
21
1.000
25.40
1.085
27.56
.900
22.86
7
.300
7.62
.385
9.78
.200
5.08
22
1.050
26.67
1.135
28.83
.950
24.13
8
.350
8.89
.435
11.05
.250
6.35
23
1.100
27.94
1.185
30.10
1.000
25.4
9
.400
10.16
.485
12.32
.300
7.62
24
1.150
29.21
1.235
31.37
1.050
26.67
10
.450
11.43
.535
13.59
.350
8.89
25
1.200
30.48
1.285
32.64
1.100
27.94
11
.500
12.70
.585
14.86
.400
10.16
26
1.250
31.75
1.335
33.91
1.150
29.21
12
.550
13.97
.635
16.13
.450
11.43
27
1.300
33.02
1.385
35.18
1.200
30.48
13
.600
15.24
.685
17.40
.500
12.7
28
1.350
34.29
1.435
36.45
1.250
31.75
14
.650
16.51
.735
18.67
.550
13.97
29
1.400
35.56
1.485
37.72
1.300
33.02
15
.700
17.78
.785
19.94
.600
15.24
30
1.450
36.83
1.535
38.99
1.350
34.29
.075
(1.91)
TYP
.110 (2.79)
MAX
.050 (1.27)
MAX
.050 (1.27)
MAX
MAX
(A)
(A)
B
C
2Xø.062
(1.57)
2Xø.062 (1.57)
.135/.116
(3.43/2.95)
.200 (5.08) REF
C
B
.062 (1.57)
.075 (1.91) TYP
MIN
LENGTH
MIN
LENGTH
.300 (7.62)
.075 (1.91)
.075 (1.91)
.075 (1.91)
.075 (1.91)
.125 (3.18)
.125 (3.18)
PIN CONNECTOR
SOCKET CONNECTOR
Center Latch Locations
Even Number of Cavities
Odd Number of Cavities
CAVITY 1
PIN CONNECTOR SOCKET CONNECTOR
CAVITY 1
Latch placed on next lower cavity prior to centerline.
Latch position = (# of Cavities) ÷ 2.
CAVITY 1
PIN CONNECTOR SOCKET CONNECTOR
CAVITY 1
Latch placed in cavity on centerline.
Latch Position = (# of Cavities+1) ÷ 2.
Series 171 MicroStrips
Single Row Strips with Solid or Stranded Wire
171-002 and 171-003
.125 (3.18)
.125 (3.18)


Similar Part No. - 71-002-1P-4C3.123-P1

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
71-0.2 SIPAT-71-0.2 Datasheet
193Kb / 3P
   71MHz SAW Filter 0.2MHz Bandwidth
More results

Similar Description - 71-002-1P-4C3.123-P1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
171-003 GLENAIR-171-003 Datasheet
535Kb / 2P
   Single Row Strips with Insulated Wire
171-001 GLENAIR-171-001 Datasheet
607Kb / 2P
   Single Row Strips with Solder Cups
logo
Precid-Dip Durtal SA
460-10-216-00-001 PREDIP-460-10-216-00-001 Datasheet
70Kb / 1P
   PCB Header Strips Single row / double row Wire-wrap / solder tail
logo
Glenair, Inc.
171-008 GLENAIR-171-008 Datasheet
542Kb / 2P
   Single Row Surface Mount Strips
logo
Major League Electronic...
SSHS-1-S MAJOR-LEAGUE-SSHS-1-S Datasheet
83Kb / 2P
   .100 cl Single Row Socket Strips - Straight
TSHS-6-S MAJOR-LEAGUE-TSHS-6-S Datasheet
73Kb / 1P
   .050 cl Single Row - Straight terminal Strips
BSTS-1-S MAJOR-LEAGUE-BSTS-1-S Datasheet
273Kb / 1P
   .100cl Single Row Board Stacker Terminal Strips
SSHR-2-S MAJOR-LEAGUE-SSHR-2-S Datasheet
117Kb / 2P
   .079cl Single Row Socket Strips - Right Angle
SSHS-6-S MAJOR-LEAGUE-SSHS-6-S Datasheet
230Kb / 1P
   .050 cl Single Row - Straight Socket Strips
logo
Glenair, Inc.
171-004 GLENAIR-171-004 Datasheet
953Kb / 4P
   Single Row Thru-Hole Board Mount Strips
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com