Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VX-705 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # VX-705
Description  Voltage Controlled Crystal Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VX-705 Datasheet(HTML) 3 Page - Vectron International, Inc

  VX-705 Datasheet HTML 1Page - Vectron International, Inc VX-705 Datasheet HTML 2Page - Vectron International, Inc VX-705 Datasheet HTML 3Page - Vectron International, Inc VX-705 Datasheet HTML 4Page - Vectron International, Inc VX-705 Datasheet HTML 5Page - Vectron International, Inc VX-705 Datasheet HTML 6Page - Vectron International, Inc VX-705 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Table 2. Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Power Supply
V
DD
0 to 6
V
Voltage Control Range
V
C
0 to V
CC
V
Storage Temperature
TS
-55 to 125
°C
Soldering Temp/Time
T
LS
260 / 20
°C / sec
Stresses in excess of the absolute maximum ratings can permanently damage the device. Functional operation is not implied at these or
any other conditions in excess of conditions represented in the operational sections of this datasheet. Exposure to absolute maximum
ratings for extended periods may adversely affect device reliability. Permanent damage is also possible if OD or Vc is applied before Vcc.
Typical Phase Noise
Typical Gain
Typical Characteristics - Phase Noise and Gain Curve
I
DD
V
DD
V
C
I
C
15pF
6
13
4
.1μF
.01μF
+
-
+
-
Fig 1: Test Circuit
t
R
t
F
0.8*VDD
0.2*VDD
50%
On Time
Period
Fig 2: Waveform
VX-705 @ 122.88 MHz
-200
-150
-100
-50
0
50
100
150
0
0.5
1
1.5
2
2.5
3
Vc (volts)
0
20
40
60
80
100
120
Pull
Gain
Test Circuit
Waveform
Page3
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Rev: 12/02/2010


Similar Part No. - VX-705

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VX-705 VECTRON-VX-705 Datasheet
438Kb / 9P
   Voltage Controlled Crystal Oscillator
VX-705-EAT-KXAN VECTRON-VX-705-EAT-KXAN Datasheet
438Kb / 9P
   Voltage Controlled Crystal Oscillator
VX-705 VECTRON-VX-705_11 Datasheet
438Kb / 9P
   Voltage Controlled Crystal Oscillator
VX-705 VECTRON-VX-705_12 Datasheet
995Kb / 8P
   Voltage Controlled Crystal Oscillator
More results

Similar Description - VX-705

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
   Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
Advanced XTAL Products
AXIS7050C63 AXTAL-AXIS7050C63 Datasheet
265Kb / 1P
   Voltage Controlled Crystal Oscillator
logo
Epson ToYoCom
TCO-291J EPSONTOYOCOM-TCO-291J Datasheet
341Kb / 2P
   VOLTAGE -CONTROLLED CRYSTAL OSCILLATOR
logo
Vectron International, ...
VXCO-5000-DAE-G VECTRON-VXCO-5000-DAE-G Datasheet
377Kb / 5P
   Voltage Controlled Crystal Oscillator
logo
MTRONPTI
XO7080 MTRONPTI-XO7080 Datasheet
57Kb / 2P
   Voltage Controlled Crystal Oscillator
logo
Vectron International, ...
VX-260 VECTRON-VX-260 Datasheet
290Kb / 4P
   Voltage Controlled Crystal Oscillator
VX-703 VECTRON-VX-703 Datasheet
470Kb / 6P
   Voltage Controlled Crystal Oscillator
VCXO-700-ECT-KX VECTRON-VCXO-700-ECT-KX Datasheet
311Kb / 6P
   Voltage Controlled Crystal Oscillator
VVC1 VECTRON-VVC1_09 Datasheet
170Kb / 6P
   Voltage Controlled Crystal Oscillator
logo
Crystek Corporation
CVPD-920 CRYSTEKCRYSTAL-CVPD-920_15 Datasheet
121Kb / 1P
   Voltage Controlled Crystal Oscillator
CVXO-018T CRYSTEKCRYSTAL-CVXO-018T_15 Datasheet
66Kb / 1P
   Voltage Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com