Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VV-800-DAW-PABN Datasheet(PDF) 6 Page - Vectron International, Inc

Part # VV-800-DAW-PABN
Description  Voltage Controlled Crystal Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VV-800-DAW-PABN Datasheet(HTML) 6 Page - Vectron International, Inc

  VV-800-DAW-PABN Datasheet HTML 1Page - Vectron International, Inc VV-800-DAW-PABN Datasheet HTML 2Page - Vectron International, Inc VV-800-DAW-PABN Datasheet HTML 3Page - Vectron International, Inc VV-800-DAW-PABN Datasheet HTML 4Page - Vectron International, Inc VV-800-DAW-PABN Datasheet HTML 5Page - Vectron International, Inc VV-800-DAW-PABN Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Table 8. Standard Output Frequencies (MHz)
3.600000
4.096000
8.192000
10.000000
12.960000
13.500000
14.318180
15.360000
16.000000
16.384000
19.200000
19.440000
20.000000
25.000000
26.000000
27.000000
28.37500
30.720000
32.768000
34.560000
38.400000
38.785000
39.321600
40.000000
44.736000
45.000000
50.000000
51.840000
62.208000
65.468000
70.000000
74.175800
74.528000
77.760000
Page6
Ordering Information
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Disclaimer
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application.
No rights under any patent accompany the sale of any such product(s) or information.
Rev: 6/21/2010
For Additional Information, Please Contact
USA:
Vectron International
267 Lowell Road
Hudson, NH 03051
Tel: 1.888.328.7661
Fax: 1.888.329.8328
Europe:
Vectron International
Landstrasse, D-74924
Neckarbischofsheim, Germany
Tel: +49 (0) 3328.4784.17
Fax: +49 (0) 3328.4784.30
Asia:
VI Shanghai
1589 Century Avenue, the 19th Floor
Chamtime International Financial Center
Shanghai, China
Tel: 86.21.6081.2888
Fax: 86.21.6163.3598
VV-800- D A W - K A A N- 39M3216000
Product
VCXO, 3.2x5 Package
Voltage Options
D: +5 Vdc
E: +3.3 Vdc
Output
A: CMOS
Enable/Disable
A: Enable High
Frequency in MHz
*Note: not all combination of options are available.
Other specifications may be available upon request.
Temp Range
W: -10/70°C
E: -40/85°C
Custom Options
N: Standard Option
E: Control Voltage > 2Mohm
Absolute Pull Range
K: ±50ppm
P: ±80ppm
S: ±100ppm
Enable/Disable Pin
A: Pin 2
B: Pin 5
Example: VV-800-EAE-KAAN-51M8400000


Similar Part No. - VV-800-DAW-PABN

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VV-800 VECTRON-VV-800_12 Datasheet
199Kb / 6P
   Voltage Controlled Crystal Oscillator Previous Vectron Model VVC4
More results

Similar Description - VV-800-DAW-PABN

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
   Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
Advanced XTAL Products
AXIS7050C63 AXTAL-AXIS7050C63 Datasheet
265Kb / 1P
   Voltage Controlled Crystal Oscillator
logo
Epson ToYoCom
TCO-291J EPSONTOYOCOM-TCO-291J Datasheet
341Kb / 2P
   VOLTAGE -CONTROLLED CRYSTAL OSCILLATOR
logo
Vectron International, ...
VXCO-5000-DAE-G VECTRON-VXCO-5000-DAE-G Datasheet
377Kb / 5P
   Voltage Controlled Crystal Oscillator
logo
MTRONPTI
XO7080 MTRONPTI-XO7080 Datasheet
57Kb / 2P
   Voltage Controlled Crystal Oscillator
logo
Vectron International, ...
VX-260 VECTRON-VX-260 Datasheet
290Kb / 4P
   Voltage Controlled Crystal Oscillator
VX-703 VECTRON-VX-703 Datasheet
470Kb / 6P
   Voltage Controlled Crystal Oscillator
VCXO-700-ECT-KX VECTRON-VCXO-700-ECT-KX Datasheet
311Kb / 6P
   Voltage Controlled Crystal Oscillator
VVC1 VECTRON-VVC1_09 Datasheet
170Kb / 6P
   Voltage Controlled Crystal Oscillator
logo
Crystek Corporation
CVPD-920 CRYSTEKCRYSTAL-CVPD-920_15 Datasheet
121Kb / 1P
   Voltage Controlled Crystal Oscillator
CVXO-018T CRYSTEKCRYSTAL-CVXO-018T_15 Datasheet
66Kb / 1P
   Voltage Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com