Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VX-700 Datasheet(PDF) 5 Page - Vectron International, Inc

Part # VX-700
Description  Voltage Controlled Crystal Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VX-700 Datasheet(HTML) 5 Page - Vectron International, Inc

  VX-700 Datasheet HTML 1Page - Vectron International, Inc VX-700 Datasheet HTML 2Page - Vectron International, Inc VX-700 Datasheet HTML 3Page - Vectron International, Inc VX-700 Datasheet HTML 4Page - Vectron International, Inc VX-700 Datasheet HTML 5Page - Vectron International, Inc VX-700 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Tape & Reel (EIA-481-2-A)
Table 7. Tape and Reel Information
Tape Dimensions (mm)
Reel Dimensions (mm)
Dimension
W
F
Do
Po
P1
A
B
C
D
N
W1
W2
# Per
Reel
Tolerance
Typ
Typ
Typ
Typ
Typ
Typ
Min
Typ
Min
Min
Typ
Max
VX-700
16
7.5
1.5
4
8
178
1.5
13
20.2
50
16.4
22.4
200
IR
IR Reflow
Table 6. Reflow Profile (IPC/JEDEC J-STD-020C)
Parameter
Symbol
Value
PreHeat Time
Ts-min
Ts-max
t
S
60 sec Min, 180 sec Max
150°C
200°C
Ramp Up
R
UP
3 °C/sec Max
Time Above 217 °C
t
L
60 sec Min, 150 sec Max
Time To Peak Temperature
T
25C to peak
480 sec Max
Time at 260 °C
t
P
20 sec Min, 40 sec Max
Ramp Down
R
DN
6 °C/sec Max
The device is qualified to meet the JEDEC
standard for Pb-Free assembly. The
temperatures and time intervals listed
are based on the Pb-Free small body
requirements. The VX-700 device is
hermetically sealed so an aqueous wash is
not an issue.
Termination Plating:
Electroless Gold Plate over Nickel Plate
Page5
Rev: 11/24/2009
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com


Similar Part No. - VX-700

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VX-700 VECTRON-VX-700 Datasheet
366Kb / 6P
   Voltage Controlled Crystal Oscillator
VX-700-ECE-KXAN VECTRON-VX-700-ECE-KXAN Datasheet
366Kb / 6P
   Voltage Controlled Crystal Oscillator
VX-700 VECTRON-VX-700_11 Datasheet
366Kb / 6P
   Voltage Controlled Crystal Oscillator
VX-700 VECTRON-VX-700_12 Datasheet
352Kb / 6P
   Voltage Controlled Crystal Oscillator Previous Vectron Model VC-710
More results

Similar Description - VX-700

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
   Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
Advanced XTAL Products
AXIS7050C63 AXTAL-AXIS7050C63 Datasheet
265Kb / 1P
   Voltage Controlled Crystal Oscillator
logo
Epson ToYoCom
TCO-291J EPSONTOYOCOM-TCO-291J Datasheet
341Kb / 2P
   VOLTAGE -CONTROLLED CRYSTAL OSCILLATOR
logo
Vectron International, ...
VXCO-5000-DAE-G VECTRON-VXCO-5000-DAE-G Datasheet
377Kb / 5P
   Voltage Controlled Crystal Oscillator
logo
MTRONPTI
XO7080 MTRONPTI-XO7080 Datasheet
57Kb / 2P
   Voltage Controlled Crystal Oscillator
logo
Vectron International, ...
VX-260 VECTRON-VX-260 Datasheet
290Kb / 4P
   Voltage Controlled Crystal Oscillator
VX-703 VECTRON-VX-703 Datasheet
470Kb / 6P
   Voltage Controlled Crystal Oscillator
VCXO-700-ECT-KX VECTRON-VCXO-700-ECT-KX Datasheet
311Kb / 6P
   Voltage Controlled Crystal Oscillator
VVC1 VECTRON-VVC1_09 Datasheet
170Kb / 6P
   Voltage Controlled Crystal Oscillator
logo
Crystek Corporation
CVPD-920 CRYSTEKCRYSTAL-CVPD-920_15 Datasheet
121Kb / 1P
   Voltage Controlled Crystal Oscillator
CVXO-018T CRYSTEKCRYSTAL-CVXO-018T_15 Datasheet
66Kb / 1P
   Voltage Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com