Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VX-4090-DAB-BCSX Datasheet(PDF) 2 Page - Vectron International, Inc

Part # VX-4090-DAB-BCSX
Description  Hi-Reliability Voltage Controlled Crystal Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VX-4090-DAB-BCSX Datasheet(HTML) 2 Page - Vectron International, Inc

  VX-4090-DAB-BCSX Datasheet HTML 1Page - Vectron International, Inc VX-4090-DAB-BCSX Datasheet HTML 2Page - Vectron International, Inc VX-4090-DAB-BCSX Datasheet HTML 3Page - Vectron International, Inc VX-4090-DAB-BCSX Datasheet HTML 4Page - Vectron International, Inc VX-4090-DAB-BCSX Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Performance Speci cations
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Parameter
Min
Typ
Max
Units
Condition
Frequency Tuning (EFC)
Tuning Range
+0.5
+4.5
VDC
Linearity
+20
%
Input Impedance
>10
kohm
Absolute Maximum Ratings
Supply voltage (Vs)
-0.5
+6.0
VDC
DC Input Current
50
mA
Lead Temperature (Soldering, 10 seconds)
300
°C
Storage temperature range
-62
+125
°C
Environmental Characteristics
Sine Vibration
Mil-STD-202, Method 204, TC “D”
Random Vibration
Mil-STD-202, Method 214 TC “I-K” (15 minutes per axis)
Shock
Mil-STD-202, Method 213, TC “F”
Acceleration
Mil-STD-883, Method 2001, TC “A”
Altitude
50,000 feet minimum to deep space
Radiation
Radiation testing is not performed, but these VCXOs have been acceptable for use in
environments up to 100K rads by analysis of the components used. They are assembled
with all bipolar semiconductors with the exception of the ACMOS chip used for the
CMOS output which is purchased from a wafer that has been tested to a minimum of
100K rads total dose. A copy of the parts list and materials can be provided for review.
Manufacturing Information
QUARTZ CRYSTAL
For the ight models, swept quartz shall be used in the manufacture of the crystals. For the Engineering models, non-swept quartz
shall be used.
TRAVELLERS
Travellers or Process Cards are used in the manufacturing and testing of all of the 1794 Series VCXOs and are available for customer
review. Copies of these Travellers can be provided with the VCXOs at time of shipment if so speci ed on the purchase order.
TRACEABILITY and HOMOGENEOUS MATERIAL
Option Codes ‘S’ & ‘R’ only
Manufacturing lot and date code information shall be recorded, by VCXO serial number, of every component and all materials used in
the manufacture of that VCXO. Also all semiconductors used in the manufacture of any given Production Lot of VCXOs, shall be from
the wafer and have the same manufacturing lot date code. A Production Lot, as de ned by Vectron, is all oscillators that have been
kitted and assembled as a single group. After the initial kitting and assembly, this Production Lot may be divided into multiple sublots
to facilitate alignment and test capacity and may be sealed at multiple times within a 13 week window.
TEST DATA
All Test Data is recorded by VCXO serial number. Copies of this data can be provided with the VCXOs at time of shipment if so speci-
ed on the purchase order.
REWORK
All rework follows the requirements of Mil-PRF-55310 Class ‘S’ for Option Code ‘S’ and Class ‘B’ for Option Codes ‘R’, ‘B’ and ‘C’. The only
exception is the Select-At-Test components may be replaced up to four times.


Similar Part No. - VX-4090-DAB-BCSX

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VX-400 VECTRON-VX-400 Datasheet
194Kb / 4P
   High Temperature Voltage Control Crystal Oscillator
VX-401-DUAL VECTRON-VX-401-DUAL Datasheet
420Kb / 6P
   Voltage Controlled Crystal Oscillator
More results

Similar Description - VX-4090-DAB-BCSX

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VX-209 VECTRON-VX-209 Datasheet
340Kb / 4P
   Hi-Reliability Voltage Controlled Crystal Oscillator
VX-509 VECTRON-VX-509 Datasheet
350Kb / 4P
   Hi-Reliability Voltage Controlled Crystal Oscillator
VX-189 VECTRON-VX-189 Datasheet
373Kb / 4P
   Hi-Reliability Voltage Controlled Crystal Oscillator
PX-209 VECTRON-PX-209 Datasheet
310Kb / 4P
   Hi-Reliability Crystal Oscillator
PX-369 VECTRON-PX-369 Datasheet
360Kb / 4P
   Hi-Reliability Crystal Oscillator
EX-209 VECTRON-EX-209 Datasheet
151Kb / 6P
   Hi-Reliability Evacuated Miniature Crystal Oscillator
EX-2090-DAE-002S VECTRON-EX-2090-DAE-002S Datasheet
675Kb / 5P
   Hi-Reliability Evacuated Miniature Crystal Oscillator
EX-245 VECTRON-EX-245 Datasheet
431Kb / 6P
   Hi-Reliability Evacuated Miniature Crystal Oscillator
EX-209 VECTRON-EX-209_12 Datasheet
151Kb / 6P
   Hi-Reliability Evacuated Miniature Crystal Oscillator
EX-219 VECTRON-EX-219 Datasheet
800Kb / 9P
   Hi-Reliability Evacuated Miniature Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com