Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VX-501-DUAL Datasheet(PDF) 4 Page - Vectron International, Inc

Part # VX-501-DUAL
Description  Base Stations
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VX-501-DUAL Datasheet(HTML) 4 Page - Vectron International, Inc

  VX-501-DUAL Datasheet HTML 1Page - Vectron International, Inc VX-501-DUAL Datasheet HTML 2Page - Vectron International, Inc VX-501-DUAL Datasheet HTML 3Page - Vectron International, Inc VX-501-DUAL Datasheet HTML 4Page - Vectron International, Inc VX-501-DUAL Datasheet HTML 5Page - Vectron International, Inc VX-501-DUAL Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
VX-501-DUAL
VCXO
Vectron International · www.vectron.com
v.2008-10-13 · page 4 of 6
Vectron International
Headquarters
267 Lowell Road
Hudson, New Hampshire 03051
+1-888-328-7661 tel
+1-888-329-8328 fax
Vectron International LLC.
100 W atts Street
Mount Holly Springs, PA 17065
USA
+1-717-486-3411 tel
+1-717-486-5920 fax
Vectron international GmbH & Co. KG
Landstrasse
D-74924 Neckarbischofsheim
Germany
+49-07268-801-0 tel
+49-07268-801-281 fax
Vectron Asia Pacific Sales Office
1F-2F, No 8 W orkshop, No 308 Fenju
Road, W aiGaoQiao Free Trade Zone,
Pudong, Shanghai, P.R. China 200131
+86 21 5048 0777 tel.
+86 21 5048 1881 fax
Typical Phase Noise and Jitter
(155,52 MHz; PECL output)
Frequency range [Hz]
S
φ(f) [dB]
Jitter [ps rms]
12kHz to 20MHz
-65.34dB
0.2ps
Typical Phase Noise and Jitter
(155,52MHz; LVDS output)
(622,08MHz; PECL output)
Frequency range [Hz]
S
φ(f) [dB]
Jitter [ps rms]
Frequency range [Hz]
S
φ(f) [dB]
Jitter [ps rms]
12kHz to 20MHz
-76dB
0.162ps
12kHz to 20MHz
-70dB
0.05ps


Similar Part No. - VX-501-DUAL

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VX-501-0275-491M52 VECTRON-VX-501-0275-491M52 Datasheet
515Kb / 5P
   Helping Customers Innovate, Improve & Grow
More results

Similar Description - VX-501-DUAL

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C2400 VECTRON-C2400_06 Datasheet
105Kb / 5P
   PCS Base Stations
C2420 VECTRON-C2420_06 Datasheet
108Kb / 6P
   PCS Base Stations
MX-042 VECTRON-MX-042 Datasheet
241Kb / 5P
   LTE Base Stations
C2530 VECTRON-C2530_06 Datasheet
115Kb / 5P
   PCS Base Stations
C5410 VECTRON-C5410 Datasheet
90Kb / 5P
   Base Stations Test Equipment Switching
logo
TDK Electronics
B39192B5187U510 TDK-B39192B5187U510 Datasheet
259Kb / 14P
   SAW diplexer for base stations
B39191B5260H810 TDK-B39191B5260H810 Datasheet
80Kb / 7P
   SAW IF filter for base stations
B39202B5184U410 TDK-B39202B5184U410 Datasheet
112Kb / 7P
   SAW RF filter for base stations
B39182B4182U410 TDK-B39182B4182U410 Datasheet
127Kb / 9P
   SAW RF filter for base stations
B39881B4125U410 TDK-B39881B4125U410 Datasheet
194Kb / 9P
   SAW RF filter for base stations
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com