Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VX-4090-DAJ-ACSX Datasheet(PDF) 3 Page - Vectron International, Inc

Part # VX-4090-DAJ-ACSX
Description  Hi-Reliability Voltage Controlled Crystal Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VX-4090-DAJ-ACSX Datasheet(HTML) 3 Page - Vectron International, Inc

  VX-4090-DAJ-ACSX Datasheet HTML 1Page - Vectron International, Inc VX-4090-DAJ-ACSX Datasheet HTML 2Page - Vectron International, Inc VX-4090-DAJ-ACSX Datasheet HTML 3Page - Vectron International, Inc VX-4090-DAJ-ACSX Datasheet HTML 4Page - Vectron International, Inc VX-4090-DAJ-ACSX Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CONSTRUCTION, SCREENING & TESTING OPTIONS
NOTE: For Engineering or Prototype TCXOs requiring basic electrical testing only and no Screening, or Groups ‘A’ and ‘B’Testing, use
the code letter ‘E’.
Operation \ Code
“S”
“R”
“C”
“B”
Design, Construction
& Component Screen
(see Mfging Section)
Mil-PRF-55310 Class ‘S’
Mil-PRF-55310 Class ‘B’
Mil-PRF-55310 Class ‘B’
Mil-PRF-55310 Class ‘B’
Workmanship
M883, Method
2017 for Class ‘S’
M883, Method
2017 for Class ‘B’
M883, Method
2017 for Class ‘B’
M883, Method
2017 for Class ‘B’
Screening
Mil-PRF-55310 Class ‘S’
Mil-PRF-55310 Class ‘S’
Mil-PRF-55310 Class ‘B’
modi ed
Mil-PRF-55310 Class ‘B’
Non-Destruct Wire
Bond Pull
100%
100%
N/A
N/A
Internal Visual
M883, Method
2017 for Class ‘S’
M883, Method
2017 for Class ‘B’
M883, Method
2017 for Class ‘B’
M883, Method
2017 for Class ‘B’
Stabilization Bake
48 hrs minimum @
+150°C
48 hrs minimum @
+150°C
48 hrs minimum @
+150°C
48 hrs minimum @
+150°C
Thermal Shock
M883, Method
1011, TC ‘A’
M883, Method
1011, TC ‘A’
N/A
N/A
Constant Acceleration
M883, Method
2001, TC ‘A’ (5000
gs, Y1 Axis only)
M883, Method
2001, TC ‘A’ (5000
gs, Y1 Axis only)
M883, Method
2001, TC ‘A’ (5000
gs, Y1 Axis only)
M883, Method
2001, TC ‘A’ (5000
gs, Y1 Axis only)
Seal Test ( ne & gross)
100%
100%
100%
100%
PIND
M883, Method
2020, TC ‘B’
M883, Method
2020, TC ‘B’
M883, Method
2020, TC ‘B’
N/A
Electrical Test Frequency,
Output levels, Input
Current
@ +25°C only
@ +25°C only
@ +25°C only
@ +25°C only
Burn-In
(Powered with load)
+125°C for 240 hours
+125°C for 240 hours
+125°C for 160 hours
+125°C for 160 hours
Electrical Test Frequency,
Output levels, Input
Current
@ +25°C & Temp
Extremes speci ed
in Table II
@ +25°C & Temp
Extremes speci ed
in Table II
@ +25°C & Temp
Extremes speci ed
in Table II
@ +25°C & Temp
Extremes speci ed
in Table II
PDA
2% applies to Input
Current @ +25°C
2% applies to Input
Current @ +25°C
10% applies to Input
Current @ +25°C
10% applies to Input
Current @ +25°C
Radiographic
M883, Method 2012
M883, Method 2012
N/A
N/A
Group ‘A’
100%
100%
Sample per
Mil-PRF-55310
Sample per
Mil-PRF-55310
Group ‘B’ (30 day Aging
@ +70°C)
100%
100%
Sample per
Mil-PRF-55310
Sample per
Mil-PRF-55310
Performance Speci cations
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com


Similar Part No. - VX-4090-DAJ-ACSX

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VX-400 VECTRON-VX-400 Datasheet
194Kb / 4P
   High Temperature Voltage Control Crystal Oscillator
VX-401-DUAL VECTRON-VX-401-DUAL Datasheet
420Kb / 6P
   Voltage Controlled Crystal Oscillator
More results

Similar Description - VX-4090-DAJ-ACSX

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VX-209 VECTRON-VX-209 Datasheet
340Kb / 4P
   Hi-Reliability Voltage Controlled Crystal Oscillator
VX-509 VECTRON-VX-509 Datasheet
350Kb / 4P
   Hi-Reliability Voltage Controlled Crystal Oscillator
VX-189 VECTRON-VX-189 Datasheet
373Kb / 4P
   Hi-Reliability Voltage Controlled Crystal Oscillator
PX-209 VECTRON-PX-209 Datasheet
310Kb / 4P
   Hi-Reliability Crystal Oscillator
PX-369 VECTRON-PX-369 Datasheet
360Kb / 4P
   Hi-Reliability Crystal Oscillator
EX-209 VECTRON-EX-209 Datasheet
151Kb / 6P
   Hi-Reliability Evacuated Miniature Crystal Oscillator
EX-2090-DAE-002S VECTRON-EX-2090-DAE-002S Datasheet
675Kb / 5P
   Hi-Reliability Evacuated Miniature Crystal Oscillator
EX-245 VECTRON-EX-245 Datasheet
431Kb / 6P
   Hi-Reliability Evacuated Miniature Crystal Oscillator
EX-209 VECTRON-EX-209_12 Datasheet
151Kb / 6P
   Hi-Reliability Evacuated Miniature Crystal Oscillator
EX-219 VECTRON-EX-219 Datasheet
800Kb / 9P
   Hi-Reliability Evacuated Miniature Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com