Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VX-4090-DAB-ACSX Datasheet(PDF) 5 Page - Vectron International, Inc

Part # VX-4090-DAB-ACSX
Description  Hi-Reliability Voltage Controlled Crystal Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VX-4090-DAB-ACSX Datasheet(HTML) 5 Page - Vectron International, Inc

  VX-4090-DAB-ACSX Datasheet HTML 1Page - Vectron International, Inc VX-4090-DAB-ACSX Datasheet HTML 2Page - Vectron International, Inc VX-4090-DAB-ACSX Datasheet HTML 3Page - Vectron International, Inc VX-4090-DAB-ACSX Datasheet HTML 4Page - Vectron International, Inc VX-4090-DAB-ACSX Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Ordering Information
VX - 409 0 - D A E - F CS X - 10M0000000
Product Family
VX: VCXO
Package
13 x 20 mm
Height
0: A0.39”
Supply Voltage
D: 5 Vdc
Stability Code
A: ±20ppm
B: ±25ppm
F: ±30ppm
K: ±40ppm
Frequency
Platform Code
Deviation Option (1st digit)
A: ±65ppm
B: ±70ppm
C: ±75ppm
D: ±85ppm
Screening Option (2nd digit)
S: Class “S” Level Screening
R: Class “S”, Class B components
C: “C” Class B modi ed
B: Class “B” Level Screening
E: Engineering Model
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Disclaimer
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application.
No rights under any patent accompany the sale of any such product(s) or information.
Rev: 2/23/2009 daf
For Additional Information, Please Contact
USA:
Vectron International
267 Lowell Road
Hudson, NH 03051
Tel: 1.888.328.7661
Fax: 1.888.329.8328
Europe:
Vectron International
Landstrasse, D-74924
Neckarbischofsheim, Germany
Tel: +49 (0) 3328.4784.17
Fax: +49 (0) 3328.4784.30
Asia:
Vectron International
1F-2F, No 8 Workshop, No 308 Fenju Road
WaiGaoQiao Free Trade Zone
Pudong, Shanghai, China 200131
Tel: 86.21.5048.0777
Fax: 86.21.5048.1881
RF Output Code
A: CMOS
Temperature Range
B: -55… +105°C
E: -40… +85°C
J: -20… +70°C
P: 0… +50°C
Notes:
Contact factory for improved stabilities or additional product options. Not all options and codes are available at all
1.
frequencies.
Unless other stated all values are valid after warm-up time and refer to typical conditions for supply voltage, frequency
2.
control voltage, load, temperature (25°C).
Phase noise degrades with increasing output frequency.
3.
Subject to technical modi cation.
4.
Contact factory for availability.
5.
Platform Code
X: Not Used


Similar Part No. - VX-4090-DAB-ACSX

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VX-400 VECTRON-VX-400 Datasheet
194Kb / 4P
   High Temperature Voltage Control Crystal Oscillator
VX-401-DUAL VECTRON-VX-401-DUAL Datasheet
420Kb / 6P
   Voltage Controlled Crystal Oscillator
More results

Similar Description - VX-4090-DAB-ACSX

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VX-209 VECTRON-VX-209 Datasheet
340Kb / 4P
   Hi-Reliability Voltage Controlled Crystal Oscillator
VX-509 VECTRON-VX-509 Datasheet
350Kb / 4P
   Hi-Reliability Voltage Controlled Crystal Oscillator
VX-189 VECTRON-VX-189 Datasheet
373Kb / 4P
   Hi-Reliability Voltage Controlled Crystal Oscillator
PX-209 VECTRON-PX-209 Datasheet
310Kb / 4P
   Hi-Reliability Crystal Oscillator
PX-369 VECTRON-PX-369 Datasheet
360Kb / 4P
   Hi-Reliability Crystal Oscillator
EX-209 VECTRON-EX-209 Datasheet
151Kb / 6P
   Hi-Reliability Evacuated Miniature Crystal Oscillator
EX-2090-DAE-002S VECTRON-EX-2090-DAE-002S Datasheet
675Kb / 5P
   Hi-Reliability Evacuated Miniature Crystal Oscillator
EX-245 VECTRON-EX-245 Datasheet
431Kb / 6P
   Hi-Reliability Evacuated Miniature Crystal Oscillator
EX-209 VECTRON-EX-209_12 Datasheet
151Kb / 6P
   Hi-Reliability Evacuated Miniature Crystal Oscillator
EX-219 VECTRON-EX-219 Datasheet
800Kb / 9P
   Hi-Reliability Evacuated Miniature Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com