Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VV-701-DAT-KEAB Datasheet(PDF) 6 Page - Vectron International, Inc

Part # VV-701-DAT-KEAB
Description  Voltage Controlled Crystal Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VV-701-DAT-KEAB Datasheet(HTML) 6 Page - Vectron International, Inc

  VV-701-DAT-KEAB Datasheet HTML 1Page - Vectron International, Inc VV-701-DAT-KEAB Datasheet HTML 2Page - Vectron International, Inc VV-701-DAT-KEAB Datasheet HTML 3Page - Vectron International, Inc VV-701-DAT-KEAB Datasheet HTML 4Page - Vectron International, Inc VV-701-DAT-KEAB Datasheet HTML 5Page - Vectron International, Inc VV-701-DAT-KEAB Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Example: VV-701-EAE-KNAB-51M8400000
Table 8. Standard Output Frequencies (MHz)
1.54400
2.04800
4.09600
6.17600
8.19200
10.00000
12.00000
12.28800
12.35200
13.00000
14.31800
15.44000
16.00000
16.38400
18.00000
18.43200
19.20000
19.44000
20.00000
20.48000
24.57600
24.70400
25.00000
27.00000
30.00000
32.00000
32.76800
34.36800
35.32800
38.88000
40.00000
40.96000
42.66000
44.73600
48.89600
50.00000
50.68800
51.84000
52.00000
54.00000
57.1429
62.20800
65.53600
Page6
Ordering Information
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Disclaimer
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application.
No rights under any patent accompany the sale of any such product(s) or information.
Rev: 03/31/2010
For Additional Information, Please Contact
USA:
Vectron International
267 Lowell Road
Hudson, NH 03051
Tel: 1.888.328.7661
Fax: 1.888.329.8328
Europe:
Vectron International
Landstrasse, D-74924
Neckarbischofsheim, Germany
Tel: +49 (0) 3328.4784.17
Fax: +49 (0) 3328.4784.30
Asia:
Vectron International
1F-2F, No 8 Workshop, No 308 Fenju Road
WaiGaoQiao Free Trade Zone
Pudong, Shanghai, China 200131
Tel: 86.21.5048.0777
Fax: 86.21.5048.1881
VV-701- D A T - K N A B- 39M3216000
Product
VCXO, 5x7 Package
Voltage Options
D: +5 Vdc
E: +3.3 Vdc
Output
A: CMOS
Enable/Disable
A: Enable High
E: Enable High, High Vc Impedance >2Mohm
Frequency in MHz
*Note: not all combination of options are available.
Other specifications may be available upon request.
Temp Range
T: 0/70°C
W: -10/70°C
E: -40/85°C
Pull Range
K: ±50ppm APR
P: ±80ppm APR
S: ±100ppm APR
1: ±50ppm TPR
2: ±100ppm TPR
3: ±150ppm TPR
Temperature Stability (TPR Codes Only)
E: ±20 ppm
F: ±25 ppm
K: ±50 ppm
N: Undefined (APR code)
Enable/Disable
B: Pin 2
E: Pin 5


Similar Part No. - VV-701-DAT-KEAB

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VV-701 VECTRON-VV-701_12 Datasheet
197Kb / 6P
   Voltage Controlled Crystal Oscillator Previous Vectron Model VVC1/VVC2
More results

Similar Description - VV-701-DAT-KEAB

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
   Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
Advanced XTAL Products
AXIS7050C63 AXTAL-AXIS7050C63 Datasheet
265Kb / 1P
   Voltage Controlled Crystal Oscillator
logo
Epson ToYoCom
TCO-291J EPSONTOYOCOM-TCO-291J Datasheet
341Kb / 2P
   VOLTAGE -CONTROLLED CRYSTAL OSCILLATOR
logo
Vectron International, ...
VXCO-5000-DAE-G VECTRON-VXCO-5000-DAE-G Datasheet
377Kb / 5P
   Voltage Controlled Crystal Oscillator
logo
MTRONPTI
XO7080 MTRONPTI-XO7080 Datasheet
57Kb / 2P
   Voltage Controlled Crystal Oscillator
logo
Vectron International, ...
VX-260 VECTRON-VX-260 Datasheet
290Kb / 4P
   Voltage Controlled Crystal Oscillator
VX-703 VECTRON-VX-703 Datasheet
470Kb / 6P
   Voltage Controlled Crystal Oscillator
VCXO-700-ECT-KX VECTRON-VCXO-700-ECT-KX Datasheet
311Kb / 6P
   Voltage Controlled Crystal Oscillator
VVC1 VECTRON-VVC1_09 Datasheet
170Kb / 6P
   Voltage Controlled Crystal Oscillator
logo
Crystek Corporation
CVPD-920 CRYSTEKCRYSTAL-CVPD-920_15 Datasheet
121Kb / 1P
   Voltage Controlled Crystal Oscillator
CVXO-018T CRYSTEKCRYSTAL-CVXO-018T_15 Datasheet
66Kb / 1P
   Voltage Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com