Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-751 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # VS-751
Description  Dual Frequency VCSO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VS-751 Datasheet(HTML) 3 Page - Vectron International, Inc

  VS-751 Datasheet HTML 1Page - Vectron International, Inc VS-751 Datasheet HTML 2Page - Vectron International, Inc VS-751 Datasheet HTML 3Page - Vectron International, Inc VS-751 Datasheet HTML 4Page - Vectron International, Inc VS-751 Datasheet HTML 5Page - Vectron International, Inc VS-751 Datasheet HTML 6Page - Vectron International, Inc VS-751 Datasheet HTML 7Page - Vectron International, Inc VS-751 Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Page3 of 8
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Power Supply
V
CC
0 to 6
V
Input Current
I
IN
100
mA
Output Current
I
OUT
25
mA
Voltage
V
C
0 to V
CC
V
Storage Temperature
T
STR
-55 to 125
°C
Soldering Temperature / Duration
T
PEAK
/ t
P
260 / 40
°C / sec
Stresses in excess of the absolute maximum ratings can permanently damage the device. Also, exposure to these absolute
maximum ratings for extended periods may adversly affect device reliability. Functional operation is not implied at these or any
other conditions in excess of those represented in the operational sections of this datasheet. Permanent damage is also possible
if any device input (Vc or FS) draws greater than 100mA.
Suggested Output Load Configuration
LV-PECL to LV-PECL: For short transmission lengths, the power
consumption could be reduced by removing the 100Ω resistor and
doubling the value of the pull down resistors.
LV-PECL to LVDS: Restricted for short transmission lengths.
Configuration may require modification depending on LVDS receiver.
Functional Test: Allows standard power supply configuration.
Since AC coupled, the LV-PECL levels cannot be measured.
Production Test: Allows direct DC coupling into 50Ω measurement
equipment. Must bias the power supplys as shown. Similiar to Figure 1.
Rev: 11/12/2009
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com


Similar Part No. - VS-751

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VS-751 VECTRON-VS-751 Datasheet
255Kb / 7P
   Dual Frequency VCSO
VS-751-LFF-GNN531.2500 VECTRON-VS-751-LFF-GNN531.2500 Datasheet
255Kb / 7P
   Dual Frequency VCSO
VS-751-LFF-GNN569.1964 VECTRON-VS-751-LFF-GNN569.1964 Datasheet
255Kb / 7P
   Dual Frequency VCSO
VS-751-LFF-GNN622.0800 VECTRON-VS-751-LFF-GNN622.0800 Datasheet
255Kb / 7P
   Dual Frequency VCSO
VS-751-LFF-GNN624.6938 VECTRON-VS-751-LFF-GNN624.6938 Datasheet
255Kb / 7P
   Dual Frequency VCSO
More results

Similar Description - VS-751

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VS-751 VECTRON-VS-751 Datasheet
255Kb / 7P
   Dual Frequency VCSO
VS-509 VECTRON-VS-509_11 Datasheet
207Kb / 9P
   Dual Frequency VCSO
VS-550 VECTRON-VS-550_06 Datasheet
144Kb / 7P
   Dual Frequency VCSO
VS-709 VECTRON-VS-709 Datasheet
719Kb / 9P
   Dual Frequency VCSO
VS-504 VECTRON-VS-504 Datasheet
872Kb / 6P
   Dual Frequency VCSO
VS-709 VECTRON-VS-709_12 Datasheet
719Kb / 9P
   Dual Frequency VCSO
VS402 VECTRON-VS402 Datasheet
569Kb / 6P
   Dual Frequency VCSO
VS-550 VECTRON-VS-550 Datasheet
146Kb / 7P
   DUAL FREQUENCY VCSO
VS-509 VECTRON-VS-509 Datasheet
200Kb / 9P
   Dual Frequency VCSO
VS-750 VECTRON-VS-750 Datasheet
263Kb / 7P
   Dual Frequency VCSO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com