Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VM-820 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # VM-820
Description  MEM?셲 Clock Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VM-820 Datasheet(HTML) 2 Page - Vectron International, Inc

  VM-820 Datasheet HTML 1Page - Vectron International, Inc VM-820 Datasheet HTML 2Page - Vectron International, Inc VM-820 Datasheet HTML 3Page - Vectron International, Inc VM-820 Datasheet HTML 4Page - Vectron International, Inc VM-820 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Description
Page2
Performance Specifications
Specifications
Table 1. Electrical Performance
Parameter
Symbol
Min
Typical
Maximum
Units
Frequency
f
O
1.000
150.000
MHz
Stability1 (ordering option)
Δ f/f
o
±25, ±50, ±100
ppm
Operating Temperature (ordering option)
T
OP
-20/70 or -40/85
°C
Operating Supply Voltage2
(ordering option)
V
DD
1.65
2.3
3.0
1.8
2.5
3.3
1.95
2.7
3.6
V
V
V
Supply Current, Output Enabled
1 to 40MHz
40.01 to 80MHz
80.01 to 125MHz
125.01 to 150MHz
I
DD
3
4
5
6
6
8
10
12
mA
mA
mA
mA
Supply Current, Output Disabled
I
DD
1uA
Output Logic Levels
Output Logic High3
Output Logic Low3
V
OH
V
OL
0.8*V
DD
0.2*V
DD
V
V
Output Load
≥10Kohm II ≤15pf
Output Rise/Fall Time3
t
R
t
F
1.3
1.3
3
3
ns
ns
Duty Cycle4
SYM
45/55
%
Period Jitter5, RMS, 80MHz Output
Peak-Peak
9
75
ps
ps
Start-up Time
T
SU
310
ms
Enable/Disable6
Output Enabled
Output Disabled
V
IH
V
IL
0.75*V
DD
0.25*V
DD
V
V
Fig 1: Test Circuit
Fig 2: Output Waveform
t
R
t
F
V
OH
V
OL
50%
On Time
Period
I
DD
V
DD
15pF
4
12
3
.1μF
+
-
Stability includes initial accuracy, temperature and aging.
1]
A 0.01uF and a 0.1uF capacitor should be located as close to the supply as possible (to ground) is recommended.
2]
Figure 2 defines these parameters. Figure 1 illustrates the operating conditions under which these parameters are tested and specified.
3]
Duty Cycle is measured defined as On Time/Period.
4]
Measured using a Wavecrest SIA3300C, 90K samples
5]
Output will be active if Enable/Disable is left open.
6]


Similar Part No. - VM-820

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VM-822 VECTRON-VM-822 Datasheet
289Kb / 8P
   MEMS based HCSL, LVDS, LVPECL Oscillator
VM-822-ECE-KAAN-156M250 VECTRON-VM-822-ECE-KAAN-156M250 Datasheet
289Kb / 8P
   MEMS based HCSL, LVDS, LVPECL Oscillator
VM-822-FCE-KAAN VECTRON-VM-822-FCE-KAAN Datasheet
289Kb / 8P
   MEMS based HCSL, LVDS, LVPECL Oscillator
More results

Similar Description - VM-820

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VM-840 VECTRON-VM-840 Datasheet
181Kb / 5P
   MEM?셲 Clock Oscillator
VM-700 VECTRON-VM-700 Datasheet
184Kb / 5P
   MEM?셲 Clock Oscillator
VM-800 VECTRON-VM-800 Datasheet
183Kb / 5P
   MEM?셲 Clock Oscillator
PX-4000-DAA-B VECTRON-PX-4000-DAA-B Datasheet
320Kb / 4P
   Clock Oscillator
PX-5010-EAJ105 VECTRON-PX-5010-EAJ105 Datasheet
1Mb / 7P
   Clock Oscillator
PX-7010-DAJ-105 VECTRON-PX-7010-DAJ-105 Datasheet
1Mb / 7P
   Clock Oscillator
logo
List of Unclassifed Man...
ECS-100 ETC1-ECS-100 Datasheet
100Kb / 1P
   CLOCK OSCILLATOR
logo
ON Semiconductor
NBXDBB017 ONSEMI-NBXDBB017 Datasheet
131Kb / 8P
   Clock Oscillator
March, 2009 ??Rev. 2
logo
List of Unclassifed Man...
FXO25TABF ETC2-FXO25TABF Datasheet
129Kb / 1P
   CLOCK OSCILLATOR
logo
Advanced Crystal Techno...
90H57 ACT-90H57 Datasheet
174Kb / 2P
   Clock oscillator
01/02/2017
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com