Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCJ5 Datasheet(PDF) 7 Page - Vectron International, Inc

Part # VCJ5
Description  3.3V or 2.5V Operation
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VCJ5 Datasheet(HTML) 7 Page - Vectron International, Inc

  VCJ5_09 Datasheet HTML 1Page - Vectron International, Inc VCJ5_09 Datasheet HTML 2Page - Vectron International, Inc VCJ5_09 Datasheet HTML 3Page - Vectron International, Inc VCJ5_09 Datasheet HTML 4Page - Vectron International, Inc VCJ5_09 Datasheet HTML 5Page - Vectron International, Inc VCJ5_09 Datasheet HTML 6Page - Vectron International, Inc VCJ5_09 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page7
Example: VCJ5-QAA-155M520000
Table 8. Standard Frequencies (MHz)
19.4400
25.0000
27.1200
33.0000
33.3330
35.0000
35.5000
38.8800
40.0000
40.6800
43.7500
50.0000
53.1250
56.0000
61.4400
62.2080
62.5000
66.0000
68.0000
70.0000
71.5000
74.1758
74.2500
75.0000
75.4000
77.7600
78.1250
80.0000
81.2500
83.3330
84.0000
86.0000
90.0000
95.0000
100.0000
105.0000
106.2500
110.0000
112.0000
112.5000
114.2850
120.0000
124.4160
125.0000
125.0093
128.0000
130.0000
130.5882
133.0000
135.0000
136.0000
140.0000
142.5408
143.0000
148.7500
150.0000
153.6000
153.8500
155.5200
156.1734
156.2500
156.2539
156.2740
156.2930
159.3750
160.0000
161.1328
162.3250
164.3555
165.0000
166.0000
166.5600
166.6286
166.6667
167.3317
167.4100
168.2009
168.6997
172.6423
173.3708
173.4380
175.0000
176.0950
176.8382
177.3437
180.0000
187.0177
187.5000
190.0000
192.4560
195.3125
200.0000
212.4840
212.5000
225.0000
250.0000
260.0000
Ordering Information
VCJ5 - X X X - 000M000000
Product
XO, 9x14x4.5 Package
Output and Voltage
Q: +3.3 Vdc 5%, LVPECL
R: +3.3 Vdc 5%, LVPECL
L: +3.3 Vdc 5%, LVDS
V: +2.5 Vdc 5%, LVDS
Enable/Disable
A: E/D is on Pin 2, Active High or Open
C: E/D is on Pin 1, Active High or Open
Stability/Temp Range
A: ±100 ppm over -10/70°C
B: ±50 ppm over -10/70°C
C: ±100 ppm over -40/85°C
D: ±50 ppm over -40/85°C
E: ±25ppm over -10/70°C
F: ±25ppm over -40/85°C
Frequency in MHz
*Note: not all combination of options are available.
Other specifications may be available upon request.
Disclaimer
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application.
No rights under any patent accompany the sale of any such product(s) or information.
Rev: 01/10/2009
For Additional Information, Please Contact
USA:
Vectron International
267 Lowell Road
Hudson, NH 03051
Tel: 1.888.328.7661
Fax: 1.888.329.8328
Europe:
Vectron International
Landstrasse, D-74924
Neckarbischofsheim, Germany
Tel: +49 (0) 3328.4784.17
Fax: +49 (0) 3328.4784.30
Asia:
Vectron International
1F-2F, No 8 Workshop, No 308 Fenju Road
WaiGaoQiao Free Trade Zone
Pudong, Shanghai, China 200131
Tel: 86.21.5048.0777
Fax: 86.21.5048.1881
Ordering Information


Similar Part No. - VCJ5_09

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VCJ5-QAB-156M25 VECTRON-VCJ5-QAB-156M25 Datasheet
101Kb / 2P
   14.0 x 8.9 x 4.5 mm 6 pin J - lead Ceramic SMD
More results

Similar Description - VCJ5_09

ManufacturerPart #DatasheetDescription
logo
TXC Corporation.
BX-SERIES TXC-BX-SERIES Datasheet
971Kb / 1P
   3.3V and 2.5V operation available.
CF-SERIES TXC-CF-SERIES Datasheet
938Kb / 1P
   3.3V and 2.5V operation available.
CB-SERIES TXC-CB-SERIES Datasheet
936Kb / 1P
   3.3V and 2.5V operation available.
logo
List of Unclassifed Man...
PT3602 ETC2-PT3602 Datasheet
216Kb / 1P
   2.5V~18V operation
logo
Exar Corporation
XRK39351_0611 EXAR-XRK39351_0611 Datasheet
293Kb / 12P
   3.3V OR 2.5V, 9-OUTPUT PLL CLOCK DRIVER
logo
List of Unclassifed Man...
PT3603 ETC2-PT3603 Datasheet
213Kb / 1P
   2.5V~18V operation
PT3621 ETC2-PT3621 Datasheet
232Kb / 1P
   2.5V~18V operation
logo
Exar Corporation
XRK39351 EXAR-XRK39351 Datasheet
269Kb / 10P
   3.3V OR 2.5V, 9-OUTPUT PLL CLOCK DRIVER
logo
List of Unclassifed Man...
FT-ROUTER5000 ETC2-FT-ROUTER5000 Datasheet
2Mb / 6P
   3.3V operation
logo
PulseCore Semiconductor
PCS5I9351 PULSECORE-PCS5I9351 Datasheet
512Kb / 13P
   2.5V or 3.3V, 200MHz, 9-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com