Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCD2-103-19M440 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # VCD2-103-19M440
Description  620 North Lindenwood Drive
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VCD2-103-19M440 Datasheet(HTML) 1 Page - Vectron International, Inc

  VCD2-103-19M440 Datasheet HTML 1Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
620 North Lindenwood Drive
Olathe, KS 66062 USA
Tel: 913-829-1777
Fax: 913-829-9350
http://www.vectron.com
VCD2 103 , 105 4 Pad SMD
Package Option
14.4 x 9.6 x 5.5 mm 4 pad SMD
Frequency Range
10.0 to 52.0 MHz
Supply Voltage/ Load:
103 = + 3.3 Vdc
± 10 %
15pF
105 = + 5.0 Vdc
± 10 %
15pF
Electrical:
Tristate 55/45 Symmetry
Enable/Disable:
Logic 1 or NC = Enable (Oscillation)
Logic 0 or GND = Disable (High Impedance)
Stability:
± 20 PPM 0°C to + 70°C for 10 years all parameters
Start-Up:
10 ms Maximum
Load:
HCMOS/TTL
Current:
50 mA Maximum
Jitter:
5.0 psec RMS Maximum
STD Package:
Anti Static Tubes
Typical P/N:
VCD2-103-19M440
VCD2 = 14.4 x 9.6 x 5.5 mm 4 pad SMD
103 = + 3.3 Vdc
± 10 %, ± 20 PPM 0°C to + 70°C for 10 years
all parameters
Pin 1: Tri-State, Pin 2: Ground, Pin 3: Output, Pin 4: Vcc
1


Similar Part No. - VCD2-103-19M440

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VCD2-203 VECTRON-VCD2-203 Datasheet
109Kb / 1P
   14.4 x 9.6 x 5.5 mm 4 pad SMD
VCD2-203-19M440 VECTRON-VCD2-203-19M440 Datasheet
109Kb / 1P
   14.4 x 9.6 x 5.5 mm 4 pad SMD
VCD2-205 VECTRON-VCD2-205 Datasheet
109Kb / 1P
   14.4 x 9.6 x 5.5 mm 4 pad SMD
More results

Similar Description - VCD2-103-19M440

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
VPP16-620 TRIAD-VPP16-620 Datasheet
47Kb / 1P
   VPP16-620
logo
CUI INC
SMI-US-3L CUI-SMI-US-3L Datasheet
349Kb / 2P
   NORTH AMERICA BLADE
SMI-US-3 CUI-SMI-US-3_V01 Datasheet
570Kb / 2P
   NORTH AMERICA BLADE
06/20/2019
logo
Cooper Bussmann, Inc.
10-315A COOPER-10-315A Datasheet
42Kb / 2P
   Square Body ??DIN 43 620
logo
CUI INC
SMI-US-3 CUI-SMI-US-3 Datasheet
607Kb / 2P
   NORTH AMERICA BLADE
SMI-US-5W CUI-SMI-US-5W Datasheet
215Kb / 2P
   NORTH AMERICA BLADE
01/20/2021
SMI-US-5 CUI-SMI-US-5 Datasheet
165Kb / 2P
   NORTH AMERICA BLADE
SMI-US-1 CUI-SMI-US-1 Datasheet
250Kb / 2P
   NORTH AMERICA BLADE
logo
LUMEX INC.
SSL-LX3044SOC LUMEX-SSL-LX3044SOC Datasheet
52Kb / 1P
   T-3mm 620 SUPER ORANGE LED
logo
Marathon Special Produc...
1331348 MARATHON-1331348 Datasheet
172Kb / 3P
   620 Amps 600 Volts AC/DC
REV-C 10/02/18
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com