Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D85 Datasheet(PDF) 1 Page - PETERMANN-TECHNIK

Part # D85
Description  HIGH RELIABILITY FOR LOW COST
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

D85 Datasheet(HTML) 1 Page - PETERMANN-TECHNIK

  D85 Datasheet HTML 1Page - PETERMANN-TECHNIK D85 Datasheet HTML 2Page - PETERMANN-TECHNIK D85 Datasheet HTML 3Page - PETERMANN-TECHNIK D85 Datasheet HTML 4Page - PETERMANN-TECHNIK D85 Datasheet HTML 5Page - PETERMANN-TECHNIK D85 Datasheet HTML 6Page - PETERMANN-TECHNIK D85 Datasheet HTML 7Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FEATURES
- HIGH RELIABILITY FOR LOW COST
- WIDE FREQUENCY RANGE
- SMD PACKAGES WITH SMALL DIMENSIONS AND LOW PROFILE
ONE - PORT & TWO - PORT SAW RESONATORS
TYPE
∆∆∆∆ f0* (MHz)
∆∆∆∆ f0 (kHz)
Insertion Loss (dB)
PACKAGE
Freq.-Temp.-Coeff.
<2.5 for One-Port
<7.5 for Two-Port
<2.5 for One-Port
<7.5 for Two-Port
<2.5 for One-Port
<7.5 for Two-Port
<2.5 for One-Port
<7.5 for Two-Port
SAW-FILTER FOR REMOTE CONTROL
dB
MHz
Other parameters and packages are available on request
SAW-FILTER FOR COMMUNICATION
dB
MHz
Other parameters and packages are available on request
D1106(110.592MHz), D304TFN(304 MHz), D325TFN(325 MHz), D388(388MHz), D930(930.5MHz)
D450 (402/406/410/414/418/422/426/430/430/434/438/442/446/450/454/458/462/466/470/474/478/482/486/
490/492/494/498/502/506/510/514/518 MHz)
- EXCELLENT ATTENUATION BEHAVIOUR
PETERMANN-TECHNIK | Amselweg 8 | D-86916 Kaufering
0.032 ppm/°C²
SR315
315.00
0.032 ppm/°C²
+-75 / +-100
SR433
433.02
Fon: 00 49 (0) 81 91 / 30 53 95 | Fax: 00 49 (0) 81 91 / 30 53 97
T0-39 / F-11 / 5x5 SMD
0.032 ppm/°C²
SR318
318.00
+-75 / +-100
T0-39 / F-11 / 5x5 SMD
Other parameters and packages are available on request
SR418
418.00
+-75 / +-100
T0-39 / F-11 / 5x5 SMD
+-75 / +-100
T0-39 / F-11 / 5x5 SMD
0.032 ppm/°C²
* The nominal center frequency (f0) range is from 200 MHz to 1 GHz
T0-39 / F-11
SF433
433.92
3
2.5
T0-39 / F-11
f0 +-0.35
SF418
418.0
3
Package
Band Width
f0 +-0.35
f0 +-0.35
T0-39 / F-11
3
2.5
T0-39 / F-11
3
2.5
Insertion Loss (dB)
TYPE
Center Frequency
(MHz)
Insertion Loss (dB)
f0 +-0.35
2.5
SF315
315.0
SF314
314.0
Package
D150RFQ
138 ~ 174
3
f0 +-0.05
<5
F-11
TYPE
Center Frequency
(MHz)
Band Width
D280RFQ
278 ~ 284
3
f0 +-0.05
D150TFN
138 ~ 174
3
f0 +-4.0
3
f0 +-4.0
<5
F-11
<6.5
F-11
<4.5
F-11
<4.5
F-11
D280TFN
178 ~ 284
3
f0 +-3.3
D450TFN
400 ~ 500
Other Typical
Types
http://www.petermann-technik.de | info@petermann-technik.de
PETERMANN
TECHNIK
Time & Frequency Components


Similar Part No. - D85

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
D850N INFINEON-D850N Datasheet
236Kb / 8P
   Netz-Gleichrichterdiode Rectifier Diode
2008-09-15 revision:3.0
logo
Intel Corporation
D85C220-66 INTEL-D85C220-66 Datasheet
948Kb / 18P
   FAST REGISTERED SPEED Tsu,Tso 8-MACROCELL
logo
Altera Corporation
D85C220-80 ALTERA-D85C220-80 Datasheet
398Kb / 16P
   Classic EPLDs
logo
Intel Corporation
D85C220-80 INTEL-D85C220-80 Datasheet
948Kb / 18P
   FAST REGISTERED SPEED Tsu,Tso 8-MACROCELL
D85C224-66 INTEL-D85C224-66 Datasheet
948Kb / 18P
   FAST REGISTERED SPEED Tsu,Tso 8-MACROCELL
More results

Similar Description - D85

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
SMD02016 PETERMANN-SMD02016_15 Datasheet
564Kb / 4P
   High reliability for low cost
ZTT-MTMX PETERMANN-ZTT-MTMX Datasheet
725Kb / 3P
   High reliability for low cost
VCTXO PETERMANN-VCTXO Datasheet
1Mb / 6P
   High reliability for low cost
UM1-SMD PETERMANN-UM1-SMD Datasheet
497Kb / 4P
   High reliability for low cost
SXO18 PETERMANN-SXO18 Datasheet
888Kb / 3P
   High reliability for low cost
SMD-VCXO4-0507-3 PETERMANN-SMD-VCXO4-0507-3 Datasheet
298Kb / 3P
   High reliability for low cost
M7502 PETERMANN-M7502 Datasheet
134Kb / 3P
   HIGH RELIABILITY FOR LOW COST
M2500 PETERMANN-M2500 Datasheet
147Kb / 2P
   HIGH RELIABILITY FOR LOW COST
M4115 PETERMANN-M4115 Datasheet
78Kb / 1P
   HIGH RELIABILITY FOR LOW COST
M6302 PETERMANN-M6302 Datasheet
122Kb / 2P
   HIGH RELIABILITY FOR LOW COST
M6337 PETERMANN-M6337 Datasheet
125Kb / 2P
   HIGH RELIABILITY FOR LOW COST
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com