Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCC6 Datasheet(PDF) 7 Page - Vectron International, Inc

Part # VCC6
Description  Ultra Low Jitter Performance
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VCC6 Datasheet(HTML) 7 Page - Vectron International, Inc

  VCC6_11 Datasheet HTML 1Page - Vectron International, Inc VCC6_11 Datasheet HTML 2Page - Vectron International, Inc VCC6_11 Datasheet HTML 3Page - Vectron International, Inc VCC6_11 Datasheet HTML 4Page - Vectron International, Inc VCC6_11 Datasheet HTML 5Page - Vectron International, Inc VCC6_11 Datasheet HTML 6Page - Vectron International, Inc VCC6_11 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Table 8. Standard Frequencies (MHz)
19.4400
25.0000
27.1200
30.7200
33.0000
33.3330
35.0000
35.5000
38.8800
40.0000
40.6800
43.7500
48.0000
50.0000
53.1250
56.0000
61.440
62.2080
62.5000
66.0000
68.0000
70.0000
71.5000
74.1758
74.2500
75.0000
75.4000
77.7600
78.1250
80.0000
81.2500
83.3330
84.0000
86.0000
87.5000
90.0000
95.0000
99.1440
100.0000
105.0000
106.2500
110.0000
112.0000
112.5000
114.2850
120.0000
122.8800
124.4160
125.0000
125.0093
128.0000
130.0000
130.5882
132.8125
133.0000
135.0000
136.0000
140.0000
142.5408
143.0000
148.7500
150.0000
153.6000
153.8500
155.5200
156.1734
156.2500
156.253906
156.261718
156.2740
156.2930
159.3750
160.0000
161.1300
161.1328
162.3250
164.3555
165.0000
166.0000
166.5600
166.6286
166.6667
167.3300
167.3317
167.328125
167.4100
168.2009
168.6997
172.6423
173.3700
173.3708
173.4380
175.000
176.0950
176.8382
177.3437
178.018970
178.1250
178.5000
180.0000
180.0000
187.0177
187.5000
190.0000
192.4560
195.3125
200.0000
210.0000
212.4840
212.5000
218.7500
225.0000
250.0000
260.0000
266.0000
275.0000
287.5000
312.5000
Enable/Disable
A: E/D is on Pin 2
C: E/D is on Pin 1
VCC6 - X X X - XXMXXXXXX
Product
XO, 5x7 Package
Output and Voltage
Q: +3.3 Vdc ±5%, LVPECL
R: +2.5 Vdc ±5%, LVPECL
L: +3.3 Vdc ±5%, LVDS
V: +2.5 Vdc ±5%, LVDS
Stability/Temp Range
A: ±100 ppm over -10/70°C
B: ±50 ppm over -10/70°C
C: ±100 ppm over -40/85°C
D: ±50 ppm over -40/85°C
E: ±25 ppm over -10/70°C
F: ±25 ppm over -40/85°C
G: ±20 ppm over -10/70°C, excludes aging
P: ±100 ppm over -55/125°C
Frequency in MHz
*Note: not all combination of options are available.
Other specifications may be available upon request.
±20ppm Options
VCC6-107-frequency
LVPECL
+3.3V
±20ppm over -10/70°C, includes 10 years aging, E/D on Pin1
VCC6-109-frequency
LVDS
+3.3V
±20ppm over -10/70°C, includes 10 years aging, E/D on Pin1
VCC6-110-frequency
LVPECL
+2.5V
±20ppm over -10/70°C, includes 10 years aging, E/D on Pin1
VCC6-111-frequency
LVDS
+2.5V
±20ppm over -10/70°C, includes 10 years aging, E/D on Pin1
VCC6-119-frequency
LVPECL
+3.3V
±20ppm over -40/85°C, includes 10 years aging, E/D on Pin1
VCC6-120-frequency
LVPECL
+2.5V
±20ppm over -40/85°C, includes 10 years aging, E/D on Pin1
VCC6-121-frequency
LVDS
+3.3V
±20ppm over -40/85°C, includes 10 years aging, E/D on Pin1
VCC6-122-frequency
LVDS
+2.5V
±20ppm over -40/85°C, includes 10 years aging, E/D on Pin1
Page7
Disclaimer
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application.
No rights under any patent accompany the sale of any such product(s) or information.
Rev: 01/26/2011
For Additional Information, Please Contact
USA:
Vectron International
267 Lowell Road
Hudson, NH 03051
Tel: 1.888.328.7661
Fax: 1.888.329.8328
Europe:
Vectron International
Landstrasse, D-74924
Neckarbischofsheim, Germany
Tel: +49 (0) 3328.4784.17
Fax: +49 (0) 3328.4784.30
Asia:
Vectron International
1F-2F, No 8 Workshop, No 308 Fenju Road
WaiGaoQiao Free Trade Zone
Pudong, Shanghai, China 200131
Tel: 86.21.5048.0777
Fax: 86.21.5048.1881
Ordering Information


Similar Part No. - VCC6_11

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VCC6-107 VECTRON-VCC6-107 Datasheet
148Kb / 6P
   /-20 ppm LVPECL Oscillator
VCC6-107-155M52 VECTRON-VCC6-107-155M52 Datasheet
148Kb / 6P
   /-20 ppm LVPECL Oscillator
More results

Similar Description - VCC6_11

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VC-806 VECTRON-VC-806 Datasheet
176Kb / 7P
   Ultra Low Jitter Performance
logo
Texas Instruments
LMK61E2-100M TI1-LMK61E2-100M Datasheet
1Mb / 23P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M_017 TI1-LMK61E0-050M_017 Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M_17 Datasheet
447Kb / 22P
[Old version datasheet]   LMK61XX High-Performance Ultra-Low Jitter Oscillator
logo
Integrated Device Techn...
8T49N240 IDT-8T49N240_18 Datasheet
1Mb / 75P
   NG Ultra-Performance Jitter Attenuator
logo
Kyocera Kinseki Corpota...
FSO-1D KSS-FSO-1D Datasheet
51Kb / 1P
   Ultra Low Jitter.
logo
Texas Instruments
LMK60E2-156M TI1-LMK60E2-156M Datasheet
266Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
logo
Oscilent Corporation
433 OSCILENT-433 Datasheet
134Kb / 2P
   Ultra Low Jitter 1pS
logo
Texas Instruments
LMK62E2-100M TI1-LMK62E2-100M Datasheet
321Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com