Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCC6 Datasheet(PDF) 4 Page - Vectron International, Inc

Part # VCC6
Description  Ultra Low Jitter Performance
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VCC6 Datasheet(HTML) 4 Page - Vectron International, Inc

  VCC6_11 Datasheet HTML 1Page - Vectron International, Inc VCC6_11 Datasheet HTML 2Page - Vectron International, Inc VCC6_11 Datasheet HTML 3Page - Vectron International, Inc VCC6_11 Datasheet HTML 4Page - Vectron International, Inc VCC6_11 Datasheet HTML 5Page - Vectron International, Inc VCC6_11 Datasheet HTML 6Page - Vectron International, Inc VCC6_11 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Dimensions are in mm
Package and Pinout
Table 3. Pinout
Pin #
Symbol
Function
1
E/D or NC
Enable Disable or No Connection
2
E/D or NC
Enable Disable or No Connection
3
GND
Electrical and Lid Ground
4f
O
Output Frequency
5Cf
O
Complementary Output Frequency
6V
DD
Supply Voltage
Figure 4. Package A Outline Drawing
7.0±0.15
5.0±0.15
1.397
1.27
3.57
2.54
5.08
Part Number
Frequency
Date Code
1
3
1
Bottom View
5
2
23
65
4
64
1.6 max
7.49±0.15
5.08±0.15
1.397
1.27
3.57
2.54
5.08
Part Number
Frequency
Date Code
1
3
1
Bottom View
5
2
23
65
4
64
2.16 max
Figure 5. Optional Package Outline Drawing
Figure 6. Pad Layout
1.96
3.66
5.08
2.54
1.78
The Enable/Disable function is set at the factory on either pin
1 or pin 2 and is an ordering option. Outputs will be Enabled if
the Enable/Disable is left open.
The VCC6 can be supplied in one of two package options and
Figure 4 shows the primary package used. The pad layout and
dimensions are identical and a reel would include only 1 of the
two options.
Page4


Similar Part No. - VCC6_11

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VCC6-107 VECTRON-VCC6-107 Datasheet
148Kb / 6P
   /-20 ppm LVPECL Oscillator
VCC6-107-155M52 VECTRON-VCC6-107-155M52 Datasheet
148Kb / 6P
   /-20 ppm LVPECL Oscillator
More results

Similar Description - VCC6_11

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VC-806 VECTRON-VC-806 Datasheet
176Kb / 7P
   Ultra Low Jitter Performance
logo
Texas Instruments
LMK61E2-100M TI1-LMK61E2-100M Datasheet
1Mb / 23P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M_017 TI1-LMK61E0-050M_017 Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M_17 Datasheet
447Kb / 22P
[Old version datasheet]   LMK61XX High-Performance Ultra-Low Jitter Oscillator
logo
Integrated Device Techn...
8T49N240 IDT-8T49N240_18 Datasheet
1Mb / 75P
   NG Ultra-Performance Jitter Attenuator
logo
Kyocera Kinseki Corpota...
FSO-1D KSS-FSO-1D Datasheet
51Kb / 1P
   Ultra Low Jitter.
logo
Texas Instruments
LMK60E2-156M TI1-LMK60E2-156M Datasheet
266Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
logo
Oscilent Corporation
433 OSCILENT-433 Datasheet
134Kb / 2P
   Ultra Low Jitter 1pS
logo
Texas Instruments
LMK62E2-100M TI1-LMK62E2-100M Datasheet
321Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com