Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D881 Datasheet(PDF) 3 Page - PETERMANN-TECHNIK

Part # D881
Description  HIGH RELIABILITY FOR LOW COST
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

D881 Datasheet(HTML) 3 Page - PETERMANN-TECHNIK

  D881 Datasheet HTML 1Page - PETERMANN-TECHNIK D881 Datasheet HTML 2Page - PETERMANN-TECHNIK D881 Datasheet HTML 3Page - PETERMANN-TECHNIK D881 Datasheet HTML 4Page - PETERMANN-TECHNIK D881 Datasheet HTML 5Page - PETERMANN-TECHNIK D881 Datasheet HTML 6Page - PETERMANN-TECHNIK D881 Datasheet HTML 7Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SAW-FILTER FOR CELLULAR PHONE / IF-STAGE SERIES
PETERMANN-TECHNIK | Amselweg 8 | D-86916 Kaufering
http://www.petermann-technik.de | info@petermann-technik.de
Fon: 00 49 (0) 81 91 / 30 53 95 | Fax: 00 49 (0) 81 91 / 30 53 97
D881
881.5
25 MHz
3.5 dB
TYPE
Center Frequency
(MHz)
Pass-Band Width Insertion Loss max.
WSWR max.
Package
Application
3 x 3 mm SMD
FOR CDMA/AMPS
D246
246.0
+-80 MHz
8 dB
2.0 µs
5 x 5 mm SMD
FOR GSM
400.0
+-83 MHz
6 dB
2.5
Other parameters and packages are available on request
1.0 µs
5 x 5 mm SMD
FOR GSM
D85
85.38
+-300 MHz
15 dB
3.0 µs
7 x 5 mm SMD
FOR CDMA
D400
PETERMANN
TECHNIK
Time & Frequency Components


Similar Part No. - D881

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
D88103-001US INTEL-D88103-001US Datasheet
3Mb / 84P
   Technical Product Specification
D88104-001US INTEL-D88104-001US Datasheet
3Mb / 84P
   Technical Product Specification
D88105-001US INTEL-D88105-001US Datasheet
3Mb / 88P
   Technical Product Specification
D88126-001US INTEL-D88126-001US Datasheet
3Mb / 76P
   Technical Product Specification
More results

Similar Description - D881

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
SMD02016 PETERMANN-SMD02016_15 Datasheet
564Kb / 4P
   High reliability for low cost
ZTT-MTMX PETERMANN-ZTT-MTMX Datasheet
725Kb / 3P
   High reliability for low cost
VCTXO PETERMANN-VCTXO Datasheet
1Mb / 6P
   High reliability for low cost
UM1-SMD PETERMANN-UM1-SMD Datasheet
497Kb / 4P
   High reliability for low cost
SXO18 PETERMANN-SXO18 Datasheet
888Kb / 3P
   High reliability for low cost
SMD-VCXO4-0507-3 PETERMANN-SMD-VCXO4-0507-3 Datasheet
298Kb / 3P
   High reliability for low cost
M7502 PETERMANN-M7502 Datasheet
134Kb / 3P
   HIGH RELIABILITY FOR LOW COST
M2500 PETERMANN-M2500 Datasheet
147Kb / 2P
   HIGH RELIABILITY FOR LOW COST
M4115 PETERMANN-M4115 Datasheet
78Kb / 1P
   HIGH RELIABILITY FOR LOW COST
M6302 PETERMANN-M6302 Datasheet
122Kb / 2P
   HIGH RELIABILITY FOR LOW COST
M6337 PETERMANN-M6337 Datasheet
125Kb / 2P
   HIGH RELIABILITY FOR LOW COST
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com