Electronic Components Datasheet Search |
|
TB38 Datasheet(PDF) 1 Page - PETERMANN-TECHNIK |
|
TB38 Datasheet(HTML) 1 Page - PETERMANN-TECHNIK |
|
1 / 1 page FEATURES - HIGH RELIABILITY FOR LOW COST - MICRO TUBULAR HOLDER SERIES FREQUENCY RANGE MODE OF VIBRATION RESONANCE RESISTANCE FREQUENCY TOLERANCE AT 25°C TEMPERATURE RANGE LOAD CAPACITANCE SHUNT CAPACITANCE DRIVE LEVEL AGING INSULATION RESISTANCE PART NUMBERING SYSTEM EXAMPLE TB38 FREQUENCY IN kHZ OUTLINE DRAWING OF TB38 TEMPERATURE CURVE OF TB38 OTHER PARAMETERS ARE AVAILABLE ON REQUEST / CREATE HERE YOUR SPECIFICATION PACKAGE DIMENSIONS 15.0 ~ 150.0 kHz X-CUT 60 k Ω ∼ 35 kΩ DEPENDING FREQUENCY +-50 PPM -10/+60°C TEMPERATURE STABILITY http://www.petermann-technik.de | info@petermann-technik.de Fon: 00 49 (0) 81 91 / 30 53 95 | Fax: 00 49 (0) 81 91 / 30 53 97 TB38 SEE OUTLINE DRAWING SEE TEMPERATURE CURVE BULKS - IDEAL FOR MINIATURISATION PETERMANN-TECHNIK | Amselweg 8 | D-86916 Kaufering DELIVERY FORM TB38 38.400 kHz 1.0 µW MAX. +-3 ~ +-5 PPM PER YEAR >500 M Ω DC/100V +-10% TYPE 12.5 PF 1.7 PF TYP. PETERMANN TECHNIK Time & Frequency Components 3.0 0.3 1.1 Unit:mm Temperature (ppm) 0 -20 -30 -40 -50 -60 Frequency Deviation f/f0 Typ Tp=25°C K=0.035ppm/°C 2 -20 -10 0 10 20 30 40 60 50 70 (°C) |
Similar Part No. - TB38 |
|
Similar Description - TB38 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |