Part Name
         Description
TX-5080-EAH-2560

 Temperature Compensated Crystal Oscillator ( 6 Page)


VECTRON
100% 
Zoom Out Zoom In
   
 4 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page 4 of 6
Typical G-Sensitivity @10 MHz; HCMOS
Calculation equation according to Vig-Tutorial
g-sensitivity:
Peak g-level:
Vibration spectrum
0,0001
0,001
0,01
0,1
10
100
1.000
10.000
Frequency [Hz]
G-Sensitivity: TX-508; 10 MHz; 0,06g2/Hz
0,00
0,10
0,20
0,30
0,40
0,50
0,60
0,70
0,80
0,90
1,00
10
100
1.000
10.000
Frequency [Hz]
X-Axis
Y-Axis
Z-Axis
Total
Phase noise: TX-508; 10 MHz; 0,06g2/Hz
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
10
100
1.000
10.000
Offset Frequency [Hz]
X-Axis
Y-Axis
Z-Axis
Z
Oscillator
X
Y
20
)
(
0
10
2
fv
L
v
f
Apeak
f
G
=
2
= PSD
Apeak



Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl