Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX-5080-DAP-2560 Datasheet(PDF) 4 Page - Vectron International, Inc

Part # TX-5080-DAP-2560
Description  Temperature Compensated Crystal Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TX-5080-DAP-2560 Datasheet(HTML) 4 Page - Vectron International, Inc

  TX-5080-DAP-2560 Datasheet HTML 1Page - Vectron International, Inc TX-5080-DAP-2560 Datasheet HTML 2Page - Vectron International, Inc TX-5080-DAP-2560 Datasheet HTML 3Page - Vectron International, Inc TX-5080-DAP-2560 Datasheet HTML 4Page - Vectron International, Inc TX-5080-DAP-2560 Datasheet HTML 5Page - Vectron International, Inc TX-5080-DAP-2560 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page 4 of 6
Typical G-Sensitivity @10 MHz; HCMOS
Calculation equation according to Vig-Tutorial
g-sensitivity:
Peak g-level:
Vibration spectrum
0,0001
0,001
0,01
0,1
10
100
1.000
10.000
Frequency [Hz]
G-Sensitivity: TX-508; 10 MHz; 0,06g2/Hz
0,00
0,10
0,20
0,30
0,40
0,50
0,60
0,70
0,80
0,90
1,00
10
100
1.000
10.000
Frequency [Hz]
X-Axis
Y-Axis
Z-Axis
Total
Phase noise: TX-508; 10 MHz; 0,06g2/Hz
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
10
100
1.000
10.000
Offset Frequency [Hz]
X-Axis
Y-Axis
Z-Axis
Z
Oscillator
X
Y
20
)
(
0
10
2
fv
L
v
f
Apeak
f
G
=
2
= PSD
Apeak


Similar Part No. - TX-5080-DAP-2560

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TX-5080 VECTRON-TX-5080 Datasheet
232Kb / 6P
   Temperature Compensated Crystal Oscillator
More results

Similar Description - TX-5080-DAP-2560

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
TX_500 VECTRON-TX_500_14 Datasheet
777Kb / 6P
   Temperature Compensated Crystal Oscillator
TX-801 VECTRON-TX-801_14 Datasheet
370Kb / 5P
   Temperature Compensated Crystal Oscillator
VT-704 VECTRON-VT-704_14 Datasheet
927Kb / 8P
   Temperature Compensated Crystal Oscillator
VT-803 VECTRON-VT-803_14 Datasheet
1Mb / 9P
   Temperature Compensated Crystal Oscillator
VT-706 VECTRON-VT-706 Datasheet
732Kb / 7P
   Temperature Compensated Crystal Oscillator
logo
Crystek Corporation
CXOHD5 CRYSTEKCRYSTAL-CXOHD5 Datasheet
70Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD6 CRYSTEKCRYSTAL-CXOSD6_15 Datasheet
114Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD4 CRYSTEKCRYSTAL-CXOSD4_15 Datasheet
122Kb / 1P
   Temperature Compensated Crystal Oscillator
logo
Advanced XTAL Products
AXLE3225 AXTAL-AXLE3225 Datasheet
246Kb / 1P
   Temperature Compensated Crystal Oscillator
AXLE7050 AXTAL-AXLE7050 Datasheet
265Kb / 1P
   Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com