Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMD0503-2CC Datasheet(PDF) 1 Page - PETERMANN-TECHNIK

Part # SMD0503-2CC
Description  HIGH RELIABILITY FOR LOW COST
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

SMD0503-2CC Datasheet(HTML) 1 Page - PETERMANN-TECHNIK

  SMD0503-2CC Datasheet HTML 1Page - PETERMANN-TECHNIK SMD0503-2CC Datasheet HTML 2Page - PETERMANN-TECHNIK SMD0503-2CC Datasheet HTML 3Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
- HIGH RELIABILITY FOR LOW COST
- CHEAPEST AVAILABLE 5x3.2 MM CRYSTAL
- CERAMIC BODY WITH GLASS SEALED CERAMIC COVER
- EXCELLENT CLOCK SIGNAL GENERATUR FOR CPU'S
FREQUENCY RANGE
MODE OF VIBRATION
RESONANCE RESISTANCE
FREQUENCY TOLERANCE AT 25°C
WORKING TEMPERATURE RANGE
SHUNT CAPACITANCE
DRIVE LEVEL
AGING
INSULATION RESISTANCE
STORAGE TEMPERATURE
DELIVERY FORM
PART NUMBERING SYSTEM
EXAMPLE
TYPE
SMD0503/2CC
FREQUENCY
IN MHZ
FREQUENCY TOLERANCE AT 25°C
REQUIRED VALUE
TEMPERATURE STABILITY
REQUIRED VALUE
REQUIRED VALUE
LOAD CAPACITANCE
REQUIRED VALUE
REV.00 /March 2009
AT-FUNDAMENTAL
50 ~ 30
Ω max.
TEMPERATURE STABILITY
27.000 MHz = 20pF
STANDARD LOAD CAPACITANCE
(OTHER CL ON REQUEST AVAILABLE)
30.000 MHz = 20pF
STANDARD FREQUENCIES
12.000 MHz; 14.31818 MHz; 20.000 MHz; 24.576 MHz;
25.000 MHz; 27.000 MHz; 30.000 MHz
OTHER FREQUENCIES AVAILABLE ON REQUEST
RoHS
In accordance with the RoHS guideline 2002/95/EC, glass seal contain low
share of Pb. Crystal is RoHS compliant.
14.31818 MHz = 12pF; 16pF; 20pF
20.000 MHz = 12pF
24.000 MHz = 12pF
24.576 MHz = 16pF; 20pF
5 x 3.2 x 1.2 mm with 2 solder pads
MINI-SMD-CRYSTAL SERIES SMD0503/2CC
TEMPERATURE RANGE
100 µW standard (other drive levels are available on request)
+-5 ppm per year
>500 M
Ω DC/100V +-10%
Tape and Reel (1.000 pcs per reel)
SMD0503/2CC 27.000 MHz 30/50/-20+70/20pF
http://www.petermann-technik.com | info@petermann-technik.com
>+-20 ppm
0/+50°C ~ -20/+70°C
OTHER PARAMETERS ARE AVAILABLE ON REQUEST / CREATE HERE YOUR SPECIFICATION
-40/+85°C
+-30 ppm
25.000 MHz = 12pF; 20pF
12.000 MHz = 12pF; 16pF; 20pF
7 pF max.


Similar Part No. - SMD0503-2CC

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
SMD0503-2CC PETERMANN-SMD0503-2CC_14 Datasheet
674Kb / 2P
   SMD QUARTZ CRYSTAL SERIES SMD0503/2CC
SMD0503-2CC PETERMANN-SMD0503-2CC_15 Datasheet
566Kb / 4P
   Close the price gap between metal and ceramic packaged crystals
More results

Similar Description - SMD0503-2CC

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
SMD02016 PETERMANN-SMD02016_15 Datasheet
564Kb / 4P
   High reliability for low cost
ZTT-MTMX PETERMANN-ZTT-MTMX Datasheet
725Kb / 3P
   High reliability for low cost
VCTXO PETERMANN-VCTXO Datasheet
1Mb / 6P
   High reliability for low cost
UM1-SMD PETERMANN-UM1-SMD Datasheet
497Kb / 4P
   High reliability for low cost
SXO18 PETERMANN-SXO18 Datasheet
888Kb / 3P
   High reliability for low cost
SMD-VCXO4-0507-3 PETERMANN-SMD-VCXO4-0507-3 Datasheet
298Kb / 3P
   High reliability for low cost
M7502 PETERMANN-M7502 Datasheet
134Kb / 3P
   HIGH RELIABILITY FOR LOW COST
M2500 PETERMANN-M2500 Datasheet
147Kb / 2P
   HIGH RELIABILITY FOR LOW COST
M4115 PETERMANN-M4115 Datasheet
78Kb / 1P
   HIGH RELIABILITY FOR LOW COST
M6302 PETERMANN-M6302 Datasheet
122Kb / 2P
   HIGH RELIABILITY FOR LOW COST
M6337 PETERMANN-M6337 Datasheet
125Kb / 2P
   HIGH RELIABILITY FOR LOW COST
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com