Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M7317 Datasheet(PDF) 2 Page - PETERMANN-TECHNIK

Part # M7317
Description  HIGH RELIABILITY FOR LOW COST
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

M7317 Datasheet(HTML) 2 Page - PETERMANN-TECHNIK

  M7317 Datasheet HTML 1Page - PETERMANN-TECHNIK M7317 Datasheet HTML 2Page - PETERMANN-TECHNIK M7317 Datasheet HTML 3Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PETERMANN
TECHNIK
Time & Frequency Components
PETERMANN-TECHNIK | Amselweg 8 | D-86916 Kaufering
Fon: 00 49 (0) 81 91 / 30 53 95 | Fax: 00 49 (0) 81 91 / 30 53 97
http://www.petermann-technik.de | info@petermann-technik.de
PART NUMBERING GUIDE
EXAMPLE
M7317-50-W-S-VX3-50-622.08MHz-T
SERIES
M7317
BLANK = +- 100 ppm
50 = +-50 ppm
STABILITY VS. TEMPERATURE
X = OTHER VALUE - PLEASE INDICATE YOUR REQUIRED VALUE
BLANK = 0/+70°C
N = -10/+60°C
M = -20/+70°C
W = -40/+85°C
TEMPERATURE RANGE
X = OTHER VALUE - PLEASE INDICATE YOUR REQUIRED VALUE
BLANK = 40/60%
SYMMETRY
S = 45/55%
CONTROL VOLTAGE
VX3 = 0 ~ 3.3 V FOR 3.3 VOLT VERSION
BLANK = +-100 ppm min.
50 = +-50 ppm min.
PULLING RANGE
IF YOU REQUIRE ANOTHER VALUE PLEASE INDICATE THE REQUIRED VALUE
FREQUENCY
FREQUENCY IN MHz
TAPE AND REEL PACKAGE
-T
OUTLINE DRAWING OF M7317
1.2
#1
#4
#2
#3
0.8
-
#1 MARK
PIN
#1
#2
#3
#4
CONNECTION
CONTROL VOLTAGE
N.C. or TRI-STATE CTRL
GROUND
OUTPUT 1
#5
#6
VDD
Unit:mm
5.08
1.8
2.54
#1
#2
#6
#5
#4
#3
**
#5
#6
OUTPUT 2
**A capacitor of value 0.01µF or
greater between V
and
Ground is recommended
DD


Similar Part No. - M7317

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
M7311 PETERMANN-M7311 Datasheet
139Kb / 3P
   HIGH RELIABILITY FOR LOW COST
M7312 PETERMANN-M7312 Datasheet
131Kb / 3P
   HIGH RELIABILITY FOR LOW COST
logo
Enercon Technologies Eu...
M7318 ENERCON-M7318 Datasheet
602Kb / 9P
   M7318 SERIES DC/DC POWER SUPPLY
Nov 8, 2021
More results

Similar Description - M7317

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
SMD02016 PETERMANN-SMD02016_15 Datasheet
564Kb / 4P
   High reliability for low cost
ZTT-MTMX PETERMANN-ZTT-MTMX Datasheet
725Kb / 3P
   High reliability for low cost
VCTXO PETERMANN-VCTXO Datasheet
1Mb / 6P
   High reliability for low cost
UM1-SMD PETERMANN-UM1-SMD Datasheet
497Kb / 4P
   High reliability for low cost
SXO18 PETERMANN-SXO18 Datasheet
888Kb / 3P
   High reliability for low cost
SMD-VCXO4-0507-3 PETERMANN-SMD-VCXO4-0507-3 Datasheet
298Kb / 3P
   High reliability for low cost
M7502 PETERMANN-M7502 Datasheet
134Kb / 3P
   HIGH RELIABILITY FOR LOW COST
M2500 PETERMANN-M2500 Datasheet
147Kb / 2P
   HIGH RELIABILITY FOR LOW COST
M4115 PETERMANN-M4115 Datasheet
78Kb / 1P
   HIGH RELIABILITY FOR LOW COST
M6302 PETERMANN-M6302 Datasheet
122Kb / 2P
   HIGH RELIABILITY FOR LOW COST
M6337 PETERMANN-M6337 Datasheet
125Kb / 2P
   HIGH RELIABILITY FOR LOW COST
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com