Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M6337 Datasheet(PDF) 2 Page - PETERMANN-TECHNIK

Part # M6337
Description  HIGH RELIABILITY FOR LOW COST
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

M6337 Datasheet(HTML) 2 Page - PETERMANN-TECHNIK

  M6337 Datasheet HTML 1Page - PETERMANN-TECHNIK M6337 Datasheet HTML 2Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PETERMANN
TECHNIK
Time & Frequency Components
PETERMANN-TECHNIK | Amselweg 8 | D-86916 Kaufering
Fon: 00 49 (0) 81 91 / 30 53 95 | Fax: 00 49 (0) 81 91 / 30 53 97
http://www.petermann-technik.de | info@petermann-technik.de
OUTLINE DRAWING OF M6337
7.0 +-0.2
Pin 1
1.4
1.27
2.54
5.08
1.8max
Pin 3
Pin 6
Pin 4
Pin 5
Pin 2
TEST CIRCUIT FOR PECL
A
V
POWER
SUPPLY
0,1µF
OSCILLATOR
OUT1
GND
#1
#3
#4
#6
VDD
50
+
-
2.0 V
VDD
OUT2
#2
#5
50
TRI-STATE
CONTROL
PECL OUTPUT WAVE FORM
VOL
VOH
80%
Output
Crossing
20%
Symmetry
Logic 1
RECOMMENDED LAND PATTERN
PIN
#1
#2
#3
#4
CONNECTION
N.C.
N.C. or TRI-STATE CTRL
GROUND
OUTPUT #1
#5
#6
N.C. or OUTPUT #2
VDD
Unit:mm
5.08
1.8
2.54
#1
#2
#6
#5
#4
#3
**
**A capacitor of value 0.01 µF or greater between VDD
and Ground is recommended.
REFLOW SOLDER PROFILE
240°C
150°C
25°C
REFLOW 240°C max.
TIME
1 - 2 minutes
10s max.
4°C/s max.
COOLING


Similar Part No. - M6337

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M63 MACOM-M63 Datasheet
124Kb / 2P
   DOUBLE-BALANCED MIXER
M63 MACOM-M63 Datasheet
377Kb / 3P
   Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M63 MA-COM-M63 Datasheet
989Kb / 3P
   Double-Balanced Mixer
logo
Integrated Circuit Syst...
M630 ICST-M630 Datasheet
87Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
PETERMANN-TECHNIK
M6300 PETERMANN-M6300 Datasheet
120Kb / 2P
   FUNDAMENTAL TECHNIQUE FOR LOW JITTER
More results

Similar Description - M6337

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
SMD02016 PETERMANN-SMD02016_15 Datasheet
564Kb / 4P
   High reliability for low cost
ZTT-MTMX PETERMANN-ZTT-MTMX Datasheet
725Kb / 3P
   High reliability for low cost
VCTXO PETERMANN-VCTXO Datasheet
1Mb / 6P
   High reliability for low cost
UM1-SMD PETERMANN-UM1-SMD Datasheet
497Kb / 4P
   High reliability for low cost
SXO18 PETERMANN-SXO18 Datasheet
888Kb / 3P
   High reliability for low cost
SMD-VCXO4-0507-3 PETERMANN-SMD-VCXO4-0507-3 Datasheet
298Kb / 3P
   High reliability for low cost
M7502 PETERMANN-M7502 Datasheet
134Kb / 3P
   HIGH RELIABILITY FOR LOW COST
M2500 PETERMANN-M2500 Datasheet
147Kb / 2P
   HIGH RELIABILITY FOR LOW COST
M4115 PETERMANN-M4115 Datasheet
78Kb / 1P
   HIGH RELIABILITY FOR LOW COST
M6302 PETERMANN-M6302 Datasheet
122Kb / 2P
   HIGH RELIABILITY FOR LOW COST
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com