Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M6337 Datasheet(PDF) 1 Page - PETERMANN-TECHNIK

Part # M6337
Description  HIGH RELIABILITY FOR LOW COST
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

M6337 Datasheet(HTML) 1 Page - PETERMANN-TECHNIK

  M6337 Datasheet HTML 1Page - PETERMANN-TECHNIK M6337 Datasheet HTML 2Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
- HIGH RELIABILITY FOR LOW COST
- PECL OUTPUT SIGNAL
- COMPLEMENTARY OUTPUT OPTION
- JITTER OPTIMIZED SMALL SMD-OSCILLATOR
- EXCELLENT CLOCK SIGNAL GENERATOR FOR TELECOM AND TRANSMISSION SYSTEMS
SMD-OSCILLATOR SERIES
PACKAGE
VS. TEMPERATURE
VS. SUPPLY VOLTAGE
VS. LOAD
VS. AGING
OPERATING TEMPERATURE RANGE
STORAGE TEMPERATURE RANGE
VOLTAGE
CURRENT
STANDARD
OPTION
RISE AND FALL TIME PECL
"0" LEVEL
"1" LEVEL
LOAD
PECL
PIN CONNECTION
START-UP TIME
PERIOD JITTER RMS
INTEGRATED JITTER RMS
DELIVERY FORM
PART NUMBERING SYSTEM
EXAMPLE
SERIES
M6337
BLANK = 100 PPM
50 = 50 PPM
25 = 25 PPM
BLANK = 0/+70°C
N = -10/+60°C
M = -20/+70°C
W = -40/+85°C
BLANK = 40/60%
S = 45/55%
BLANK = NOT CONNECT
E = TRI-STATE
COMPLEMENTARY
BLANK = PIN 5 NOT CONNECTED
OUTPUT
C = COMPLEMENTARY OUTPUT
REQUIRED FREQUENCY
DELIVERY FORM
T = TAPE AND REEL
10 ms max.
TAPE & REEL / 1.000 pcs per reel
SEE OUTLINE DRAWING
50
Ω to VDD -2VDC
1 ps max. (integrated 12 kHz ~ 20.0 MHz)
4 ps typ. @ 155.52 MHz
M6337-25-W-S-E-C-155.520MHz-T
TEMPERATURE RANGE
PETERMANN-TECHNIK | Amselweg 8 | D-86916 Kaufering
TRI-STATE CONTROL
SYMMETRY
FREQUENCY STABILITY
VS. TEMPERATURE
FREQUENCY
Fon: 00 49 (0) 81 91 / 30 53 95 | Fax: 00 49 (0) 81 91 / 30 53 97
http://www.petermann-technik.de | info@petermann-technik.de
- EXTENDED TEMPERATURE RANGE TO -40/+85°C
INPUT
+3.3 VDC +-5%
-55/+125°C
FREQUENCY RANGE
120.0 ~ 180.0 MHz
100 mA max.
OTHER PARAMETERS ARE AVAILABLE ON REQUEST / CREATE HERE YOUR SPECIFICATION
M6337
Ceramic 7.2 x 5.2 x 1.8 mm³
OUTPUT
VDD -1.62V max.
VDD -1.02V min.
SYMMETRY
PECL 3.3 VOLT
40/60% @VDD-1.3V Level
45/55% @VDD-1.3V Level
0/+70°C ~ -40/+85°C
1.5 ns max. @20 ~ 80% PECL
FREQUENCY STABILITY
+-1 ppm max.
+-5 ppm max.
+-5 ppm max. / 1 year
+-25 ~ +-100 ppm
PETERMANN
TECHNIK
Time & Frequency Components


Similar Part No. - M6337

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M63 MACOM-M63 Datasheet
124Kb / 2P
   DOUBLE-BALANCED MIXER
M63 MACOM-M63 Datasheet
377Kb / 3P
   Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M63 MA-COM-M63 Datasheet
989Kb / 3P
   Double-Balanced Mixer
logo
Integrated Circuit Syst...
M630 ICST-M630 Datasheet
87Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
PETERMANN-TECHNIK
M6300 PETERMANN-M6300 Datasheet
120Kb / 2P
   FUNDAMENTAL TECHNIQUE FOR LOW JITTER
More results

Similar Description - M6337

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
SMD02016 PETERMANN-SMD02016_15 Datasheet
564Kb / 4P
   High reliability for low cost
ZTT-MTMX PETERMANN-ZTT-MTMX Datasheet
725Kb / 3P
   High reliability for low cost
VCTXO PETERMANN-VCTXO Datasheet
1Mb / 6P
   High reliability for low cost
UM1-SMD PETERMANN-UM1-SMD Datasheet
497Kb / 4P
   High reliability for low cost
SXO18 PETERMANN-SXO18 Datasheet
888Kb / 3P
   High reliability for low cost
SMD-VCXO4-0507-3 PETERMANN-SMD-VCXO4-0507-3 Datasheet
298Kb / 3P
   High reliability for low cost
M7502 PETERMANN-M7502 Datasheet
134Kb / 3P
   HIGH RELIABILITY FOR LOW COST
M2500 PETERMANN-M2500 Datasheet
147Kb / 2P
   HIGH RELIABILITY FOR LOW COST
M4115 PETERMANN-M4115 Datasheet
78Kb / 1P
   HIGH RELIABILITY FOR LOW COST
M6302 PETERMANN-M6302 Datasheet
122Kb / 2P
   HIGH RELIABILITY FOR LOW COST
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com