Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M2352 Datasheet(PDF) 1 Page - PETERMANN-TECHNIK

Part # M2352
Description  HIGH RELIABILITY FOR LOW COST
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

M2352 Datasheet(HTML) 1 Page - PETERMANN-TECHNIK

  M2352 Datasheet HTML 1Page - PETERMANN-TECHNIK M2352 Datasheet HTML 2Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
- HIGH RELIABILITY FOR LOW COST
- FREQUENCY STABILITY TO +-15 PPM
- JITTER OPTIMIZED DIP 8 CLOCK OSCILLATOR
- EXCELLENT CLOCK SIGNAL GENERATOR FOR DSP'S AND CPU'S
SERIES
PACKAGE
FREQUENCY STABILITY
AGING
OPERATING TEMPERATURE RANGE
STORAGE TEMPERATURE RANGE
VOLTAGE
CURRENT
STANDARD
OPTION
RISE AND FALL TIME HCMOS
"0" LEVEL
"1" LEVEL
LOAD
HCMOS
STANDARD
OPTION
PIN 1 INPUT
PIN 8 OUTPUT
2.0V MIN. OR NOT CONNECTED
OSCILLATION
0.8V MAX. OR GND
HIGH IMPEDANCE
PIN CONNECTION
START-UP TIME
PERIOD JITTER RMS
PART NUMBERING SYSTEM
EXAMPLE
SERIES
M2352
BLANK FOR 100 PPM
ANY 50 ~ 15 PPM
BLANK FOR 0/+70°C
N = -10/+60°C
M = -20/+70°C
W = -40/+85°C
BLANK FOR 40/60%
S FOR 45/55%
PIN 1
BLANK FOR NO E/D
ENABLE/DISABLE
E FOR E/D
BLANK FOR DIP
G FOR GULL WING
REQUIRED FREQUENCY
OUTPUT
10% VDD max.
90% VDD min.
SYMMETRY
HCMOS 3.3 VOLT
40/60%
45/55%
10 ns max. (10% VDD ~ 90% VDD)
- EXTENDED TEMPERATURE RANGE TO -40/+85°C
INPUT
+3.3 VDC +-10%
-55/+125°C
FREQUENCY RANGE
125.0 ~ 180.0 MHz
40 mA max.
+-15 ~ +-100 ppm
M2352
8 PIN DIP
PETERMANN-TECHNIK | Amselweg 8 | D-86916 Kaufering
Fon: 00 49 (0) 81 91 / 30 53 95 | Fax: 00 49 (0) 81 91 / 30 53 97
http://www.petermann-technik.de | info@petermann-technik.de
PIN CONFIGURATION
FREQUENCY
PIN 1
SYMMETRY
FREQUENCY STABILITY
OTHER PARAMETERS ARE AVAILABLE ON REQUEST / CREATE HERE YOUR SPECIFICATION
M2352-25-W-S-E-G-180.0MHz
TRISTATE LOGIC TABLE
TEMPERATURE RANGE
25 ps max.
10 ms max.
SEE OUTLINE DRAWINGS
15 pF
WITHOUT ENABLE/DISABLE FUNCTION
WITH ENABLE/DISABLE FUNCTION
+-5 ppm after first year
0/+70°C ~ -40/+85°C
PETERMANN
TECHNIK
Time & Frequency Components


Similar Part No. - M2352

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
M2350 PETERMANN-M2350 Datasheet
131Kb / 2P
   HIGH RELIABILITY FOR LOW COST
logo
Nuvoton Technology Corp...
M2351 NUVOTON-M2351 Datasheet
5Mb / 245P
   NuMicro짰 Family
M2351CIAAE NUVOTON-M2351CIAAE Datasheet
5Mb / 245P
   NuMicro짰 Family
M2351CIAE NUVOTON-M2351CIAE Datasheet
5Mb / 245P
   NuMicro짰 Family
M2351KIAAE NUVOTON-M2351KIAAE Datasheet
5Mb / 245P
   NuMicro짰 Family
More results

Similar Description - M2352

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
SMD02016 PETERMANN-SMD02016_15 Datasheet
564Kb / 4P
   High reliability for low cost
ZTT-MTMX PETERMANN-ZTT-MTMX Datasheet
725Kb / 3P
   High reliability for low cost
VCTXO PETERMANN-VCTXO Datasheet
1Mb / 6P
   High reliability for low cost
UM1-SMD PETERMANN-UM1-SMD Datasheet
497Kb / 4P
   High reliability for low cost
SXO18 PETERMANN-SXO18 Datasheet
888Kb / 3P
   High reliability for low cost
SMD-VCXO4-0507-3 PETERMANN-SMD-VCXO4-0507-3 Datasheet
298Kb / 3P
   High reliability for low cost
M7502 PETERMANN-M7502 Datasheet
134Kb / 3P
   HIGH RELIABILITY FOR LOW COST
M2500 PETERMANN-M2500 Datasheet
147Kb / 2P
   HIGH RELIABILITY FOR LOW COST
M4115 PETERMANN-M4115 Datasheet
78Kb / 1P
   HIGH RELIABILITY FOR LOW COST
M6302 PETERMANN-M6302 Datasheet
122Kb / 2P
   HIGH RELIABILITY FOR LOW COST
M6337 PETERMANN-M6337 Datasheet
125Kb / 2P
   HIGH RELIABILITY FOR LOW COST
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com