Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M1319 Datasheet(PDF) 3 Page - PETERMANN-TECHNIK

Part # M1319
Description  SMD-PLL QUARTZ STABILIZED OSCILLATOR / 3.0 VDC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

M1319 Datasheet(HTML) 3 Page - PETERMANN-TECHNIK

  M1319 Datasheet HTML 1Page - PETERMANN-TECHNIK M1319 Datasheet HTML 2Page - PETERMANN-TECHNIK M1319 Datasheet HTML 3Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PETERMANN
TECHNIK
Time & Frequency Components
PETERMANN-TECHNIK | Amselweg 8 | D-86916 Kaufering
Fon: 00 49 (0) 81 91 / 30 53 95 | Fax: 00 49 (0) 81 91 / 30 53 97
http://www.petermann-technik.de | info@petermann-technik.de
BLOCK DIAGRAM
RF OUTPUT
REFERENCE
DIVIDER
PHASE
DETECTOR
CHARGE
PUMP
LOOP
FILTER
VCO
VCO
DIVIDER
REFERENCE X-TAL
OSCILLATOR
ROM
TYPE “
T”
TYPE “
E”


Similar Part No. - M1319

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M1319 ETC2-M1319 Datasheet
300Kb / 1P
   6mm HEX FEMALE STANDOFFS
More results

Similar Description - M1319

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
M1320 PETERMANN-M1320 Datasheet
104Kb / 2P
   SMD-PLL QUARTZ STABILIZED OSCILLATOR / 3.0 VDC
M1519 PETERMANN-M1519 Datasheet
101Kb / 3P
   SMD-PLL QUARTZ STABILIZED OSCILLATOR / 5.0 VDC
M1520 PETERMANN-M1520 Datasheet
99Kb / 2P
   SMD-PLL QUARTZ STABILIZED OSCILLATOR / 5.0 VDC
logo
List of Unclassifed Man...
TRU050 ETC-TRU050 Datasheet
4Mb / 17P
   SINGLE DROP IN QUARTZ STABILIZED PLL SOLUTUION
logo
Connor-Winfield Corpora...
OH300 CONNOR-WINFIELD-OH300 Datasheet
717Kb / 6P
   Oven Stabilized Oscillator
OH100 CONNOR-WINFIELD-OH100 Datasheet
507Kb / 4P
   Oven Stabilized Oscillator
logo
NXP Semiconductors
PCF2120 NXP-PCF2120 Datasheet
85Kb / 14P
   Quartz oscillator
Rev. 01-5 February 2008
logo
Toshiba Semiconductor
TC9142P TOSHIBA-TC9142P Datasheet
576Kb / 15P
   QUARTZ PLL MOTOR CONTROL
TC9242P TOSHIBA-TC9242P Datasheet
498Kb / 12P
   QUARTZ PLL MOTOR CONTROL
logo
American Accurate Compo...
PLO500 AAC-PLO500 Datasheet
58Kb / 1P
   PLL Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com