Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JYR38 Datasheet(PDF) 1 Page - PETERMANN-TECHNIK

Part # JYR38
Description  HIGH RELIABILITY FOR LOW COST
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

JYR38 Datasheet(HTML) 1 Page - PETERMANN-TECHNIK

  JYR38 Datasheet HTML 1Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
- HIGH RELIABILITY FOR LOW COST
- SMALL DIMENSIONS
SERIES
CRYSTAL HOLDERS
JYR38
JYR26
JYR15
FREQUENCY
MAXIMUM SERIES RESISTANCE
35 k
Ω MAX.
35 k
Ω MAX.
40 k
Ω MAX.
FREQUENCY TOLERANCE AT 25°C
TEMPERATURE RANGE
STORAGE TEMPERATURE
TEMPERATURE STABILITY
LOAD CAPACITANCE
SHUNT CAPACITANCE
1.6 PF TYP.
1.35 PF TYP.
1.0 PF TYP.
DRIVE LEVEL
AGING
DELIVERY FORM
PART NUMBERING SYSTEM
EXAMPLE
JYR38 OR JYR26 OR JYR15
FREQUENCY
32.768 kHz
FREQUENCY TOLERANCE AT 25°C REQUIRED VALUE
LOAD CAPACITANCE
REQUIRED VALUE
OUTLINE DRAWING JYR38
OUTLINE DRAWING JYR 26
OUTLINE DRAWING OF JYR15
TEMPERATURE CHARACTERISTICS
+-3 PPM PER YEAR
BULKS
JYR
SEE OUTLINE DRAWINGS
12.5 PF STANDARD
JYR38 32.768 kHz +-20 PPM 12.5 PF
http://www.petermann-technik.de | info@petermann-technik.de
PACKAGE
+-20 PPM STANDARD (+-10 ~ +-50 PPM POSSIBLE)
-10/+60°C
PETERMANN-TECHNIK | Amselweg 8 | D-86916 Kaufering
OTHER PARAMETERS ARE AVAILABLE ON REQUEST / CREATE HERE YOUR SPECIFICATION
Fon: 00 49 (0) 81 91 / 30 53 95 | Fax: 00 49 (0) 81 91 / 30 53 97
SERIES
1 µW TYP.
32.768 kHz
-0.035 PPM/°C² TYP.
-20/+70°C
- EXCELLENT CLOCK SIGNAL GENERATUR FOR 1 Hz TIMING FREQUENCY
PETERMANN
TECHNIK
Time & Frequency Components
3.0
0.3
1.1
Unit:mm
2.0
0.2
0.6
Unit:mm
1.32
0.2
0.45
Unit:mm
-10
25
60
TEMP
(°C)
0
-50
f/f0(ppm)


Similar Part No. - JYR38

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
JYR38 PETERMANN-JYR38 Datasheet
673Kb / 2P
   THT QUARTZ CRYSTAL SERIES JYR
More results

Similar Description - JYR38

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
SMD02016 PETERMANN-SMD02016_15 Datasheet
564Kb / 4P
   High reliability for low cost
ZTT-MTMX PETERMANN-ZTT-MTMX Datasheet
725Kb / 3P
   High reliability for low cost
VCTXO PETERMANN-VCTXO Datasheet
1Mb / 6P
   High reliability for low cost
UM1-SMD PETERMANN-UM1-SMD Datasheet
497Kb / 4P
   High reliability for low cost
SXO18 PETERMANN-SXO18 Datasheet
888Kb / 3P
   High reliability for low cost
SMD-VCXO4-0507-3 PETERMANN-SMD-VCXO4-0507-3 Datasheet
298Kb / 3P
   High reliability for low cost
M7502 PETERMANN-M7502 Datasheet
134Kb / 3P
   HIGH RELIABILITY FOR LOW COST
M2500 PETERMANN-M2500 Datasheet
147Kb / 2P
   HIGH RELIABILITY FOR LOW COST
M4115 PETERMANN-M4115 Datasheet
78Kb / 1P
   HIGH RELIABILITY FOR LOW COST
M6302 PETERMANN-M6302 Datasheet
122Kb / 2P
   HIGH RELIABILITY FOR LOW COST
M6337 PETERMANN-M6337 Datasheet
125Kb / 2P
   HIGH RELIABILITY FOR LOW COST
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com