Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC-50U Datasheet(PDF) 1 Page - PETERMANN-TECHNIK

Part # HC-50U
Description  HIGH RELIABILITY FOR LOW COST
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PETERMANN [PETERMANN-TECHNIK]
Direct Link  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

HC-50U Datasheet(HTML) 1 Page - PETERMANN-TECHNIK

  HC-50U Datasheet HTML 1Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
- HIGH RELIABILITY FOR LOW COST
SERIES
FREQUENCY RANGE
1.0 ~ 1.228 MHz
1.8432 ~ 45.0 MHz
24.0 ~ 100.0 MHz
80.0 ~ 160.0 MHz
110.0 ~ 200.0 MHz
MODE OF VIBRATION
SL-FUNDAMENTAL AT-FUNDAMENTAL
3rd OVERTONE
5th OVERTONE
7th OVERTONE
RESONANCE RESISTANCE
500
Ω MAX.
400 ~ 20
40
Ω MAX.
70
Ω MAX.
120
Ω MAX.
FREQUENCY TOLERANCE AT 25°C
TEMPERATURE RANGE
+-3 PPM
+-5 PPM
+-10 PPM
TEMPERATURE
+-15 PPM
STABILITY
+-20 PPM
+-30 PPM
+-50 PPM
LOAD CAPACITANCE
SHUNT CAPACITANCE
DRIVE LEVEL
AGING
INSULATION RESISTANCE
DELIVERY FORM
STANDARD
OPTION
OPTION
PART NUMBERING SYSTEM
EXAMPLE
HC-50/U
FREQUENCY
REQUIRED VALUE
FREQUENCY TOLERANCE AT 25°C
REQUIRED VALUE
TEMPERATURE STABILITY
REQUIRED VALUE
REQUIRED VALUE
LOAD CAPACITANCE
REQUIRED VALUE
BLANK FOR BULKS AND NO OPTION
I = WITH INSULATOR
V = WITH VINYL SLEEVE ARROUND THE HOLDER
OUTLINE DRAWING OF HC-50/U
WITH INSULATOR
VINYL SLEEVE ARROUND THE HOLDER
DELIVERY FORM
HC-50/U 27.000 MHz 30/50/-40+85/20pF/I/V
- EXCELLENT CLOCK SIGNAL GENERATUR FOR CPU'S
http://www.petermann-technik.de | info@petermann-technik.de
PACKAGE DIMENSIONS
+-10 PPM ~ +-50 PPM
0/+50°C ~ -40/+85°C
OTHER PARAMETERS ARE AVAILABLE ON REQUEST / CREATE HERE YOUR SPECIFICATION
PETERMANN-TECHNIK | Amselweg 8 | D-86916 Kaufering
0+50°C / -10/+60°C / 0/+70°C / -20/+70°C
WITHOUT INSULATOR
Fon: 00 49 (0) 81 91 / 30 53 95 | Fax: 00 49 (0) 81 91 / 30 53 97
SERIES
DELIVERY FORM
100 µW MAX.
+-2 PPM PER YEAR
>500 M
Ω DC/100V +-10%
BULKS
HC-50/U
SEE OUTLINE DRAWING
TEMPERATURE RANGE
0+50°C
0+50°C / -10/+60°C / 0/+70°C / -20/+70°C / -40/+85°C
0+50°C / -10/+60°C / 0/+70°C / -20/+70°C / -40/+85°C
0+50°C / -10/+60°C / 0/+70°C / -20/+70°C / -40/+85°C
0+50°C / -10/+60°C / 0/+70°C -20/+70°C
0+50°C / -10/+60°C / 0/+70°C / -20/+70°C / -40/+85°C / -40/+125°C
8 ~ 32 PF OR SERIES
7 PF MAX.
PETERMANN
TECHNIK
Time & Frequency Components
4.88
11.5
10.3
3.68
01.02
Unit:mm
4.9
glass insulator


Similar Part No. - HC-50U

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
HC-5 MACOM-HC-5 Datasheet
368Kb / 1P
   Make & Break Load Switching
HC-5/115VDC MACOM-HC-5/115VDC Datasheet
368Kb / 1P
   Make & Break Load Switching
HC-5/12VDC MACOM-HC-5/12VDC Datasheet
368Kb / 1P
   Make & Break Load Switching
logo
Raltron Electronics Cor...
HC-51/U RALTRON-HC-51/U Datasheet
250Kb / 3P
   MICROPROCESSOR CRYSTAL UNITS
logo
FOTEK CONTROLS CO., LTD...
HC-51P FOTEK-HC-51P Datasheet
1Mb / 4P
   DIN 72X72 Digital Counter
More results

Similar Description - HC-50U

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
SMD02016 PETERMANN-SMD02016_15 Datasheet
564Kb / 4P
   High reliability for low cost
ZTT-MTMX PETERMANN-ZTT-MTMX Datasheet
725Kb / 3P
   High reliability for low cost
VCTXO PETERMANN-VCTXO Datasheet
1Mb / 6P
   High reliability for low cost
UM1-SMD PETERMANN-UM1-SMD Datasheet
497Kb / 4P
   High reliability for low cost
SXO18 PETERMANN-SXO18 Datasheet
888Kb / 3P
   High reliability for low cost
SMD-VCXO4-0507-3 PETERMANN-SMD-VCXO4-0507-3 Datasheet
298Kb / 3P
   High reliability for low cost
M7502 PETERMANN-M7502 Datasheet
134Kb / 3P
   HIGH RELIABILITY FOR LOW COST
M2500 PETERMANN-M2500 Datasheet
147Kb / 2P
   HIGH RELIABILITY FOR LOW COST
M4115 PETERMANN-M4115 Datasheet
78Kb / 1P
   HIGH RELIABILITY FOR LOW COST
M6302 PETERMANN-M6302 Datasheet
122Kb / 2P
   HIGH RELIABILITY FOR LOW COST
M6337 PETERMANN-M6337 Datasheet
125Kb / 2P
   HIGH RELIABILITY FOR LOW COST
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com