Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XFSMCX-1R0M Datasheet(PDF) 2 Page - XFMRS Inc.

Part # XFSMCX-1R0M
Description  Measurement frequency of inductance value : at 100KHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XFMRS [XFMRS Inc.]
Direct Link  http://www.xfmrs.com
Logo XFMRS - XFMRS Inc.

XFSMCX-1R0M Datasheet(HTML) 2 Page - XFMRS Inc.

  XFSMCX-1R0M Datasheet HTML 1Page - XFMRS Inc. XFSMCX-1R0M Datasheet HTML 2Page - XFMRS Inc. XFSMCX-1R0M Datasheet HTML 3Page - XFMRS Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
C
9.3


Similar Part No. - XFSMCX-1R0M

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFSMC2 XFMRS-XFSMC2 Datasheet
538Kb / 6P
   High-Current Cube Inductors
XFSMC2-100M XFMRS-XFSMC2-100M Datasheet
538Kb / 6P
   High-Current Cube Inductors
XFSMC2-1R0M XFMRS-XFSMC2-1R0M Datasheet
538Kb / 6P
   High-Current Cube Inductors
XFSMC2-1R5M XFMRS-XFSMC2-1R5M Datasheet
538Kb / 6P
   High-Current Cube Inductors
XFSMC2-2R2M XFMRS-XFSMC2-2R2M Datasheet
538Kb / 6P
   High-Current Cube Inductors
More results

Similar Description - XFSMCX-1R0M

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFHCL11MM-R10N XFMRS-XFHCL11MM-R10N_11 Datasheet
85Kb / 1P
   MEASUREMENT FREQUENCY OF INDUCTANCE VALUE: AT 100KHz
XFHCL4MM-R10N XFMRS-XFHCL4MM-R10N Datasheet
91Kb / 1P
   MEASUREMENT FREQUENCY OF INDUCTANCE VALUE: AT 100KHz
logo
Murata Manufacturing Co...
DFE201612R-H-1R5M MURATA-DFE201612R-H-1R5M_18 Datasheet
2Mb / 2P
   Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
DFE201210S-2R2M MURATA-DFE201210S-2R2M_18 Datasheet
998Kb / 2P
   Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
DFE201612E-R47M MURATA-DFE201612E-R47M_18 Datasheet
2Mb / 2P
   Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
DFE252007F-1R0M MURATA-DFE252007F-1R0M_18 Datasheet
999Kb / 2P
   Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
DFE252008C-3R3M MURATA-DFE252008C-3R3M_18 Datasheet
2Mb / 2P
   Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
DFE252008C-R47M MURATA-DFE252008C-R47M_18 Datasheet
2Mb / 2P
   Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
DFE252008U-1R5M MURATA-DFE252008U-1R5M_18 Datasheet
495Kb / 1P
   Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
DFE252008U-2R2M MURATA-DFE252008U-2R2M_18 Datasheet
494Kb / 1P
   Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com