Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC89080Q Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC89080Q
Description  Video Signal 3-Channel 8-Bit D/A Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC89080Q Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC89080Q Datasheet HTML 1Page - Sanyo Semicon Device LC89080Q Datasheet HTML 2Page - Sanyo Semicon Device LC89080Q Datasheet HTML 3Page - Sanyo Semicon Device LC89080Q Datasheet HTML 4Page - Sanyo Semicon Device LC89080Q Datasheet HTML 5Page - Sanyo Semicon Device LC89080Q Datasheet HTML 6Page - Sanyo Semicon Device LC89080Q Datasheet HTML 7Page - Sanyo Semicon Device LC89080Q Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Pin Assignment LC89080Q (QFP48A)
No. 4030-4/8
LC89080, 89080Q
Pin No.
Symbol
Description
1 to 3
DA5 to 7
Channel A digital input
4
DA8
Channel A digital input (LSB)
5
DB1
Channel B digital input (MSB)
6
NC
Unused (no connection)
7 to 12
DB2 to DB7
Channel B digital input
13
DB8
Channel B digital input (LSB)
14
DC1
Channel C digital input (MSB)
15 to 18
DC2 to DC5
Channel C digital input
19
DVDD
Digital system power supply (+5 V)
20
DC6
Channel C digital input
21
DC7
Channel C digital input
22
DC8
Channel C digital input (LSB)
23
CLK
Clock input
24
NC
Unused (no connection)
25
DVDD
Digital system power supply (+5 V)
26
DGND
Digital system ground (0 V)
27
ICOB
Channel C negative output. Connect to A.GND through an output resistor RO (usually 75 Ω).
28
ICO
Channel C positive output. Connect to A.GND through an output resistor RO (usually 75 Ω).
29
AVDD
Analog system power supply (+5 V)
30
AVDD
Analog system power supply (+5 V)
31
IBOB
Channel B negative output. Connect to A.GND through an output resistor RO (usually 75 Ω).
32
IBO
Channel B positive output. Connect to A.GND through an output resistor RO (usually 75 Ω).
33
AGND
Analog system ground (0 V)
34
IAOB
Channel A negative output. Connect to A.GND through an output resistor RO (usually 75 Ω).
35
IAO
Channel A positive output. Connect to A.GND through an output resistor RO (usually 75 Ω).
36
AVDD
Analog system power supply (+5 V)
37
COMP
Phase compensation capacitor. Connect a 1 µF capacitor between this pin and ground.
38
NC
Unused (no connection)
39
IREF
Reference current output. Connect a resistor that is 4 times the output resistance RO to this pin.
40
VREFIN
Reference voltage input. This input pin sets the analog output dynamic range.
41
VREFOUT
Reference voltage output. The output voltage is set to 0.2 times VDD by a resistor divider.
When VDD is 5.0 V, a 1.0 V reference voltage can be acquired from pin 40.
42
DGND
Digital system ground (0 V)
43
DVDD
Digital system power supply (+5 V)
44
DVDD
Digital system power supply (+5 V)
45
DA1
Channel A digital input (MSB)
46 to 48
DA2 to DA4
Channel A digital input


Similar Part No. - LC89080Q

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC89086M SANYO-LC89086M Datasheet
61Kb / 6P
   8 Bit A/D Converter
More results

Similar Description - LC89080Q

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB40578 FUJITSU-MB40578 Datasheet
60Kb / 10P
   1 CHANNEL 8-BIT VIDEO A/D CONVERTER
MB40558 FUJITSU-MB40558 Datasheet
85Kb / 8P
   1 CHANNEL 8-BIT VIDEO A/D CONVERTER
logo
Rohm
BU3616K ROHM-BU3616K Datasheet
56Kb / 5P
   3-channel, 8-bit D / A converter
logo
Fujitsu Component Limit...
MB40988 FUJITSU-MB40988 Datasheet
363Kb / 11P
   3-Channel 8-Bit D/A Converter
MB40958 FUJITSU-MB40958 Datasheet
148Kb / 11P
   3-Channel 8-Bit D/A Converter
logo
Rohm
BU3618K ROHM-BU3618K Datasheet
63Kb / 6P
   3-channel 8-bit D / A converter
logo
Analog Devices
AD9048 AD-AD9048 Datasheet
109Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. C
logo
List of Unclassifed Man...
AH8308EC ETC1-AH8308EC Datasheet
209Kb / 3P
   8-Bit RGB video d/a converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
List of Unclassifed Man...
ADC-321 ETC-ADC-321 Datasheet
174Kb / 8P
   8-Bit, 50MHz Video A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com