Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC89051V Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LC89051V
Description  Digital Audio Interface Receiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC89051V Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LC89051V Datasheet HTML 4Page - Sanyo Semicon Device LC89051V Datasheet HTML 5Page - Sanyo Semicon Device LC89051V Datasheet HTML 6Page - Sanyo Semicon Device LC89051V Datasheet HTML 7Page - Sanyo Semicon Device LC89051V Datasheet HTML 8Page - Sanyo Semicon Device LC89051V Datasheet HTML 9Page - Sanyo Semicon Device LC89051V Datasheet HTML 10Page - Sanyo Semicon Device LC89051V Datasheet HTML 11Page - Sanyo Semicon Device LC89051V Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Functions
1. Data Input and Output (DIN1, DIN2, E/DOUT)
The DIN1 pin has a built-in amplifier, and can receive signals with an amplitude of about 400 mVp-p (coaxial input).
The DIN2 pin is only for use in optical modules.
Note that although the data input pins are controlled by the microcontroller, DIN1 can be selected when a
microcontroller is not used. The microcontroller interface pins must be tied low in such applications.
The E/DOUT normally outputs channel status information. However, it can be set to output either the input bi-phase
data or the validity flag by command codes from the microcontroller.
2. PLL (R, VIN, VCO, AVOCK)
This circuit includes a built-in VCO and supports sampling frequencies of 32, 44.1, and 48 kHz.
This LSI can also receive at the 2
× sampling frequencies of 64 kHz, 88.2 kHz, and 96 kHz, but only when operating
from a 5-V power-supply voltage. However, the demodulated data and clock output during double speed reception
follow the received sampling frequency, and the transmission format for 2
×-speed data must follow the IEC958
standard.
The built-in VCO is controlled by the resistors connected to the R and VIN pins.
The resistor connected to R functions as both the VCO gain control and as temperature compensation. The VIN pin
sets the VCO free-running frequency. Recommended circuit constants are shown in the sample application circuit.
Note that the VCO free-running frequency varies with temperature and with manufacturing variations between
samples. The recommended circuit constants shown in the sample application circuit take these variations into
account so that the PLL circuit lockup characteristics are not adversely affected. These values are not designed to
reduce variations in the free-running frequency. The VCO pin is the PLL loop filter pin. The loop filter is formed by
attaching an external capacitor and a resistor to this pin. See the sample application circuit for these circuit constants.
PLL Loop Filter Structure
The PLL circuit will be reset within a fixed period when PLL lock pull-in fails if a continuously operating clock of
no more than 50 kHz is input to the AVOCK pin. This allows incorrect PLL operation to be avoided.
3. Clock Settings and Output (FS128, BCK, LRCK, DATAOUT, CKSEL, CKOUT)
A 128fs clock signal is output from the FS128 pin. Figure 1 shows the output timing for the BCK, LRCK, and
DATAOUT pins.
The CKOUT clock output is set by the CKSEL pin as listed in the table below.
The microcontroller interface format is also set by CKSEL as listed in the table below.
No. 5543-8/15
LC89051V
CKSEL
CKOUT
L
384fs clock output
H
512fs clock output
CKSEL
Microcontroller interface
L
Figure 2
H
Figure 3


Similar Part No. - LC89051V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC89052T SANYO-LC89052T Datasheet
483Kb / 42P
   Digital Audio Interface Receiver
LC89052TA-E SANYO-LC89052TA-E Datasheet
230Kb / 42P
   Digital Audio Interface Receiver
logo
ON Semiconductor
LC89052TA-E ONSEMI-LC89052TA-E Datasheet
229Kb / 42P
   Digital Audio Interface Receiver
May, 2013
logo
Sanyo Semicon Device
LC890561W SANYO-LC890561W Datasheet
362Kb / 47P
   CMOS IC Digital Audio Interface Receiver with Built-in Data Buffer Memory
LC89057W-VF4A-E SANYO-LC89057W-VF4A-E Datasheet
334Kb / 59P
   Digital Audio Interface Transceiver
More results

Similar Description - LC89051V

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DIR1703 BURR-BROWN-DIR1703 Datasheet
236Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
List of Unclassifed Man...
YM3623B ETC-YM3623B Datasheet
574Kb / 10P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC89052T SANYO-LC89052T Datasheet
483Kb / 42P
   Digital Audio Interface Receiver
LC89052TA-E SANYO-LC89052TA-E Datasheet
230Kb / 42P
   Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR1700 BURR-BROWN-DIR1700 Datasheet
87Kb / 3P
   DIGITAL AUDIO INTERFACE RECEIVER
DIR1701 BURR-BROWN-DIR1701 Datasheet
290Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Wolfson Microelectronic...
WM8803 WOLFSON-WM8803 Datasheet
376Kb / 45P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC8901 SANYO-LC8901 Datasheet
177Kb / 15P
   Digital Audio Interface Receiver
LC8903 SANYO-LC8903 Datasheet
299Kb / 15P
   Digital Audio Interface Receiver?
logo
STMicroelectronics
STA120DJ13TR STMICROELECTRONICS-STA120DJ13TR Datasheet
194Kb / 15P
   DIGITAL AUDIO INTERFACE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com