Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STL140N4LLF5 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STL140N4LLF5
Description  N-channel 40 V, 0.00275 廓, 32 A, PowerFLAT??(5x6) STripFET??V Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL140N4LLF5 Datasheet(HTML) 4 Page - STMicroelectronics

  STL140N4LLF5 Datasheet HTML 1Page - STMicroelectronics STL140N4LLF5 Datasheet HTML 2Page - STMicroelectronics STL140N4LLF5 Datasheet HTML 3Page - STMicroelectronics STL140N4LLF5 Datasheet HTML 4Page - STMicroelectronics STL140N4LLF5 Datasheet HTML 5Page - STMicroelectronics STL140N4LLF5 Datasheet HTML 6Page - STMicroelectronics STL140N4LLF5 Datasheet HTML 7Page - STMicroelectronics STL140N4LLF5 Datasheet HTML 8Page - STMicroelectronics STL140N4LLF5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Electrical characteristics
STL140N4LLF5
4/10
Doc ID 17586 Rev 1
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified)
Table 5.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
ID = 250 µA, VGS= 0
40
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = Max rating,
VDS = Max rating @125 °C
1
10
µA
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = ±22 V
±
100
nA
VGS(th)
Gate threshold voltage
VDS= VGS, ID = 250 µA
1V
RDS(on)
Static drain-source on
resistance
VGS= 10 V, ID= 16 A
VGS= 4.5 V, ID= 16 A
0.0021
0.0024
0.00275
0.0031
Table 6.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 25 V, f=1 MHz,
VGS=0
-
5900
870
130
-
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD=15 V, ID = 32 A
VGS = 4.5 V
(see Figure 3)
-
45
TBD
TBD
-
nC
nC
nC
RG
Gate input resistance
f=1 MHz Gate DC Bias = 0
Test signal level = 20 mV
open drain
-TBD
-
Table 7.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off delay time
Fall time
VDD=15 V, ID= 16 A,
RG=4.7 Ω, VGS=10 V
(see Figure 2)
-
TBD
TBD
TBD
TBD
-
ns
ns
ns
ns


Similar Part No. - STL140N4LLF5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL140N4F7AG STMICROELECTRONICS-STL140N4F7AG Datasheet
927Kb / 14P
   High avalanche ruggedness
February 2017 Rev 2
More results

Similar Description - STL140N4LLF5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL85N6F3 STMICROELECTRONICS-STL85N6F3 Datasheet
534Kb / 15P
   N-channel 60 V, 0.0057 廓, 19 A PowerFLAT??5x6 STripFET??Power MOSFET
STL15DN4F5 STMICROELECTRONICS-STL15DN4F5 Datasheet
781Kb / 12P
   Dual N-channel 40 V, 8 m廓, 15 A PowerFLAT??5x6) double island, STripFET??V Power MOSFET
STL51N3LLH5 STMICROELECTRONICS-STL51N3LLH5 Datasheet
823Kb / 13P
   N-channel 30 V, 0.0105, 51 A, PowerFLAT 5x6 STripFET V Power MOSFET
STL60N3LLH5 STMICROELECTRONICS-STL60N3LLH5 Datasheet
587Kb / 12P
   N-channel 30 V, 0.0063 ?? 17 A PowerFLAT??(5x6) STripFET??V Power MOSFET
March 2010 Rev 1
STL70N4LLF5 STMICROELECTRONICS-STL70N4LLF5 Datasheet
270Kb / 10P
   N-channel 40 V, 0.0055 廓, 18 A, PowerFLAT??(6x5) STripFET??V Power MOSFET
STL75N3LLZH5 STMICROELECTRONICS-STL75N3LLZH5 Datasheet
516Kb / 9P
   N-channel 30 V, 0.0055 ?? 19 A PowerFLAT??(5x6) STripFET??V Power MOSFET
July 2010 Rev 2
STL100N1VH5 STMICROELECTRONICS-STL100N1VH5 Datasheet
775Kb / 13P
   N-channel 12 V, 0.0022 25 A PowerFLAT (5x6) STripFET V Power MOSFET
STL160N3LLH6 STMICROELECTRONICS-STL160N3LLH6 Datasheet
781Kb / 16P
   N-channel 30 V, 0.0011 廓, 35 A PowerFLAT??5x6 STripFET??VI DeepGATE??Power MOSFET
STL260N4LF7 STMICROELECTRONICS-STL260N4LF7 Datasheet
847Kb / 15P
   N-channel 40 V, 0.85 m廓 typ., 120 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
Rev 5 - July 2019
STK32N4LLH5 STMICROELECTRONICS-STK32N4LLH5 Datasheet
321Kb / 13P
   N-channel 40 V, 0.0017 廓, 32 A, PolarPAK짰 STripFET??V Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com