Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFT25A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BFT25A
Description  NPN 5 GHz wideband transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BFT25A Datasheet(HTML) 2 Page - NXP Semiconductors

  BFT25A_04 Datasheet HTML 1Page - NXP Semiconductors BFT25A_04 Datasheet HTML 2Page - NXP Semiconductors BFT25A_04 Datasheet HTML 3Page - NXP Semiconductors BFT25A_04 Datasheet HTML 4Page - NXP Semiconductors BFT25A_04 Datasheet HTML 5Page - NXP Semiconductors BFT25A_04 Datasheet HTML 6Page - NXP Semiconductors BFT25A_04 Datasheet HTML 7Page - NXP Semiconductors BFT25A_04 Datasheet HTML 8Page - NXP Semiconductors BFT25A_04 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
9397 750 13399
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 04 — 6 July 2004
2 of 14
Philips Semiconductors
BFT25A
NPN 5 GHz wideband transistor
2.
Pinning information
3.
Ordering information
4.
Marking
[1]
* = p : Made in Hong Kong.
* = t : Made in Malaysia.
* = W : Made in China.
5.
Limiting values
[1]
Ts is the temperature at the soldering point of the collector tab.
Table 2:
Discrete pinning
Pin
Description
Simplified outline
Symbol
Code: V10
1
base
2
emitter
3
collector
SOT23
12
3
sym021
3
2
1
Table 3:
Ordering information
Type number
Package
Name
Description
Version
BFT25A
-
plastic surface mounted package; 3 leads
SOT23
Table 4:
Marking
Type number
Marking code [1]
BFT25A
34*
Table 5:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
8
V
VCEO
collector-emitter voltage
open base
-
5
V
VEBO
emitter-base voltage
open collector
-
2
V
IC
DC collector current
-
6.5
mA
Ptot
total power dissipation
up to Ts = 165 °C
[1] -32
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
-
175
°C


Similar Part No. - BFT25A_04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFT25A PHILIPS-BFT25A_15 Datasheet
146Kb / 15P
   NPN 5 GHz wideband transistor
Rev. 5-12 September 2011
logo
Quanzhou Jinmei Electro...
BFT25A JMNIC-BFT25A_15 Datasheet
100Kb / 14P
   NPN 5 GHz wideband transistor
BFT25A_2015 JMNIC-BFT25A_2015 Datasheet
100Kb / 14P
   BFT25A_2015
More results

Similar Description - BFT25A_04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFR92AT PHILIPS-BFR92AT Datasheet
90Kb / 16P
   NPN 5 GHz wideband transistor
2000 Mar 28
logo
Quanzhou Jinmei Electro...
BFG97_2015 JMNIC-BFG97_2015 Datasheet
100Kb / 14P
   NPN 5 GHz wideband transistor
BFT25A JMNIC-BFT25A_15 Datasheet
100Kb / 14P
   NPN 5 GHz wideband transistor
BFR92A JMNIC-BFR92A_15 Datasheet
102Kb / 12P
   NPN 5 GHz wideband transistor
BFR106 JMNIC-BFR106_15 Datasheet
58Kb / 8P
   NPN 5 GHz wideband transistor
logo
NXP Semiconductors
BFR93AW PHILIPS-BFR93AW Datasheet
87Kb / 12P
   NPN 5 GHz wideband transistor
1995 Sep 18
BFS25A PHILIPS-BFS25A Datasheet
126Kb / 11P
   NPN 5 GHz wideband transistor
December 1997
BFT25A PHILIPS-BFT25A Datasheet
101Kb / 11P
   NPN 5 GHz wideband transistor
December 1997
BFG92A NXP-BFG92A_98 Datasheet
126Kb / 16P
   NPN 5 GHz wideband transistor
1998 Sep 23
BFR94A NXP-BFR94A_10 Datasheet
339Kb / 14P
   NPN 5 GHz wideband transistor
Rev. 3-15 November 2010
logo
Quanzhou Jinmei Electro...
BFR106_2015 JMNIC-BFR106_2015 Datasheet
58Kb / 8P
   NPN 5 GHz wideband transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com