Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI1120 Datasheet(PDF) 8 Page - Silicon Laboratories

Part # SI1120
Description  PROXIMITY/AMBIENT LIGHT SENSOR WITH PWM OUTPUT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI1120 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button SI1120_10 Datasheet HTML 4Page - Silicon Laboratories SI1120_10 Datasheet HTML 5Page - Silicon Laboratories SI1120_10 Datasheet HTML 6Page - Silicon Laboratories SI1120_10 Datasheet HTML 7Page - Silicon Laboratories SI1120_10 Datasheet HTML 8Page - Silicon Laboratories SI1120_10 Datasheet HTML 9Page - Silicon Laboratories SI1120_10 Datasheet HTML 10Page - Silicon Laboratories SI1120_10 Datasheet HTML 11Page - Silicon Laboratories SI1120_10 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Si1120
8
Rev. 1.0
2.3. Proximity Modes
In proximity mode, an LED sends light pulses that are reflected from the target to a photodiode and processed by
the Si1120’s analog circuitry. Light reflected from a proximate object is detected by the receiver, and the Si1120
converts the light signal into a pulse at the PRX output of a duration proportional to the amount of reflected light.
The LED is turned off at the trailing (rising) edge of the PRX pulse. The detection cycle may be aborted before the
end of the PRX pulse by bringing STX low. This allows the system designer to limit the maximum LED “on” time in
applications where high reflectivity periods are not of interest, thus saving power and minimizing the LED duty
cycle. Aborting the detection cycle at a set time also enables fast threshold comparison by sampling the state of the
PRX output at the trailing (falling) edge of the STX input. An active (low) PRX output when STX falls means that an
object is within the detection range. Forcing a shorter detection cycle also allows a faster proximity measurement
rate thus allowing more samples to be averaged for an overall increase in the signal-to-noise ratio.
For long-range detection, PRX400 mode is selected. For short-range detection, PRX50 mode is selected. PRX50H
mode is typically used in short-range, single-optical-port applications where the internal optical reflection level is
high. The greater reflectance range combined with a lower LED power prevents internal reflections from saturating
the receiver circuit.
The offset calibration mode works the same way as the other proximity modes but without turning on the LED. This
allows precise measurement of the environment and Si1120 internal offsets without any LED light being reflected.
The offset calibration mode also allows compensation of drifts due to supply and temperature changes.
Figure 3. Proximity Mode Timing Diagram
Figure 4. Proximity Mode Timing Diagram (Aborted Cycle)


Similar Part No. - SI1120_10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI1120-A-GMR ETC2-SI1120-A-GMR Datasheet
201Kb / 20P
   PROXIMITY/AMBIENT LIGHT SENSOR WITH PWM OUTPUT
logo
Silicon Laboratories
SI1120-EK SILABS-SI1120-EK Datasheet
212Kb / 10P
   EVALUATION KIT USERS GUIDE
More results

Similar Description - SI1120_10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI1120-A-GMR ETC2-SI1120-A-GMR Datasheet
201Kb / 20P
   PROXIMITY/AMBIENT LIGHT SENSOR WITH PWM OUTPUT
logo
Silicon Laboratories
SI1120 SILABS-SI1120 Datasheet
201Kb / 20P
   PROXIMITY/AMBIENT LIGHT SENSOR WITH PWM OUTPUT
logo
Rohm
RPR-0521RS-EVK-001 ROHM-RPR-0521RS-EVK-001 Datasheet
663Kb / 3P
   Proximity Sensor/Ambient Light Sensor
logo
OSRAM GmbH
SFH7771 OSRAM-SFH7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
SFH7770E6 OSRAM-SFH7770E6 Datasheet
825Kb / 33P
   Ambient Light and Proximity Sensor
SFH-7771 OSRAM-SFH-7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
logo
Everlight Electronics C...
APS-12D-1-02-TR8 EVERLIGHT-APS-12D-1-02-TR8 Datasheet
572Kb / 12P
   Surface - Mount Digital Ambient Light Sensor with Proximity Sensor
logo
ON Semiconductor
NOA3301 ONSEMI-NOA3301 Datasheet
658Kb / 23P
   Digital Proximity Sensor with Ambient Light Sensor and Interrupt
February, 2013 - Rev. 2
logo
Everlight Electronics C...
EAAPMST3923A3 EVERLIGHT-EAAPMST3923A3 Datasheet
726Kb / 23P
   Ambient Light Sensor and Proximity Sensor with I2C Interface
EAAPMST3923A2 EVERLIGHT-EAAPMST3923A2 Datasheet
836Kb / 20P
   Ambient Light Sensor and Proximity Sensor with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com