Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI1120 Datasheet(PDF) 6 Page - Silicon Laboratories

Part # SI1120
Description  PROXIMITY/AMBIENT LIGHT SENSOR WITH PWM OUTPUT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI1120 Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button SI1120_10 Datasheet HTML 2Page - Silicon Laboratories SI1120_10 Datasheet HTML 3Page - Silicon Laboratories SI1120_10 Datasheet HTML 4Page - Silicon Laboratories SI1120_10 Datasheet HTML 5Page - Silicon Laboratories SI1120_10 Datasheet HTML 6Page - Silicon Laboratories SI1120_10 Datasheet HTML 7Page - Silicon Laboratories SI1120_10 Datasheet HTML 8Page - Silicon Laboratories SI1120_10 Datasheet HTML 9Page - Silicon Laboratories SI1120_10 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Si1120
6
Rev. 1.0
2. Application Information
2.1. Theory of Operation
The Si1120 is an active optical-reflectance proximity detector and ambient-light sensor with a pulse-width
modulated output. Depending on the mode selected, the duration of the PRX active (low) state is proportional to
the amount of reflected light, the amount of zero-reflectance offset, or the amount of ambient light. The detection
rate can be set by adjusting the frequency of the STX signal.
The dual-port, active reflection proximity detector has significant advantages over single-port, motion-based
infrared systems, which are good only for triggered events. Motion detection only identifies proximate moving
objects and is ambiguous about stationary objects. The Si1120 allows in- or out-of-proximity detection, reliably
determining if an object has left the proximity field or is still in the field even when it is not moving.
An example of a proximity detection application is controlling the display and speaker of a cellular telephone. In this
type of application, the cell phone turns off the power-consuming display and disables the loudspeaker when the
device is next to the ear, then reenables the display (and, optionally, the loudspeaker) when the phone moves more
than a few inches away from the ear.
For small objects, the drop in reflectance is as much as the fourth power of the distance; this means that there is
less range ambiguity than with passive motion-based devices. For example, a sixteen-fold change in an object's
reflectance means only a fifty-percent drop in detection range. The Si1120 periodically measures proximity at a rate
that can be set by an external controller.
The Si1120 modes are:
PRX400
Proximity, 400 mA LED current
PRX50
Proximity, 50 mA LED current
PRX50H
Proximity, 50 mA LED current, high reflectance range
OFC
Offset calibration (proximity mode, no LED current)
VAMB
Visible ambient (10 klux sunlight)
VIRL
Visible and infrared ambient light, low range (500 lux sunlight)
VIRH
Visible and infrared ambient light, high range (128 klux sunlight)


Similar Part No. - SI1120_10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI1120-A-GMR ETC2-SI1120-A-GMR Datasheet
201Kb / 20P
   PROXIMITY/AMBIENT LIGHT SENSOR WITH PWM OUTPUT
logo
Silicon Laboratories
SI1120-EK SILABS-SI1120-EK Datasheet
212Kb / 10P
   EVALUATION KIT USERS GUIDE
More results

Similar Description - SI1120_10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI1120-A-GMR ETC2-SI1120-A-GMR Datasheet
201Kb / 20P
   PROXIMITY/AMBIENT LIGHT SENSOR WITH PWM OUTPUT
logo
Silicon Laboratories
SI1120 SILABS-SI1120 Datasheet
201Kb / 20P
   PROXIMITY/AMBIENT LIGHT SENSOR WITH PWM OUTPUT
logo
Rohm
RPR-0521RS-EVK-001 ROHM-RPR-0521RS-EVK-001 Datasheet
663Kb / 3P
   Proximity Sensor/Ambient Light Sensor
logo
OSRAM GmbH
SFH7771 OSRAM-SFH7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
SFH7770E6 OSRAM-SFH7770E6 Datasheet
825Kb / 33P
   Ambient Light and Proximity Sensor
SFH-7771 OSRAM-SFH-7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
logo
Everlight Electronics C...
APS-12D-1-02-TR8 EVERLIGHT-APS-12D-1-02-TR8 Datasheet
572Kb / 12P
   Surface - Mount Digital Ambient Light Sensor with Proximity Sensor
logo
ON Semiconductor
NOA3301 ONSEMI-NOA3301 Datasheet
658Kb / 23P
   Digital Proximity Sensor with Ambient Light Sensor and Interrupt
February, 2013 - Rev. 2
logo
Everlight Electronics C...
EAAPMST3923A3 EVERLIGHT-EAAPMST3923A3 Datasheet
726Kb / 23P
   Ambient Light Sensor and Proximity Sensor with I2C Interface
EAAPMST3923A2 EVERLIGHT-EAAPMST3923A2 Datasheet
836Kb / 20P
   Ambient Light Sensor and Proximity Sensor with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com