Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BB187 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BB187
Description  VHF variable capacitance diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BB187 Datasheet(HTML) 2 Page - NXP Semiconductors

  BB187_4 Datasheet HTML 1Page - NXP Semiconductors BB187_4 Datasheet HTML 2Page - NXP Semiconductors BB187_4 Datasheet HTML 3Page - NXP Semiconductors BB187_4 Datasheet HTML 4Page - NXP Semiconductors BB187_4 Datasheet HTML 5Page - NXP Semiconductors BB187_4 Datasheet HTML 6Page - NXP Semiconductors BB187_4 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
9397 750 13835
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 04 — 3 November 2004
2 of 7
Philips Semiconductors
BB187
VHF variable capacitance diode
4.
Marking
5.
Limiting values
6.
Characteristics
Table 3:
Marking
Type number
Marking code
BB187
X
Table 4:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VR
reverse voltage
-
32
V
VRM
peak reverse voltage
in series with a
10 k
Ω resistor
-35
V
IF
forward current
-
20
mA
Tstg
storage temperature
−55
+150
°C
Tj
junction temperature
−55
+125
°C
Table 5:
Characteristics
Tj = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IR
reverse current
see Figure 2
--
VR = 30 V
--10
nA
VR = 30 V; Tj =85 °C
-
-
200
nA
rs
diode series
resistance
f = 470 MHz; VR = 5 V
-
-
0.75
Cd
diode
capacitance
f = 1 MHz; see Figure 1
and Figure 3
VR = 2 V
29.3
-
34.2
pF
VR = 25 V
2.57
2.75
2.92
pF
capacitance ratio f = 1 MHz
11
-
-
capacitance
matching
VR = 2 V to 25 V; in a
sequence of 10 diodes
(gliding)
--2
%
C
d2V
()
C
d25V
()
-------------------
C
d
C
d
----------


Similar Part No. - BB187_4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BB187LX PHILIPS-BB187LX Datasheet
50Kb / 7P
   VHF variable capacitance diode
Rev. 01-19 February 2009
BB187LX NXP-BB187LX Datasheet
57Kb / 7P
   VHF variable capacitance diode
Rev. 01-19 February 2009
BB187LX NXP-BB187LX Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BB187LX PHILIPS-BB187LX_15 Datasheet
57Kb / 7P
   VHF variable capacitance diode
Rev. 01-19 February 2009
logo
Quanzhou Jinmei Electro...
BB187 JMNIC-BB187_15 Datasheet
50Kb / 7P
   VHF variable capacitance diode
More results

Similar Description - BB187_4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BB182LX NXP-BB182LX Datasheet
57Kb / 7P
   VHF variable capacitance diode
Rev. 01-29 January 2009
BB181 NXP-BB181 Datasheet
226Kb / 6P
   VHF variable capacitance diode
Rev. 02-2 January 2008
logo
Quanzhou Jinmei Electro...
BBY40_2015 JMNIC-BBY40_2015 Datasheet
35Kb / 4P
   VHF variable capacitance diode
BB152_2015 JMNIC-BB152_2015 Datasheet
58Kb / 7P
   VHF variable capacitance diode
logo
NXP Semiconductors
BB170 PHILIPS-BB170_15 Datasheet
93Kb / 8P
   VHF variable capacitance diode
Rev. 1-25 March 2013
BB187LX PHILIPS-BB187LX_15 Datasheet
57Kb / 7P
   VHF variable capacitance diode
Rev. 01-19 February 2009
BB173 NXP-BB173 Datasheet
86Kb / 8P
   VHF variable capacitance diode
Rev. 1-25 March 2013
logo
Quanzhou Jinmei Electro...
BB152 JMNIC-BB152_15 Datasheet
58Kb / 7P
   VHF variable capacitance diode
logo
NXP Semiconductors
BB157 PHILIPS-BB157 Datasheet
59Kb / 8P
   VHF variable capacitance diode
2002 Mar 05
BB132 PHILIPS-BB132 Datasheet
54Kb / 8P
   VHF variable capacitance diode
1998 Sep 15
BB148 PHILIPS-BB148 Datasheet
54Kb / 8P
   VHF variable capacitance diode
1998 Sep 15
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com