Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF862 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BF862
Description  N-channel junction FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF862 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BF862_00 Datasheet HTML 3Page - NXP Semiconductors BF862_00 Datasheet HTML 4Page - NXP Semiconductors BF862_00 Datasheet HTML 5Page - NXP Semiconductors BF862_00 Datasheet HTML 6Page - NXP Semiconductors BF862_00 Datasheet HTML 7Page - NXP Semiconductors BF862_00 Datasheet HTML 8Page - NXP Semiconductors BF862_00 Datasheet HTML 9Page - NXP Semiconductors BF862_00 Datasheet HTML 10Page - NXP Semiconductors BF862_00 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
2000 Jan 05
7
Philips Semiconductors
Product specification
N-channel junction FET
BF862
handbook, halfpage
102
10
1
10−1
10−2
MCD817
10−1
110
f (MHz)
yis
(mS)
102
103
gis
bis
Fig.11 Common-source input admittance as a
function of frequency; typical values.
VDS = 8 V; VGS = 0; Tamb =25 °C.
handbook, halfpage
10
1
10−1
MCD818
10−1
−102
−10
110
f (MHz)
yrs
(mS)
ϕrs
(deg)
102
−103
103
ϕrs
yrs
Fig.12 Common-source reverse admittance as a
function of frequency; typical values.
VDS = 5 V; VG2 =4V.
ID = 15 mA; Tamb =25 °C.
handbook, halfpage
102
10
1
MCD819
10−1
−10
−1
110
f (MHz)
yfs
(mS)
ϕfs
(deg)
102
−102
103
yfs
ϕfs
Fig.13 Common-source forward transfer
admittance as a function of frequency;
typical values.
VDS = 8 V; VGS = 0; Tamb =25 °C.
handbook, halfpage
102
10
1
10−1
MCD820
10−1
110
f (MHz)
yos
(mS)
102
103
gos
bos
Fig.14 Common-source output admittance as a
function of frequency; typical values.
VDS = 8 V; VGS = 0; Tamb =25 °C.


Similar Part No. - BF862_00

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BF862 JMNIC-BF862_15 Datasheet
87Kb / 12P
   N-channel junction FET
BF862_2015 JMNIC-BF862_2015 Datasheet
87Kb / 12P
   N-channel junction FET
More results

Similar Description - BF862_00

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TF222 SANYO-TF222 Datasheet
51Kb / 4P
   N-channel Junction FET
logo
List of Unclassifed Man...
2N5432 ETC-2N5432 Datasheet
226Kb / 2P
   N CHANNEL JUNCTION FET
RJN1164 ETC1-RJN1164 Datasheet
175Kb / 4P
   N-Channel Junction FET
logo
Panasonic Semiconductor
XP1D874 PANASONIC-XP1D874 Datasheet
28Kb / 2P
   N-channel junction FET
logo
Micro Electronics
BF245 MICRO-ELECTRONICS-BF245 Datasheet
47Kb / 1P
   N-CHANNEL JUNCTION FET
logo
Unisonic Technologies
2SK2751 UTC-2SK2751_07 Datasheet
71Kb / 4P
   N-CHANNEL JUNCTION FET
logo
Quanzhou Jinmei Electro...
BF862 JMNIC-BF862_15 Datasheet
87Kb / 12P
   N-channel junction FET
logo
Unisonic Technologies
ISL9V3040D3S UTC-ISL9V3040D3S_15 Datasheet
199Kb / 4P
   N-CHANNEL JUNCTION FET
logo
AUK corp
STK596M AUK-STK596M Datasheet
342Kb / 5P
   N-Channel Junction FET
logo
List of Unclassifed Man...
FN22 ETC1-FN22 Datasheet
221Kb / 2P
   N-CHANNEL JUNCTION FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com