Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC877256A Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LC877256A
Description  8-Bit Single Chip Microcontroller with 64/56/48 KB ROM and 2048-Byte RAM On Chip
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC877256A Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC877256A Datasheet HTML 5Page - Sanyo Semicon Device LC877256A Datasheet HTML 6Page - Sanyo Semicon Device LC877256A Datasheet HTML 7Page - Sanyo Semicon Device LC877256A Datasheet HTML 8Page - Sanyo Semicon Device LC877256A Datasheet HTML 9Page - Sanyo Semicon Device LC877256A Datasheet HTML 10Page - Sanyo Semicon Device LC877256A Datasheet HTML 11Page - Sanyo Semicon Device LC877256A Datasheet HTML 12Page - Sanyo Semicon Device LC877256A Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LC877264A/56A/48A
No.6719-9/24
Pin name
I/O
Function description
Option
PORT8
P80 to P87
I/O
• 8bit Input/output port
• Input/output can be specified for each bit individually
• Other functions:
AD input port: AN0 to AN7
Small signal detector input port: MICIN(P87)
No
S0/PA0 to
S7/PA7
I/O
• Segment output for LCD
• Can be used as general purpose input/output port (PA)
No
S8/PB0 to
S15/PB7
I/O
• Segment output for LCD
• Can be used as general purpose input/output port (PB)
No
S16/PC0 to
S23/PC7
I/O
• Segment output for LCD
• Can be used as general purpose input/output port (PC)
No
S24 /PD0to
S31/PD7
I/O
• Segment output for LCD
• Can be used as general purpose input/output port (PD)
No
S32/PE0 to
S39/PE7
I/O
• Segment output for LCD
• Can be used as general purpose input/output port (PE)
No
S40/PF0 to
S47/PF7
I/O
• Segment output for LCD
• Can be used as general purpose input/output port (PF)
No
COM0/PL0 to
COM3/PL3
I/O
• Common output for LCD
• Can be used as general purpose input port (PL)
No
V1/PL4 to
V3/PL6
I/O
• LCD output bias power supply
• Can be used as general purpose input port (PL)
No
RES
I
Reset terminal
No
XT1
I
• Input for 32.768kHz crystal oscillation
• Other functions:
General purpose input port
AD input port: AN10
• When not in use, connect to VDD1
No
XT2
I/O
• Output for 32.768kHz crystal oscillation
• Other functions:
General purpose input port
AD input port: AN11
• When not in use, set to oscillation mode and leave open
No
CF1
I
Input terminal for ceramic oscillator
No
CF2
O
Output terminal for ceramic oscillator
No


Similar Part No. - LC877256A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC8772C8B SANYO-LC8772C8B Datasheet
765Kb / 24P
   8-Bit Single Chip Microcontroller with 128KB Flash Momory and 2048-Byte RAM On Chip?
More results

Similar Description - LC877256A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC876572A SANYO-LC876572A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller with 72/64 KB ROM and 2048-Byte RAM On Chip
LC87F66C8A SANYO-LC87F66C8A Datasheet
768Kb / 23P
   8-Bit Single Chip Microcontroller with 64 KB FEPROM and 2048-Byte RAM On Chip?
LC876596B SANYO-LC876596B Datasheet
682Kb / 23P
   8-Bit Single Chip Microcontroller with 96/80 KB ROM and 2048-Byte RAM On Chip
LC875064B SANYO-LC875064B Datasheet
763Kb / 26P
   8-Bit Single Chip Microcontroller with 64/56/48K-Byte EPROM and 2048-Byte RAM On Chip
LC875164A SANYO-LC875164A Datasheet
786Kb / 25P
   8-Bit Single Chip Microcontroller with 64/48/32K-Byte ROM and 1024-Byte RAM On Chip
LC87F72C8A SANYO-LC87F72C8A Datasheet
717Kb / 24P
   8-Bit Single Chip Microcontroller with 128 KB Flash Memory and 2048-Byte RAM On Chip
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
   8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
LC875J64C SANYO-LC875J64C Datasheet
148Kb / 23P
   ROM 64K/56K/48K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC86F1216A SANYO-LC86F1216A Datasheet
805Kb / 21P
   8-Bit Single Chip Microcontroller with the 16K-Byte ROM and 1220-Byte RAM On Chip?
LC8772C8B SANYO-LC8772C8B Datasheet
765Kb / 24P
   8-Bit Single Chip Microcontroller with 128KB Flash Momory and 2048-Byte RAM On Chip?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com