Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC877256A Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LC877256A
Description  8-Bit Single Chip Microcontroller with 64/56/48 KB ROM and 2048-Byte RAM On Chip
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC877256A Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LC877256A Datasheet HTML 4Page - Sanyo Semicon Device LC877256A Datasheet HTML 5Page - Sanyo Semicon Device LC877256A Datasheet HTML 6Page - Sanyo Semicon Device LC877256A Datasheet HTML 7Page - Sanyo Semicon Device LC877256A Datasheet HTML 8Page - Sanyo Semicon Device LC877256A Datasheet HTML 9Page - Sanyo Semicon Device LC877256A Datasheet HTML 10Page - Sanyo Semicon Device LC877256A Datasheet HTML 11Page - Sanyo Semicon Device LC877256A Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LC877264A/56A/48A
No.6719-8/24
Pin Assignment
Pin name
I/O
Function
Option
VSS1
VSS2
VSS3
-
• Power supply (-)
No
VDD1
VDD2
VDD3
-
• Power supply (+)
No
PORT0
P00 to P07
I/O
• 8bit input/output port
• Data direction programmable in nibble units
• Use of pull-up resistor can be specified in nibble units
• Input for HOLD release
• Input for port 0 interrupt
Yes
PORT1
P10 to P17
I/O
• 8bit input/output port
• Data direction programmable for each bit
• Use of pull-up resistor can be specified for each bit individually
• Other pin functions
P10 SIO0 data output
P11 SIO0 data input or bus input/output
P12 SIO0 clock input/output
P13 SIO1 data output
P14 SIO1 data input or bus input/output
P15 SIO1 clock input/output
P16: Timer 1 PWML output
P17: Timer 1 PWMH output/Buzzer output
Yes
PORT3
P30 to P35
I/O
• 6bit Input/output port
• Data direction can be specified for each bit
• Use of pull-up resistor can be specified for each bit individually
Yes
• 4bit Input/output port
• Data direction can be specified for each bit
• Use of pull-up resistor can be specified for each bit individually
• Other functions
P70: INT0 input/HOLD release input/Timer0L capture input/output for watchdog
timer
P71: INT1 input/HOLD release input/Timer0H capture input
P72: INT2 input/HOLD release input/timer 0 event input/Timer0L capture input
P73: INT3 input(noise rejection filter attached)/timer 0 event input/Timer0H capture
input
AD input port: AN8(P70), AN9(P71)
• Interrupt detection selection
Rising
Falling
Rising and
falling
H level
L level
INT0
INT1
INT2
INT3
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
No
No
Yes
Yes
Yes
Yes
No
No
Yes
Yes
No
No
PORT7
P70 to P73
I/O
No


Similar Part No. - LC877256A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC8772C8B SANYO-LC8772C8B Datasheet
765Kb / 24P
   8-Bit Single Chip Microcontroller with 128KB Flash Momory and 2048-Byte RAM On Chip?
More results

Similar Description - LC877256A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC876572A SANYO-LC876572A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller with 72/64 KB ROM and 2048-Byte RAM On Chip
LC87F66C8A SANYO-LC87F66C8A Datasheet
768Kb / 23P
   8-Bit Single Chip Microcontroller with 64 KB FEPROM and 2048-Byte RAM On Chip?
LC876596B SANYO-LC876596B Datasheet
682Kb / 23P
   8-Bit Single Chip Microcontroller with 96/80 KB ROM and 2048-Byte RAM On Chip
LC875064B SANYO-LC875064B Datasheet
763Kb / 26P
   8-Bit Single Chip Microcontroller with 64/56/48K-Byte EPROM and 2048-Byte RAM On Chip
LC875164A SANYO-LC875164A Datasheet
786Kb / 25P
   8-Bit Single Chip Microcontroller with 64/48/32K-Byte ROM and 1024-Byte RAM On Chip
LC87F72C8A SANYO-LC87F72C8A Datasheet
717Kb / 24P
   8-Bit Single Chip Microcontroller with 128 KB Flash Memory and 2048-Byte RAM On Chip
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
   8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
LC875J64C SANYO-LC875J64C Datasheet
148Kb / 23P
   ROM 64K/56K/48K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC86F1216A SANYO-LC86F1216A Datasheet
805Kb / 21P
   8-Bit Single Chip Microcontroller with the 16K-Byte ROM and 1220-Byte RAM On Chip?
LC8772C8B SANYO-LC8772C8B Datasheet
765Kb / 24P
   8-Bit Single Chip Microcontroller with 128KB Flash Momory and 2048-Byte RAM On Chip?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com