Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL9101M Datasheet(PDF) 9 Page - Intersil Corporation

Part # ZL9101M
Description  Digital DC/DC PMBus 12A Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL9101M Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ZL9101M_11 Datasheet HTML 5Page - Intersil Corporation ZL9101M_11 Datasheet HTML 6Page - Intersil Corporation ZL9101M_11 Datasheet HTML 7Page - Intersil Corporation ZL9101M_11 Datasheet HTML 8Page - Intersil Corporation ZL9101M_11 Datasheet HTML 9Page - Intersil Corporation ZL9101M_11 Datasheet HTML 10Page - Intersil Corporation ZL9101M_11 Datasheet HTML 11Page - Intersil Corporation ZL9101M_11 Datasheet HTML 12Page - Intersil Corporation ZL9101M_11 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
ZL9101M
9
FN7669.1
January 26, 2011
Functional Description
Output Voltage Selection
The output voltage may be set to a voltage between 0.6V and
4.0V provided that the input voltage is higher than the desired
output voltage by an amount sufficient to prevent the device
from exceeding its maximum duty cycle specification.
The VSET pin is used to set the output voltage to levels as shown
in Table 1. The RSET resistor is placed between the VSET pin and
SGND.
The output voltage may also be set to any value between 0.6V and 4.0V
using a PMBus command over the I2C/SMBus interface. See
Application Note AN2033 for details.
Soft-start Delay and Ramp Times
It may be necessary to set a delay from when an enable signal is
received until the output voltage starts to ramp to its target
value. In addition, the designer may wish to precisely set the time
required for VOUT to ramp to its target value after the delay
period has expired. These features may be used as part of an
overall inrush current management strategy or to precisely
control how fast a load IC is turned on. The ZL9101M gives the
system designer several options for precisely and independently
controlling both the delay and ramp time periods.
The soft-start delay period begins when the EN pin is asserted
and ends when the delay time expires.
The soft-start delay and ramp times are set to custom values via the
I2C/SMBus interface. When the delay time is set to 0ms, the device will
begin its ramp-up after the internal circuitry has initialized
(approximately 2ms). When the soft-start ramp period is set to 0ms, the
output will ramp up as quickly as the output load capacitance and loop
settings will allow. It is generally recommended to set the soft-start
ramp to a value greater than 500µs to prevent inadvertent fault
conditions due to excessive inrush current.
Power Good
The ZL9101M provides a Power Good (PG) signal that indicates
the output voltage is within a specified tolerance of its target
level and no fault condition exists. By default, the PG pin will
assert if the output is within 10% of the target voltage. These
limits and the polarity of the pin may be changed via the
I2C/SMBus interface. See Application Note AN2033 for details.
A PG delay period is defined as the time from when all conditions
within the ZL9101M for asserting PG are met to when the PG pin
is actually asserted. This feature is commonly used instead of
using an external reset controller to control external digital logic.
By default, the ZL9101M PG delay is set equal to the soft-start
ramp time setting. Therefore, if the soft-start ramp time is set to
10ms, the PG delay will be set to 10ms. The PG delay may be set
independently of the soft-start ramp using the I2C/SMBus as
described in Application Note AN2033.
Switching Frequency and PLL
The ZL9101M incorporates an internal phase-locked loop (PLL) to
clock the internal circuitry. The PLL can be driven by an external
clock source connected to the SYNC pin. When using the internal
oscillator, the SYNC pin can be configured as a clock source.
The internal switching frequency of the ZL9101M is 615kHz.
Loop Compensation
The ZL9101M operates as a voltage-mode synchronous buck
controller with a fixed frequency PWM scheme. The module is
internally compensated via the I2C/SMBus interface. Please
refer to Application Note AN2033 for further details.
TABLE 1. OUTPUT VOLTAGE RESISTOR SETTINGS
VOUT
(V)
RSET
(kΩ)
0.60
10
0.65
11
0.70
12.1
0.75
13.3
0.80
14.7
0.85
16.2
0.90
17.8
0.95
19.6
1.00
21.5
1.05
23.7
1.10
26.1
1.15
28.7
1.20
31.6
1.25
34.8
1.30
38.3
1.40
42.2
1.50
46.4
1.60
51.1
1.70
56.2
1.80
61.9
1.90
68.1
2.00
75
2.10
82.5
2.20
90.9
2.30
100
2.50
110
2.80
121
3.00
133
3.30
147
4.00
162


Similar Part No. - ZL9101M_11

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL9101M_1104 INTERSIL-ZL9101M_1104 Datasheet
820Kb / 17P
   Digital DC/DC PMBus 12A Module
More results

Similar Description - ZL9101M_11

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL9101M_1104 INTERSIL-ZL9101M_1104 Datasheet
820Kb / 17P
   Digital DC/DC PMBus 12A Module
ISL28288 INTERSIL-ISL28288_11 Datasheet
995Kb / 17P
   Digital DC/DC PMBus 12A Module
ZL9101MIRZ INTERSIL-ZL9101MIRZ Datasheet
1Mb / 67P
   Digital DC/DC PMBus 12A Module
February 12, 2015
logo
Renesas Technology Corp
ZL9101M RENESAS-ZL9101M Datasheet
2Mb / 63P
   Digital DC/DC PMBus 12A Module
logo
Intersil Corporation
ZL9101M INTERSIL-ZL9101M Datasheet
870Kb / 17P
   Digital DC/DC PMBus 12A Module
logo
Renesas Technology Corp
ISL8270M RENESAS-ISL8270M Datasheet
2Mb / 56P
   Digital DC/DC PMBus 25A Module
ISL8271M RENESAS-ISL8271M Datasheet
2Mb / 57P
   Digital DC/DC PMBus 33A Module
logo
Intersil Corporation
ZL9117MIRZ INTERSIL-ZL9117MIRZ Datasheet
1Mb / 58P
   Digital DC/DC PMBus 17A Module
December 16, 2014
ISL8271MAIRZ INTERSIL-ISL8271MAIRZ Datasheet
1Mb / 51P
   Digital DC/DC PMBus 33A Module
December 18, 2014
ISL8270MAIRZ INTERSIL-ISL8270MAIRZ Datasheet
1Mb / 51P
   Digital DC/DC PMBus 25A Module
July 2, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com