Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BB152 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BB152
Description  VHF variable capacitance diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BB152 Datasheet(HTML) 5 Page - NXP Semiconductors

  BB152_04 Datasheet HTML 1Page - NXP Semiconductors BB152_04 Datasheet HTML 2Page - NXP Semiconductors BB152_04 Datasheet HTML 3Page - NXP Semiconductors BB152_04 Datasheet HTML 4Page - NXP Semiconductors BB152_04 Datasheet HTML 5Page - NXP Semiconductors BB152_04 Datasheet HTML 6Page - NXP Semiconductors BB152_04 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2004 Feb 25
5
Philips Semiconductors
Product specification
VHF variable capacitance diode
BB152
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOD323
SC-76
SOD323
99-09-13
03-12-17
Note
1. The marking bar indicates the cathode
UNIT
A
mm
0.05
1.1
0.8
0.40
0.25
0.25
0.10
1.8
1.6
1.35
1.15
2.7
2.3
0.45
0.15
A1
max
DIMENSIONS (mm are the original dimensions)
Plastic surface mounted package; 2 leads
01
(1)
2
1
2 mm
scale
bp
c
D
E
HD
Q
0.25
0.15
Lp
v
0.2
A
D
A
E
Lp
bp
detail X
A1
c
Q
HD
vA
M
X


Similar Part No. - BB152_04

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BB152 JMNIC-BB152_15 Datasheet
58Kb / 7P
   VHF variable capacitance diode
BB152_2015 JMNIC-BB152_2015 Datasheet
58Kb / 7P
   VHF variable capacitance diode
More results

Similar Description - BB152_04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BB182LX NXP-BB182LX Datasheet
57Kb / 7P
   VHF variable capacitance diode
Rev. 01-29 January 2009
BB181 NXP-BB181 Datasheet
226Kb / 6P
   VHF variable capacitance diode
Rev. 02-2 January 2008
logo
Quanzhou Jinmei Electro...
BBY40_2015 JMNIC-BBY40_2015 Datasheet
35Kb / 4P
   VHF variable capacitance diode
BB152_2015 JMNIC-BB152_2015 Datasheet
58Kb / 7P
   VHF variable capacitance diode
logo
NXP Semiconductors
BB170 PHILIPS-BB170_15 Datasheet
93Kb / 8P
   VHF variable capacitance diode
Rev. 1-25 March 2013
BB187LX PHILIPS-BB187LX_15 Datasheet
57Kb / 7P
   VHF variable capacitance diode
Rev. 01-19 February 2009
BB173 NXP-BB173 Datasheet
86Kb / 8P
   VHF variable capacitance diode
Rev. 1-25 March 2013
logo
Quanzhou Jinmei Electro...
BB152 JMNIC-BB152_15 Datasheet
58Kb / 7P
   VHF variable capacitance diode
logo
NXP Semiconductors
BB157 PHILIPS-BB157 Datasheet
59Kb / 8P
   VHF variable capacitance diode
2002 Mar 05
BB132 PHILIPS-BB132 Datasheet
54Kb / 8P
   VHF variable capacitance diode
1998 Sep 15
BB148 PHILIPS-BB148 Datasheet
54Kb / 8P
   VHF variable capacitance diode
1998 Sep 15
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com