Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP14E7 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP14E7
Description  2.0A Dual High-Speed Power MOSFET Driver With Enable
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14E7 Datasheet(HTML) 2 Page - Microchip Technology

  MCP14E7 Datasheet HTML 1Page - Microchip Technology MCP14E7 Datasheet HTML 2Page - Microchip Technology MCP14E7 Datasheet HTML 3Page - Microchip Technology MCP14E7 Datasheet HTML 4Page - Microchip Technology MCP14E7 Datasheet HTML 5Page - Microchip Technology MCP14E7 Datasheet HTML 6Page - Microchip Technology MCP14E7 Datasheet HTML 7Page - Microchip Technology MCP14E7 Datasheet HTML 8Page - Microchip Technology MCP14E7 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
MCP14E6/7/8
DS25006A-page 2
© 2011 Microchip Technology Inc.
Package Types
Functional Block Diagram(1)
ENB_A
GND
IN A
IN B
VDD
OUT B
OUT A
ENB_B
VDD
OUT B
OUT A
ENB_B
VDD
OUT B
OUT A
ENB_B
6x5 DFN*
1
2
3
4
8
7
6
5
* Includes Exposed Thermal Pad (EP); see Table 3-1.
EP
9
1
2
3
4
5
6
7
8
ENB_A
GND
IN A
VDD
OUT B
IN B
OUT A
ENB_B
VDD
OUT B
OUT A
ENB_B
VDD
OUT B
OUT A
ENB_B
PDIP, SOIC
MCP14E6
MCP14E8
MCP14E7
MCP14E6
MCP14E8
MCP14E7
Effective
Input C = 20 pF
(Each Input)
Output
Input
GND
VDD
4.7 V
Inverting
Non-Inverting
Note 1:
Unused inputs should be grounded.
Enable
VDD
Internal
Pull-up
4.7 V
MCP14E6
Dual Inverting
MCP14E7
Dual Non-Inverting
MCP14E8
One Inverting, One Non-Inverting


Similar Part No. - MCP14E7

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP14E10 MICROCHIP-MCP14E10 Datasheet
817Kb / 30P
   3.0A Dual High-Speed Power MOSFET Driver With Enable
2011
MCP14E10T MICROCHIP-MCP14E10T Datasheet
817Kb / 30P
   3.0A Dual High-Speed Power MOSFET Driver With Enable
2011
MCP14E11 MICROCHIP-MCP14E11 Datasheet
817Kb / 30P
   3.0A Dual High-Speed Power MOSFET Driver With Enable
2011
MCP14E11T MICROCHIP-MCP14E11T Datasheet
817Kb / 30P
   3.0A Dual High-Speed Power MOSFET Driver With Enable
2011
MCP14E3 MICROCHIP-MCP14E3 Datasheet
411Kb / 26P
   4.0A Dual High-Speed Power MOSFET Drivers With Enable
2008
More results

Similar Description - MCP14E7

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP14E9 MICROCHIP-MCP14E9 Datasheet
817Kb / 30P
   3.0A Dual High-Speed Power MOSFET Driver With Enable
2011
logo
Intersil Corporation
ISL89163 INTERSIL-ISL89163 Datasheet
338Kb / 15P
   High Speed, Dual Channel, 6A, Power MOSFET Driver with Enable Inputs
ISL89163 INTERSIL-ISL89163_15 Datasheet
446Kb / 15P
   High Speed, Dual Channel, 6A, Power MOSFET Driver with Enable Inputs
September 30, 2015
logo
Renesas Technology Corp
ISL89163 RENESAS-ISL89163 Datasheet
757Kb / 16P
   High Speed, Dual Channel, 6A, Power MOSFET Driver with Enable Inputs
logo
Microchip Technology
MCP14E5-E MICROCHIP-MCP14E5-E Datasheet
411Kb / 26P
   4.0A Dual High-Speed Power MOSFET Drivers With Enable
01/02/08
MCP14E3 MICROCHIP-MCP14E3 Datasheet
411Kb / 26P
   4.0A Dual High-Speed Power MOSFET Drivers With Enable
2008
logo
Texas Instruments
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27423-EP TI1-UCC27423-EP_15 Datasheet
1Mb / 31P
[Old version datasheet]   UCC2742x-EP Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27322-EP TI1-UCC27322-EP_15 Datasheet
1,014Kb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com