Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST39LF200A Datasheet(PDF) 7 Page - Microchip Technology

Part # SST39LF200A
Description  Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST39LF200A Datasheet(HTML) 7 Page - Microchip Technology

Back Button SST39LF200A Datasheet HTML 3Page - Microchip Technology SST39LF200A Datasheet HTML 4Page - Microchip Technology SST39LF200A Datasheet HTML 5Page - Microchip Technology SST39LF200A Datasheet HTML 6Page - Microchip Technology SST39LF200A Datasheet HTML 7Page - Microchip Technology SST39LF200A Datasheet HTML 8Page - Microchip Technology SST39LF200A Datasheet HTML 9Page - Microchip Technology SST39LF200A Datasheet HTML 10Page - Microchip Technology SST39LF200A Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
© 2011 Silicon Storage Technology, Inc.
DS25001A
03/11
7
2 Mbit / 4 Mbit / 8 Mbit Multi-Purpose Flash
SST39LF200A / SST39LF400A / SST39LF800A
SST39VF200A / SST39VF400A / SST39VF800A
Data Sheet
A Microchip Technology Company
Device Operation
Commands are used to initiate the memory operation functions of the device. Commands are written
to the device using standard microprocessor write sequences. A command is written by asserting WE#
low while keeping CE# low. The address bus is latched on the falling edge of WE# or CE#, whichever
occurs last. The data bus is latched on the rising edge of WE# or CE#, whichever occurs first.
Read
The Read operation of the SST39LF200A/400A/800A and SST39VF200A/400A/800A is controlled by
CE# and OE#, both have to be low for the system to obtain data from the outputs. CE# is used for
device selection. When CE# is high, the chip is deselected and only standby power is consumed. OE#
is the output control and is used to gate data from the output pins. The data bus is in high impedance
state when either CE# or OE# is high. Refer to the Read cycle timing diagram for further details (Figure
5).
Word-Program Operation
The SST39LF200A/400A/800A and SST39VF200A/400A/800A are programmed on a word-by-word
basis. Before programming, the sector where the word exists must be fully erased. The Program oper-
ation is accomplished in three steps. The first step is the three-byte load sequence for Software Data
Protection. The second step is to load word address and word data. During the Word-Program opera-
tion, the addresses are latched on the falling edge of either CE# or WE#, whichever occurs last. The
data is latched on the rising edge of either CE# or WE#, whichever occurs first. The third step is the
internal Program operation which is initiated after the rising edge of the fourth WE# or CE#, whichever
occurs first. The Program operation, once initiated, will be completed within 20 µs. See Figures 6 and 7
for WE# and CE# controlled Program operation timing diagrams and Figure 18 for flowcharts. During
the Program operation, the only valid reads are Data# Polling and Toggle Bit. During the internal Pro-
gram operation, the host is free to perform additional tasks. Any commands issued during the internal
Program operation are ignored.
Sector/Block-Erase Operation
The Sector- (or Block-) Erase operation allows the system to erase the device on a sector-by-sector (or
block-by-block) basis. The SST39LF200A/400A/800A and SST39VF200A/400A/800A offers both Sec-
tor-Erase and Block-Erase mode. The sector architecture is based on uniform sector size of 2 KWord.
The Block-Erase mode is based on uniform block size of 32 KWord. The Sector-Erase operation is ini-
tiated by executing a six-byte command sequence with Sector-Erase command (30H) and sector
address (SA) in the last bus cycle. The Block-Erase operation is initiated by executing a six-byte com-
mand sequence with Block-Erase command (50H) and block address (BA) in the last bus cycle. The
sector or block address is latched on the falling edge of the sixth WE# pulse, while the command (30H
or 50H) is latched on the rising edge of the sixth WE# pulse. The internal Erase operation begins after
the sixth WE# pulse. The End-of-Erase operation can be determined using either Data# Polling or Tog-
gle Bit methods. See Figures 11 and 12 for timing waveforms. Any commands issued during the Sec-
tor- or Block-Erase operation are ignored.
Chip-Erase Operation
The SST39LF200A/400A/800A and SST39VF200A/400A/800A provide a Chip-Erase operation, which
allows the user to erase the entire memory array to the “1” state. This is useful when the entire device
must be quickly erased.


Similar Part No. - SST39LF200A

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39LF200A SST-SST39LF200A Datasheet
340Kb / 30P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39LF200A SST-SST39LF200A Datasheet
862Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39LF200A-45-4C-B3K SST-SST39LF200A-45-4C-B3K Datasheet
340Kb / 30P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39LF200A-45-4C-B3K SST-SST39LF200A-45-4C-B3K Datasheet
843Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39LF200A-45-4C-B3KE SST-SST39LF200A-45-4C-B3KE Datasheet
843Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
More results

Similar Description - SST39LF200A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST39VF800A-70-4I-B3KE-T MICROCHIP-SST39VF800A-70-4I-B3KE-T Datasheet
4Mb / 37P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
03/11
logo
Silicon Storage Technol...
SST39LF200A SST-SST39LF200A_10 Datasheet
862Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39LF200A SST-SST39LF200A_07 Datasheet
843Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39LF200A SST-SST39LF200A Datasheet
340Kb / 30P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39WF800A SST-SST39WF800A_07 Datasheet
659Kb / 27P
   8 Mbit (x16) Multi-Purpose Flash
SST39WF800A SST-SST39WF800A Datasheet
444Kb / 25P
   8 Mbit (x16) Multi-Purpose Flash
SST39WF800B SST-SST39WF800B Datasheet
861Kb / 26P
   8 Mbit (x16) Multi-Purpose Flash
SST39WF400A SST-SST39WF400A Datasheet
462Kb / 26P
   4 Mbit (x16) Multi-Purpose Flash
SST39WF400A SST-SST39WF400A_03 Datasheet
415Kb / 26P
   4 Mbit (x16) Multi-Purpose Flash
SST39VF801C-70-4C-B3KE SST-SST39VF801C-70-4C-B3KE Datasheet
378Kb / 38P
   8 Mbit (x16) Multi-Purpose Flash Plus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com