Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP6441 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP6441
Description  450 nA, 9 kHz Op Amp No Phase Reversal Analog Active Filters
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6441 Datasheet(HTML) 5 Page - Microchip Technology

  MCP6441 Datasheet HTML 1Page - Microchip Technology MCP6441 Datasheet HTML 2Page - Microchip Technology MCP6441 Datasheet HTML 3Page - Microchip Technology MCP6441 Datasheet HTML 4Page - Microchip Technology MCP6441 Datasheet HTML 5Page - Microchip Technology MCP6441 Datasheet HTML 6Page - Microchip Technology MCP6441 Datasheet HTML 7Page - Microchip Technology MCP6441 Datasheet HTML 8Page - Microchip Technology MCP6441 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
© 2011 Microchip Technology Inc.
DS22257B-page 5
MCP6441/2/4
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, T
A = +25°C, VDD = +1.4V to +6.0V, VSS = GND, VCM = VDD/2, VOUT ≈ VDD/2,
VL = VDD/2, RL = 1 MΩ to VL and CL = 60 pF.
FIGURE 2-1:
Input Offset Voltage.
FIGURE 2-2:
Input Offset Voltage Drift.
FIGURE 2-3:
Input Offset Voltage vs.
Common Mode Input Voltage with VDD = 6.0V.
FIGURE 2-4:
Input Offset Voltage vs.
Common Mode Input Voltage with VDD = 1.4V.
FIGURE 2-5:
Input Offset Voltage vs.
Output Voltage.
FIGURE 2-6:
Input Offset Voltage vs.
Power Supply Voltage.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0%
5%
10%
15%
20%
25%
30%
35%
Input Offset Voltage (mV)
1700 Samples
VCM = VSS
0%
5%
10%
15%
20%
25%
30%
Input Offset Voltage Drift (µV/°C)
1700 Samples
VCM = VSS
TA = -40°C to +125°C
-500
0
500
1000
1500
2000
2500
3000
Common Mode Input Voltage (V)
VDD = 6.0V
Representative Part
TA = +125°C
TA = +85°C
TA = +25°C
TA = -40°C
-500
0
500
1000
1500
2000
2500
3000
3500
4000
Common mode input voltage (V)
VDD = 1.4V
Representative Part
TA = +125°C
TA = +85°C
TA = +25°C
TA = -40°C
-1000
-800
-600
-400
-200
0
200
400
600
800
1000
Output Voltage (V)
VDD = 6.0V
VDD = 1.4V
Representative Part
-2000
-1600
-1200
-800
-400
0
400
800
1200
1600
2000
Power Supply Voltage (V)
Representative Part
TA = +125°C
TA = +85°C
TA = +25°C
TA = -40°C


Similar Part No. - MCP6441

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6441 MICROCHIP-MCP6441 Datasheet
635Kb / 30P
   450 nA, 9 kHz Op Amp
2010
MCP6441T-E/LT MICROCHIP-MCP6441T-E/LT Datasheet
635Kb / 30P
   450 nA, 9 kHz Op Amp
2010
MCP6441T-E/OT MICROCHIP-MCP6441T-E/OT Datasheet
635Kb / 30P
   450 nA, 9 kHz Op Amp
2010
MCP6441 MICROCHIP-MCP6441_12 Datasheet
2Mb / 46P
   450 nA, 9 kHz Op Amp
11/29/11
More results

Similar Description - MCP6441

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6441 MICROCHIP-MCP6441 Datasheet
635Kb / 30P
   450 nA, 9 kHz Op Amp
2010
MCP6441 MICROCHIP-MCP6441_12 Datasheet
2Mb / 46P
   450 nA, 9 kHz Op Amp
11/29/11
logo
Maxim Integrated Produc...
MAX4526 MAXIM-MAX4526 Datasheet
111Kb / 12P
   Phase-Reversal Analog Switches
Rev 0; 12/96
MAX4528 MAXIM-MAX4528 Datasheet
152Kb / 12P
   Low-Voltage, Phase-Reversal Analog Switch
Rev 0; 1/98
logo
Microchip Technology
MCP6421 MICROCHIP-MCP6421 Datasheet
2Mb / 34P
   4.4 關A, 90 kHz Op Amp
2013
logo
Analog Devices
AD846 AD-AD846 Datasheet
513Kb / 12P
   450 V/us, Precision, Current-Feedback Op Amp
REV. C
AD846 AD-AD846_15 Datasheet
311Kb / 12P
   450 V/ms, Precision, Current-Feedback Op Amp
REV. B
logo
Microchip Technology
MCP6281 MICROCHIP-MCP6281 Datasheet
580Kb / 32P
   450 UA, 5 MHz Rail-to-Rail Op Amp
2004
logo
Oscilent Corporation
730-450-AW OSCILENT-730-450-AW Datasheet
138Kb / 2P
   450 KHz 6 Element
733-450-AU OSCILENT-733-450-AU Datasheet
137Kb / 2P
   450 KHz 4 Element
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com