Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS456L Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS456L
Description  Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS456L Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS456L Datasheet HTML 1Page - Vectron International, Inc TFS456L Datasheet HTML 2Page - Vectron International, Inc TFS456L Datasheet HTML 3Page - Vectron International, Inc TFS456L Datasheet HTML 4Page - Vectron International, Inc TFS456L Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Filename: tfs 456l.doc
Version 1.3
02.02.2005
VI TELEFILTER
Filter specification
TFS 456L
2/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@telefilter.com
Filter characteristic
416
424
432
440
448
456
464
472
480
488
496
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
frequency in MHz
453 453.6 454.2 454.8 455.4 456 456.6 457.2 457.8 458.4 459
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
frequency in MHz
453 453.6 454.2 454.8 455.4 456 456.6 457.2 457.8 458.4 459
0.38
0.56
0.74
0.92
1.1
1.28
1.46
1.64
1.82
2
2.18
frequency in MHz
Construction and pin connection
(All dimensions in mm)
Date code
200 Ω Test circuit
9
10
L3
L1
L2
SAW
L4
L5
L6
5
1, 2, 3, 6, 7, 8
4
S 456L
T06
1
Ground
2
Ground
3
Ground
4
Output
5
Output
6
Ground
7
Ground
8
Ground
9
Input
10
Input
Date code: Year + week
T
2005
U
2006
V
2007
...
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS456L

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS456 VECTRON-TFS456 Datasheet
33Kb / 3P
   Filter Specification
TFS456A VECTRON-TFS456A Datasheet
253Kb / 5P
   Filter specification
TFS456AC VECTRON-TFS456AC Datasheet
148Kb / 5P
   VI TELEFILTER Filter specification
TFS456AE VECTRON-TFS456AE Datasheet
146Kb / 5P
   VI TELEFILTER Filter specification
TFS456AF VECTRON-TFS456AF Datasheet
208Kb / 5P
   VI TELEFILTER Filter specification
More results

Similar Description - TFS456L

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com