Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC875064B Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LC875064B
Description  8-Bit Single Chip Microcontroller with 64/56/48K-Byte EPROM and 2048-Byte RAM On Chip
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC875064B Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LC875064B Datasheet HTML 2Page - Sanyo Semicon Device LC875064B Datasheet HTML 3Page - Sanyo Semicon Device LC875064B Datasheet HTML 4Page - Sanyo Semicon Device LC875064B Datasheet HTML 5Page - Sanyo Semicon Device LC875064B Datasheet HTML 6Page - Sanyo Semicon Device LC875064B Datasheet HTML 7Page - Sanyo Semicon Device LC875064B Datasheet HTML 8Page - Sanyo Semicon Device LC875064B Datasheet HTML 9Page - Sanyo Semicon Device LC875064B Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LC875064B/56B/48B
No.6714-6/26
QIP
NAME
QIP
NAME
1
P12/SCK0
33
PB1/D1
2
P13/SO1
34
PB0/D0
3
P14/SI1/SB1
35
VSS3
4
P15/SCK1
36
VDD3
5
P16/T1PWML
37
PC7/A7
6
P17/T1PWMH/BUZ
38
PC6/A6
7
PWM1
39
PC5/A5
8
PWM0
40
PC4/A4
9
VDD2
41
PC3/A3
10
VSS2
42
PC2/A2
11
P00
43
PC1/A1
12
P01
44
PC0/A0
13
P02
45
PA2/CS0#
14
P03
46
PA3/WR#
15
P04
47
PA4/RD#
16
P05
48
PA5/RS
17
P06
49
P70/INT0/T0LCP
18
P07
50
P71/INT1/T0HCP
19
P20/INT4/T1IN
51
P72/INT2/T0IN
20
P21/INT4/T1IN
52
P73/INT3/T0IN
21
P22/INT4/T1IN
53
RES#
22
P23/INT4/T1IN
54
XT1
23
P24/INT5/T1IN
55
XT2
24
P25/INT5/T1IN
56
VSS1
25
P26/INT5/T1IN
57
CF1
26
P27/INT5/T1IN
58
CF2
27
PB7/D7
59
VDD1
28
PB6/D6
60
P80/AN0
29
PB5/D5
61
P81/AN1
30
PB4/D4
62
P82/AN2
31
PB3/D3
63
P10/SO0
32
PB2/D2
64
P11/SI0/SB0


Similar Part No. - LC875064B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC875016A SANYO-LC875016A Datasheet
778Kb / 25P
   8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
LC875024A SANYO-LC875024A Datasheet
778Kb / 25P
   8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
LC875032A SANYO-LC875032A Datasheet
778Kb / 25P
   8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
More results

Similar Description - LC875064B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC875J64C SANYO-LC875J64C Datasheet
148Kb / 23P
   ROM 64K/56K/48K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC877264A SANYO-LC877264A Datasheet
707Kb / 24P
   8-Bit Single Chip Microcontroller with 64/56/48 KB ROM and 2048-Byte RAM On Chip
LC87F66C8A SANYO-LC87F66C8A Datasheet
768Kb / 23P
   8-Bit Single Chip Microcontroller with 64 KB FEPROM and 2048-Byte RAM On Chip?
LC876572A SANYO-LC876572A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller with 72/64 KB ROM and 2048-Byte RAM On Chip
LC87F5864B SANYO-LC87F5864B Datasheet
159Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F6D64A SANYO-LC87F6D64A Datasheet
144Kb / 19P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5864C SANYO-LC87F5864C Datasheet
158Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC875032A SANYO-LC875032A Datasheet
778Kb / 25P
   8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
LC877424A SANYO-LC877424A Datasheet
342Kb / 22P
   8 Bit Single Chip Microcontroller Incorporating 48K/40K/32K/24K Byte ROM and 1536 byte RAM on Chip
LC875164A SANYO-LC875164A Datasheet
786Kb / 25P
   8-Bit Single Chip Microcontroller with 64/48/32K-Byte ROM and 1024-Byte RAM On Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com