Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS452A Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS452A
Description  Filter Specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS452A Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS452A Datasheet HTML 1Page - Vectron International, Inc TFS452A Datasheet HTML 2Page - Vectron International, Inc TFS452A Datasheet HTML 3Page - Vectron International, Inc TFS452A Datasheet HTML 4Page - Vectron International, Inc TFS452A Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
File name : TFS452A.doc
version 1.2
21.01.2004
VI TELEFILTER
Filter Specification
TFS 452A
2/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Construction und pin configuration
(All dimensions in mm)
Date code:
Year + week
P
2002
R
2003
S
2004
...
Pin 1 Ground
Pin 2 Input
Pin 3 Ground
Pin 4 Ground
Pin 5 Ground
Pin 6 Output
Pin 7 Ground
Pin 8 Ground
1
3
7
5
1,78
2,54
13
5
7
Date code


Similar Part No. - TFS452A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS450 VECTRON-TFS450 Datasheet
31Kb / 5P
   Filter Specification
TFS450A VECTRON-TFS450A Datasheet
223Kb / 5P
   Filter specification
logo
List of Unclassifed Man...
TFS451A ETC2-TFS451A Datasheet
165Kb / 5P
   Filter specification
logo
Vectron International, ...
TFS451A VECTRON-TFS451A Datasheet
170Kb / 5P
   Filter specification
TFS453 VECTRON-TFS453 Datasheet
124Kb / 5P
   Filter specification
More results

Similar Description - TFS452A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com