Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC867140 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC867140
Description  8-Bit Single Chip Microcontroller with One-Time Programmable PROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC867140 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC867140 Datasheet HTML 1Page - Sanyo Semicon Device LC867140 Datasheet HTML 2Page - Sanyo Semicon Device LC867140 Datasheet HTML 3Page - Sanyo Semicon Device LC867140 Datasheet HTML 4Page - Sanyo Semicon Device LC867140 Datasheet HTML 5Page - Sanyo Semicon Device LC867140 Datasheet HTML 6Page - Sanyo Semicon Device LC867140 Datasheet HTML 7Page - Sanyo Semicon Device LC867140 Datasheet HTML 8Page - Sanyo Semicon Device LC867140 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
91400 RM (IM) HK No.6692-1/21
Ver.1.00
D2994
Preliminary
Overview
The LC86P7148 is a CMOS 8-bit single chip microcontroller with one-time PROM for the LC867100 series.
This
microcontroller has the function and the pin description of the LC867100 series mask ROM version, and 48K-byte PROM.
QFP package are available for shipping as well as LC867100 series.
It is suitable to set up first release, prototyping,
developing and testing of set.
Features
(1) Option switching by PROM data
The option function of the LC867100 series can be specified by the PROM data.
LC86P7148 can be checked the functions of the trial pieces using the mass production board.
(2) Internal one-time PROM capacity : 49152 bytes
(3) Internal RAM capacity
:
1152 bytes
Used PROM or RAM capacity are equal ROM or RAM capacity of mask ROM version which applies LC86P7148.
Mask ROM version
PROM capacity
RAM capacity
LC867148
49152 bytes
1152 bytes
LC867140
40960 bytes
1152 bytes
LC867132
32768 bytes
768 bytes
LC867128
28672 bytes
768 bytes
LC867124
24576 bytes
768 bytes
LC867120
20480 bytes
640 bytes
LC867116
16384 bytes
640 bytes
LC867112
12288 bytes
512 bytes
LC867108
8192 bytes
512 bytes
Programming service
We offers various services at nominal charges.
These include the ROM writing, the ROM reading, the package stamping
and the screening.
Contact our representative for further information.
8-Bit Single Chip Microcontroller
with One-Time Programmable PROM
LC86P7148
Ordering number : ENN*6692
CMOS IC


Similar Part No. - LC867140

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC867140 SANYO-LC867140 Datasheet
637Kb / 20P
   8-Bit Single Chip Microcontroller with the UVEPROM
More results

Similar Description - LC867140

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC86P6560 SANYO-LC86P6560 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6449 SANYO-LC86P6449 Datasheet
653Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5632 SANYO-LC86P5632 Datasheet
702Kb / 23P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P6548 SANYO-LC86P6548 Datasheet
676Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time Programmable PROM
LC86P5420 SANYO-LC86P5420 Datasheet
83Kb / 22P
   8-Bit Single Chip Microcontroller with the One-Time Programmable PROM
LC86P6032 SANYO-LC86P6032 Datasheet
684Kb / 22P
   8-Bit Single Chip Microcontroller with One-Time PROM
LC86P7248 SANYO-LC86P7248 Datasheet
651Kb / 20P
   8-Bit Single-Chip Microcontroller with the One-Time Programmable PROM Built in
LC86P4564 SANYO-LC86P4564 Datasheet
356Kb / 20P
   One-time PROM built-in 8-Bit Single Chip Microcontroller?????????
LC86P4332 SANYO-LC86P4332 Datasheet
353Kb / 19P
   One-time PROM built-in 8-Bit Single Chip Microcontroller???????
LC86E5632 SANYO-LC86E5632 Datasheet
670Kb / 21P
   8-Bit Single Chip Microcontroller with the One-Time Programmable UVEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com