Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS433Z Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS433Z
Description  Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS433Z Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS433Z Datasheet HTML 1Page - Vectron International, Inc TFS433Z Datasheet HTML 2Page - Vectron International, Inc TFS433Z Datasheet HTML 3Page - Vectron International, Inc TFS433Z Datasheet HTML 4Page - Vectron International, Inc TFS433Z Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Filename: tfs 433z.doc
Version 1.1
03.02.2006
VI TELEFILTER
Filter specification
TFS 433Z
2/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@telefilter.com
Filter characteristic
210
290
370
450
530
610
690
770
850
930
1010
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
frequency in MHz
433.4
433.5
433.6
433.7
433.8
433.9
434
434.1
434.2
434.3
434.4
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
frequency in MHz
Construction and pin connection
(All dimensions in mm)
Date code:
Year + week
U
2006
V
2007
W
2008
...
1
Input
2
Ground
3
Ground
4
Ground
5
Output
6
Ground
7
Ground
8
Ground
7
5
1
3
2,54
1,1
1
3
5
7
Date code
433Z
● U05
50 Ω Test circuit
C1
L1
SAW
L2
C2
2, 3, 4, 6, 7, 8
5
1
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS433Z

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS433AA VECTRON-TFS433AA Datasheet
123Kb / 5P
   Filter specification
TFS433AB VECTRON-TFS433AB Datasheet
187Kb / 5P
   Vectron International Filter specification
TFS433B VECTRON-TFS433B Datasheet
36Kb / 5P
   Filter specification
TFS433C VECTRON-TFS433C Datasheet
49Kb / 4P
   Filter specification
TFS433E VECTRON-TFS433E Datasheet
52Kb / 4P
   Filter Specification
More results

Similar Description - TFS433Z

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com