Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB11620GP Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LB11620GP
Description  Monolithic Digital IC Brushless Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11620GP Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LB11620GP Datasheet HTML 5Page - Sanyo Semicon Device LB11620GP Datasheet HTML 6Page - Sanyo Semicon Device LB11620GP Datasheet HTML 7Page - Sanyo Semicon Device LB11620GP Datasheet HTML 8Page - Sanyo Semicon Device LB11620GP Datasheet HTML 9Page - Sanyo Semicon Device LB11620GP Datasheet HTML 10Page - Sanyo Semicon Device LB11620GP Datasheet HTML 11Page - Sanyo Semicon Device LB11620GP Datasheet HTML 12Page - Sanyo Semicon Device LB11620GP Datasheet HTML 13Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
LB11620GP
No.A1913-11/13
Pin Functions
PIN No.
PIN name
Function
Equivalent circuit
24
1
2
3
4
5
IN1-
IN1+
IN2-
IN2+
IN3-
IN3+
Hall input pin.
IN+ > IN- to “H”, IN+
< IN- to “L”.
Connect the capacitor between IN+ and IN-
when the noise of the hall signal becomes a
problem.
VCC
24
2
4
1
3
5
6
PWM
Functions as both the PWM oscillator
frequency setting pin and the initial reset
pulse setting pin. Connect a capacitor
between this pin and ground. It is possible to
set it to about 22kHz with C=2000pF.
VREG
6
7
RD
Lock (motor constrained) detection state
output. This output is turned on when the
motor is turning and off when the lock
protection function detects that the motor has
been stopped.
11
HP
Hall signal output pin.
Two kinds of outputs can be selected by
setting the N1 pin.
VREG
7 11
8
CSD
Sets the operating time for the lock protection
circuit.
Connect a capacitor between this pin and
ground. Connect this pin to ground if the lock
protection function is not used.
VREG
8
9
PWMIN
PWM pulse signal input. The output goes to
the drive state when this pin is low and to the
off state when this pin is high or open. To use
this pin for control, a CTL amplifier input such
that the TOC pin voltage goes to the 100%
duty state must be provided.
10
F/R
Forward/reverse control input.
VREG
9 10
12
N1
Hall signal output (HP output) selection.
VREG
12
Continued on next page


Similar Part No. - LB11620GP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB11620GP ONSEMI-LB11620GP Datasheet
181Kb / 15P
   Three-Phase Direct PWM Brushless Motor Driver
April 2016- Rev. 0
LB11620GP-TE-L-H ONSEMI-LB11620GP-TE-L-H Datasheet
181Kb / 15P
   Three-Phase Direct PWM Brushless Motor Driver
April 2016- Rev. 0
More results

Similar Description - LB11620GP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11620T SANYO-LB11620T Datasheet
133Kb / 11P
   Monolithic Digital IC Brushless Motor Driver
LB11697V SANYO-LB11697V Datasheet
344Kb / 14P
   Monolithic Digital IC Brushless Motor Driver IC
LB11921T SANYO-LB11921T Datasheet
178Kb / 18P
   Monolithic Digital IC Three-Phase Brushless Motor Driver
LB11681H SANYO-LB11681H Datasheet
109Kb / 11P
   Monolithic Digital IC PWM Three-phase Brushless Motor Driver
LB11980H SANYO-LB11980H Datasheet
108Kb / 11P
   Monolithic Digital IC For VCR Capstan Three-Phase Brushless Motor Driver
LB1801CL SANYO-LB1801CL Datasheet
89Kb / 9P
   Monolithic Digital IC Stepping Motor Driver IC
LB1800CL SANYO-LB1800CL Datasheet
80Kb / 8P
   Monolithic Digital IC Stepping Motor Driver IC
LB1909MC SANYO-LB1909MC Datasheet
95Kb / 4P
   Monolithic Digital IC Stepping Motor Driver IC
LB1935T SANYO-LB1935T Datasheet
485Kb / 6P
   Monolithic Digital IC Stepping Motor Driver IC
LB11889M SANYO-LB11889M Datasheet
94Kb / 11P
   Monolithic Digital IC For VCR Capstan Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com